전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI3590DV-T1-GE3 데이터시트(PDF) 1 Page - Vishay Siliconix

부품명 SI3590DV-T1-GE3
상세설명  N- and P-Channel 30-V (D-S) MOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI3590DV-T1-GE3 데이터시트(HTML) 1 Page - Vishay Siliconix

  SI3590DV-T1-GE3 Datasheet HTML 1Page - Vishay Siliconix SI3590DV-T1-GE3 Datasheet HTML 2Page - Vishay Siliconix SI3590DV-T1-GE3 Datasheet HTML 3Page - Vishay Siliconix SI3590DV-T1-GE3 Datasheet HTML 4Page - Vishay Siliconix SI3590DV-T1-GE3 Datasheet HTML 5Page - Vishay Siliconix SI3590DV-T1-GE3 Datasheet HTML 6Page - Vishay Siliconix SI3590DV-T1-GE3 Datasheet HTML 7Page - Vishay Siliconix SI3590DV-T1-GE3 Datasheet HTML 8Page - Vishay Siliconix SI3590DV-T1-GE3 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Vishay Siliconix
Si3590DV
Document Number: 72032
S09-1927-Rev. C, 28-Sep-09
www.vishay.com
1
N- and P-Channel 30-V (D-S) MOSFET
FEATURES
Halogen-free According to IEC 61249-2-21
Definition
•TrenchFET® Power MOSFET
Ultra Low RDS(on) N- and P-Channel for High
Efficiency
Optimized for High-Side/Low-Side
Minimized Conduction Losses
Compliant to RoHS Directive 2002/95/EC
APPLICATIONS
Portable Devices Including PDAs, Cellular Phones and
Pagers
Notes:
a. Surface Mounted on 1" x 1" FR4 board.
PRODUCT SUMMARY
VDS (V)
RDS(on) (Ω)ID (A)
N-Channel
30
0.077 at VGS = 4.5 V
3
0.120 at VGS = 2.5 V
2
P-Channel
- 30
0.170 at VGS = - 4.5 V
- 2
0.300 at VGS = - 2.5 V
- 1.2
TSOP-6
Top View
2.85 mm
3 mm
D2
G2
S1
S2
D1
G1
Ordering Information: Si3590DV-T1-E3 (Lead (Pb)-free)
Si3590DV-T1-GE3 (Lead (Pb)-free and Halogen-free)
6
4
1
2
3
5
D1
G1
S1
N-Channel MOSFET
S2
G2
D2
P-Channel MOSFET
ABSOLUTE MAXIMUM RATINGS TA = 25 °C, unless otherwise noted
Parameter
Symbol
N-Channel
P-Channel
Unit
10 s
Steady State
10 s
Steady State
Drain-Source Voltage
VDS
30
- 30
V
Gate-Source Voltage
VGS
± 12
± 12
Continuous Drain Current (TJ = 150 °C)
a
TA = 25 °C
ID
3
2.5
- 2
- 1.7
A
TA = 70 °C
2.3
2.0
- 1.6
- 1.3
Pulsed Drain Current
IDM
8- 8
Continuous Source Current (Diode Conduction)a
IS
1.05
0.75
- 1.05
- 0.75
Maximum Power Dissipationa
TA = 25 °C
PD
1.15
0.83
1.15
0.83
W
TA = 70 °C
0.70
0.53
0.70
0.53
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 150
°C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
N-Channel
P-Channel
Unit
Typ.
Max.
Typ.
Max.
Maximum Junction-to-Ambienta
t
≤ 10 s
RthJA
93
110
93
110
°C/W
Steady State
130
150
130
150
Maximum Junction-to-Foot (Drain)
Steady State
RthJF
75
90
75
90


유사한 부품 번호 - SI3590DV-T1-GE3

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI3590DV-T1-GE3 VISHAY-SI3590DV-T1-GE3 Datasheet
282Kb / 13P
   N- and P-Channel 30 V (D-S) MOSFET
01-Jan-2022
logo
VBsemi Electronics Co.,...
SI3590DV-T1-GE3 VBSEMI-SI3590DV-T1-GE3 Datasheet
598Kb / 10P
   N- and P-Channel 20V (D-S) MOSFET
More results

유사한 설명 - SI3590DV-T1-GE3

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI4532DY VISHAY-SI4532DY Datasheet
123Kb / 7P
   N- and P-Channel 30-V (D-S) MOSFET
Rev. D, 23-Nov-93
SI6544BDQ VISHAY-SI6544BDQ Datasheet
66Kb / 8P
   N-and P-Channel 30-V (D-S) MOSFET
Rev. A, 16-Jun-03
SI5511DC VISHAY-SI5511DC Datasheet
164Kb / 12P
   N- and P-Channel 30-V (D-S) MOSFET
Rev. B, 22-Oct-07
SI5504BDC VISHAY-SI5504BDC_10 Datasheet
152Kb / 12P
   N- and P-Channel 30 V (D-S) MOSFET
Rev. B, 08-Mar-10
logo
Guangdong Kexin Industr...
KI4544DY KEXIN-KI4544DY Datasheet
56Kb / 2P
   N- and P-Channel 30-V (D-S) MOSFET
logo
VBsemi Electronics Co.,...
AO4606A VBSEMI-AO4606A Datasheet
1Mb / 14P
   N- and P-Channel 30 V (D-S) MOSFET
FDS8960C-NL VBSEMI-FDS8960C-NL Datasheet
1Mb / 14P
   N- and P-Channel 30 V (D-S) MOSFET
logo
Vishay Telefunken
SI3590DV TFUNK-SI3590DV Datasheet
233Kb / 13P
   N- and P-Channel 30-V (D-S) MOSFET
SI4532CDY TFUNK-SI4532CDY Datasheet
296Kb / 15P
   N- and P-Channel 30 V (D-S) MOSFET
logo
VBsemi Electronics Co.,...
SH8M4TB VBSEMI-SH8M4TB Datasheet
1Mb / 14P
   N- and P-Channel 30 V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com