전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI4228DY 데이터시트(PDF) 2 Page - Vishay Siliconix

부품명 SI4228DY
상세설명  Dual N-Channel 25 V (D-S) MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI4228DY 데이터시트(HTML) 2 Page - Vishay Siliconix

  SI4228DY Datasheet HTML 1Page - Vishay Siliconix SI4228DY Datasheet HTML 2Page - Vishay Siliconix SI4228DY Datasheet HTML 3Page - Vishay Siliconix SI4228DY Datasheet HTML 4Page - Vishay Siliconix SI4228DY Datasheet HTML 5Page - Vishay Siliconix SI4228DY Datasheet HTML 6Page - Vishay Siliconix SI4228DY Datasheet HTML 7Page - Vishay Siliconix SI4228DY Datasheet HTML 8Page - Vishay Siliconix SI4228DY Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
www.vishay.com
2
Document Number: 66591
S10-1043-Rev. A, 03-May-10
Vishay Siliconix
Si4228DY
New Product
Notes
a. Pulse test; pulse width
≤ 300 µs, duty cycle ≤ 2 %
b. Guaranteed by design, not subject to production testing.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SPECIFICATIONS TJ = 25 °C, unless otherwise noted
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0 V, ID = 250 µA
25
V
VDS Temperature Coefficient
ΔV
DS/TJ
ID = 250 µA
20
mV/°C
VGS(th) Temperature Coefficient
ΔV
GS(th)/TJ
- 3.2
Gate-Source Threshold Voltage
VGS(th)
VDS = VGS , ID = 250 µA
0.6
1.4
V
Gate-Source Leakage
IGSS
VDS = 0 V, VGS = ± 12 V
± 100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = 25 V, VGS = 0 V
1
µA
VDS = 25 V, VGS = 0 V, TJ = 55 °C
10
On-State Drain Currenta
ID(on)
VDS ≥ 5 V, VGS = 10 V
20
A
Drain-Source On-State Resistancea
RDS(on)
VGS = 10 V, ID = 7 A
0.015
0.018
Ω
VGS = 4.5 V, ID = 7 A
0.016
0.020
VGS = 2.5 V, ID = 5 A
0.020
0.024
Forward Transconductancea
gfs
VDS = 15 V, ID = 7 A
68
S
Dynamicb
Input Capacitance
Ciss
VDS = 12.5 V, VGS = 0 V, f = 1 MHz
790
pF
Output Capacitance
Coss
146
Reverse Transfer Capacitance
Crss
76
Total Gate Charge
Qg
VDS = 12.5 V, VGS = 10 V, ID = 8.6 A
16.5
25
nC
VDS = 12.5 V, VGS = 4.5 V, ID = 8.6 A
7.8
12
Gate-Source Charge
Qgs
1.6
Gate-Drain Charge
Qgd
1.7
Gate Resistance
Rg
f = 1 MHz
0.5
2.5
5
Ω
Turn-On Delay Time
td(on)
VDD = 12.5 V, RL = 1.8 Ω
ID ≅ 6.9 A, VGEN = 4.5 V, Rg = 1 Ω
714
ns
Rise Time
tr
12
18
Turn-Off Delay Time
td(off)
21
30
Fall Time
tf
10
20
Turn-On Delay Time
td(on)
VDD = 12.5 V, RL = 1.8 Ω
ID ≅ 6.9 A, VGEN = 10 V, Rg = 1 Ω
48
Rise Time
tr
918
Turn-Off Delay Time
td(off)
20
30
Fall Time
tf
714
Drain-Source Body Diode Characteristics
Continuous Source-Drain Diode Current
IS
TC = 25 °C
2.6
A
Pulse Diode Forward Currenta
ISM
50
Body Diode Voltage
VSD
IS = 6.9 A
0.82
1.2
V
Body Diode Reverse Recovery Time
trr
IF = 6.9 A, dI/dt = 100 A/µs, TJ = 25 °C
15
23
ns
Body Diode Reverse Recovery Charge
Qrr
612
nC
Reverse Recovery Fall Time
ta
8
ns
Reverse Recovery Rise Time
tb
7


유사한 부품 번호 - SI4228DY

제조업체부품명데이터시트상세설명
logo
Vishay Telefunken
SI4228DY TFUNK-SI4228DY Datasheet
284Kb / 10P
   Dual N-Channel 25 V (D-S) MOSFET
logo
Vishay Siliconix
SI4228DY VISHAY-SI4228DY Datasheet
219Kb / 9P
   Dual N-Channel 25 V (D-S) MOSFET
01-Jan-2022
SI4228DY-T1-E3 VISHAY-SI4228DY-T1-E3 Datasheet
194Kb / 9P
   Dual N-Channel 25 V (D-S) MOSFET
Rev. A, 11-Apr-11
logo
VBsemi Electronics Co.,...
SI4228DY-T1-E3 VBSEMI-SI4228DY-T1-E3 Datasheet
985Kb / 7P
   Dual N-Channel 20-V (D-S) MOSFET
logo
Vishay Siliconix
SI4228DY-T1-GE3 VISHAY-SI4228DY-T1-GE3 Datasheet
219Kb / 9P
   Dual N-Channel 25 V (D-S) MOSFET
01-Jan-2022
More results

유사한 설명 - SI4228DY

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI4952DY VISHAY-SI4952DY Datasheet
176Kb / 9P
   Dual N-Channel 25-V (D-S) MOSFET
Rev. C, 04-May-09
logo
VBsemi Electronics Co.,...
8822 VBSEMI-8822 Datasheet
974Kb / 8P
   Dual N-Channel 25-V (D-S) MOSFET
8205 VBSEMI-8205 Datasheet
963Kb / 8P
   Dual N-Channel 25-V (D-S) MOSFET
PJ8205 VBSEMI-PJ8205 Datasheet
963Kb / 8P
   Dual N-Channel 25-V (D-S) MOSFET
logo
Vishay Telefunken
SI4228DY TFUNK-SI4228DY Datasheet
284Kb / 10P
   Dual N-Channel 25 V (D-S) MOSFET
logo
VBsemi Electronics Co.,...
SM8205AOC-TRL VBSEMI-SM8205AOC-TRL Datasheet
965Kb / 8P
   Dual N-Channel 25-V (D-S) MOSFET
SI6926ADQ-T1-GE3 VBSEMI-SI6926ADQ-T1-GE3 Datasheet
965Kb / 8P
   Dual N-Channel 25-V (D-S) MOSFET
UPA1852GR-9JG-A VBSEMI-UPA1852GR-9JG-A Datasheet
965Kb / 8P
   Dual N-Channel 25-V (D-S) MOSFET
logo
Vishay Siliconix
SI4952DY VISHAY-SI4952DY_V01 Datasheet
175Kb / 9P
   Dual N-Channel 25-V (D-S) MOSFET
01-Jan-2022
SI1904EDH VISHAY-SI1904EDH Datasheet
49Kb / 5P
   DUAL N-CHANNEL 25-V (D-S) MOSFET
Rev. B, 21-May-01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com