전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI4409DY 데이터시트(PDF) 2 Page - Vishay Siliconix

부품명 SI4409DY
상세설명  P-Channel 150-V (D-S) MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI4409DY 데이터시트(HTML) 2 Page - Vishay Siliconix

  SI4409DY Datasheet HTML 1Page - Vishay Siliconix SI4409DY Datasheet HTML 2Page - Vishay Siliconix SI4409DY Datasheet HTML 3Page - Vishay Siliconix SI4409DY Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Vishay Siliconix
SPICE Device Model Si4409DY
SPECIFICATIONS (TJ = 25°C UNLESS OTHERWISE NOTED)
Parameter
Symbol
Test Condition
Simulated
Data
Measured
Data
Unit
Static
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = −250 µA
2.4
V
On-State Drain Current
a
ID(on)
VDS ≥ −5 V, VGS = −10 V
5.1
A
VGS = −10 V, ID = −0.50 A
0.96
0.95
Drain-Source On-State Resistance
a
rDS(on)
VGS = −6 V, ID = −0.50 A
1.1
1
Forward Transconductance
a
gfs
VDS = −10 V, ID = −0.50 A
1
2.2
S
Diode Forward Voltage
a
VSD
IS = −1 A
−0.77
−0.70
V
Dynamic
b
Input Capacitance
Ciss
361
332
Output Capacitance
Coss
25
25
Reverse Transfer Capacitance
Crss
VDS = −50 V, VGS = 0 V, f = 1 MHz
13
13
pF
VDS = −75 V, VGS = −10 V, ID = −0.50 A
6.5
7.7
Total Gate Charge
Qg
4.6
4.8
Gate-Source Charge
Qgs
1.5
1.5
Gate-Drain Charge
Qgd
VDS = −75 V, VGS = −6 V, ID = −0.50 A
2.5
2.5
nC
Notes
a. Pulse test; pulse width
≤ 300 µs, duty cycle ≤ 2%.
b. Guaranteed by design, not subject to production testing.
2
www.vishay.com
Document Number: 74891
S-71389
Rev. A, 16-Jul-07


유사한 부품 번호 - SI4409DY

제조업체부품명데이터시트상세설명
logo
Guangdong Youtai Semico...
SI4401 UMW-SI4401 Datasheet
359Kb / 8P
   P-Channel MOSFET
logo
Vishay Siliconix
SI4401BDY VISHAY-SI4401BDY Datasheet
237Kb / 3P
   P-Channel 40-V (D-S) MOSFET
Rev. B, 13-Jun-05
SI4401BDY VISHAY-SI4401BDY Datasheet
254Kb / 9P
   P-Channel 40-V (D-S) MOSFET
Rev. D, 18-May-09
Si4401BDY VISHAY-Si4401BDY Datasheet
187Kb / 8P
   P-Channel 40-V (D-S) MOSFET
Rev. D, 18-May-09
logo
Guangdong Youtai Semico...
SI4401BDY UMW-SI4401BDY Datasheet
359Kb / 8P
   P-Channel MOSFET
More results

유사한 설명 - SI4409DY

제조업체부품명데이터시트상세설명
logo
Analog Power
AM10P15-550D ANALOGPOWER-AM10P15-550D Datasheet
322Kb / 5P
   P-Channel 150-V (D-S) MOSFET
logo
Vishay Siliconix
SI7117DN-T1-GE3 VISHAY-SI7117DN-T1-GE3 Datasheet
561Kb / 13P
   P-Channel 150 V (D-S) MOSFET
Rev. C, 11-Apr-11
logo
Guangdong Kexin Industr...
KI2325DS KEXIN-KI2325DS Datasheet
52Kb / 2P
   P-Channel 150-V (D-S) MOSFET
logo
Vishay Siliconix
SI4455DY VISHAY-SI4455DY_V01 Datasheet
191Kb / 9P
   P-Channel 150-V (D-S) MOSFET
01-Jan-2022
SI7439DP VISHAY-SI7439DP_V01 Datasheet
375Kb / 12P
   P-Channel 150 V (D-S) MOSFET
01-Jan-2022
SI4455DY VISHAY-SI4455DY Datasheet
140Kb / 4P
   P-Channel 150-V (D-S) MOSFET
Rev. A, 18-Aug-08
SI2325DS VISHAY-SI2325DS Datasheet
89Kb / 6P
   P-Channel 150-V (D-S) MOSFET
S-42449-Rev. A, 10-Jan-05
logo
Analog Power
AM90P15-30P ANALOGPOWER-AM90P15-30P Datasheet
339Kb / 5P
   P-Channel 150-V (D-S) MOSFET
AM90P15-60P ANALOGPOWER-AM90P15-60P Datasheet
343Kb / 5P
   P-Channel 150-V (D-S) MOSFET
logo
Vishay Siliconix
SI3437DV VISHAY-SI3437DV_15 Datasheet
199Kb / 12P
   P-Channel 150-V (D-S) MOSFET
Rev. B, 04-May-09
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com