전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI4446DY-T1-E3 데이터시트(PDF) 3 Page - Vishay Siliconix

부품명 SI4446DY-T1-E3
상세설명  N-Channel 40-V (D-S) MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI4446DY-T1-E3 데이터시트(HTML) 3 Page - Vishay Siliconix

  SI4446DY-T1-E3 Datasheet HTML 1Page - Vishay Siliconix SI4446DY-T1-E3 Datasheet HTML 2Page - Vishay Siliconix SI4446DY-T1-E3 Datasheet HTML 3Page - Vishay Siliconix SI4446DY-T1-E3 Datasheet HTML 4Page - Vishay Siliconix SI4446DY-T1-E3 Datasheet HTML 5Page - Vishay Siliconix SI4446DY-T1-E3 Datasheet HTML 6Page - Vishay Siliconix SI4446DY-T1-E3 Datasheet HTML 7Page - Vishay Siliconix SI4446DY-T1-E3 Datasheet HTML 8Page - Vishay Siliconix SI4446DY-T1-E3 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Document Number: 73661
S09-0322-Rev. B, 02-Mar-09
www.vishay.com
3
Vishay Siliconix
Si4446DY
New Product
TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
Output Characteristics
On-Resistance vs. Drain Current
Gate Charge
0
4
8
12
16
20
0
1234
5
VGS = 10 V thru 3 V
VDS - Drain-to-Source Voltage (V)
2 V
0.020
0.025
0.030
0.035
0.040
0.045
0.050
04
8
12
16
20
ID - Drain Current (A)
VGS = 10 V
VGS = 4.5 V
0
1
2
3
4
5
6
0
12345
6
7
8
910
11
ID = 5.2 A
Qg - Total Gate Charge (nC)
VDS = 10 V
VDS = 20 V
Transfer Characteristics
Capacitance
On-Resistance vs. Junction Temperature
0
4
8
12
16
20
0.0
0.5
1.0
1.5
2.0
2.5
3.0
TC = 125
- 55 °C
25 °C
VGS - Gate-to-Source Voltage (V)
0
200
400
600
800
1000
1200
0
5
10
15
20
25
30
35
40
VDS - Drain-to-Source Voltage (V)
Coss
Ciss
Crss
0.6
0.8
1.0
1.2
1.4
1.6
1.8
- 50
- 25
0
25
50
75
100
125
150
VGS = 10 V
ID = 5.2 A
TJ - Junction Temperature (°C)


유사한 부품 번호 - SI4446DY-T1-E3

제조업체부품명데이터시트상세설명
logo
VBsemi Electronics Co.,...
SI4446DY-T1-E3 VBSEMI-SI4446DY-T1-E3 Datasheet
1Mb / 9P
   N-Channel 40-V (D-S) MOSFET
More results

유사한 설명 - SI4446DY-T1-E3

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI2318DS VISHAY-SI2318DS Datasheet
79Kb / 4P
   N-Channel 40-V (D-S) MOSFET
Rev. A, 18-Aug-03
SIRA58DP VISHAY-SIRA58DP Datasheet
409Kb / 13P
   N-Channel 40 V (D-S) MOSFET
Rev. A, 08-Feb-16
SUM90N04-3M3P VISHAY-SUM90N04-3M3P Datasheet
185Kb / 8P
   N-Channel 40 V (D-S) MOSFET
Rev. B, 02-Dec-13
logo
Analog Power
AM2340N ANALOGPOWER-AM2340N Datasheet
326Kb / 5P
   N-Channel 40-V (D-S) MOSFET
AM90N04-01P ANALOGPOWER-AM90N04-01P Datasheet
315Kb / 5P
   N-Channel 40-V (D-S) MOSFET
logo
Vishay Siliconix
SI7156DP VISHAY-SI7156DP Datasheet
108Kb / 7P
   N-Channel 40-V (D-S) MOSFET
Rev. B, 09-Feb-09
SISS10DN VISHAY-SISS10DN Datasheet
330Kb / 9P
   N-Channel 40 V (D-S) MOSFET
Rev. A, 08-Feb-16
logo
Analog Power
AM2344N ANALOGPOWER-AM2344N Datasheet
313Kb / 5P
   N-Channel 40-V (D-S) MOSFET
logo
Vishay Siliconix
SI2318CDS VISHAY-SI2318CDS Datasheet
236Kb / 10P
   N-Channel 40 V (D-S) MOSFET
Rev. A, 04-Oct-10
SI4154DY VISHAY-SI4154DY Datasheet
91Kb / 7P
   N-Channel 40-V (D-S) MOSFET
Rev. A, 01-Jun-09
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com