전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI4511DY 데이터시트(PDF) 6 Page - Vishay Siliconix

부품명 SI4511DY
상세설명  N- and P-Channel 20-V (D-S) MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI4511DY 데이터시트(HTML) 6 Page - Vishay Siliconix

Back Button SI4511DY_09 Datasheet HTML 2Page - Vishay Siliconix SI4511DY_09 Datasheet HTML 3Page - Vishay Siliconix SI4511DY_09 Datasheet HTML 4Page - Vishay Siliconix SI4511DY_09 Datasheet HTML 5Page - Vishay Siliconix SI4511DY_09 Datasheet HTML 6Page - Vishay Siliconix SI4511DY_09 Datasheet HTML 7Page - Vishay Siliconix SI4511DY_09 Datasheet HTML 8Page - Vishay Siliconix SI4511DY_09 Datasheet HTML 9Page - Vishay Siliconix SI4511DY_09 Datasheet HTML 10Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
www.vishay.com
6
Document Number: 72223
S09-0867-Rev. E, 18-May-09
Vishay Siliconix
Si4511DY
P-CHANNEL TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
Output Characteristics
On-Resistance vs. Drain Current
Gate Charge
0
8
16
24
32
40
0.0
0.4
0.8
1.2
1.6
2.0
VGS = 5 V thru 3.5 V
VDS - Drain-to-Source Voltage (V)
2.5 V
2 V
3 V
1.5 V
0.00
0.02
0.04
0.06
0.08
0.10
0
8
16
24
32
40
ID - Drain Current (A)
VGS = 4.5 V
VGS = 2.5 V
0
1
2
3
4
5
0
3
6
9
12
15
18
VDS = 10 V
ID = 6.2 A
Qg - Total Gate Charge (nC)
Transfer Characteristics
Capacitance
On-Resistance vs. Junction Temperature
0
8
16
24
32
40
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
TC = - 55 °C
125 °C
25 °C
VGS - Gate-to-Source Voltage (V)
0
500
1000
1500
2000
2500
3000
04
8
12
16
20
VDS - Drain-to-Source Voltage (V)
Crss
Coss
Ciss
0.6
0.8
1.0
1.2
1.4
1.6
- 50
- 25
0
25
50
75
100
125
150
VGS = 4.5 V
ID = 6.2 A
TJ - Junction Temperature (°C)


유사한 부품 번호 - SI4511DY_09

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI4511DY VISHAY-SI4511DY_06 Datasheet
127Kb / 9P
   N- and P-Channel 20-V (D-S) MOSFET
Rev. D, 12-Jun-06
More results

유사한 설명 - SI4511DY_09

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI3588DV VISHAY-SI3588DV Datasheet
59Kb / 7P
   N- and P-Channel 20-V (D-S) MOSFET
Rev. A, 23-Oct-00
SI3586DV VISHAY-SI3586DV Datasheet
362Kb / 4P
   N- and P-Channel 20-V (D-S) MOSFET
Rev. B, 16-May-05
SI1553CDL VISHAY-SI1553CDL Datasheet
262Kb / 16P
   N- and P-Channel 20 V (D-S) MOSFET
Rev. A, 02-May-11
SI3586DV VISHAY-SI3586DV_09 Datasheet
212Kb / 13P
   N- and P-Channel 20-V (D-S) MOSFET
Rev. D, 12-Oct-09
logo
Vaishali Semiconductor
SI3585DV VAISH-SI3585DV Datasheet
67Kb / 7P
   N- and P-Channel 20-V (D-S) MOSFET
logo
Vishay Siliconix
SI4511DY VISHAY-SI4511DY Datasheet
77Kb / 8P
   N- and P-Channel 20-V (D-S) MOSFET
Rev. B, 09-Aug-04
SI5509DC VISHAY-SI5509DC_08 Datasheet
134Kb / 12P
   N- and P-Channel 20-V (D-S) MOSFET
Rev. A, 20-Mar-06
SI5515CDC VISHAY-SI5515CDC_10 Datasheet
276Kb / 16P
   N- and P-Channel 20 V (D-S) MOSFET
Rev. B, 08-Mar-10
SIA519EDJ VISHAY-SIA519EDJ Datasheet
275Kb / 14P
   N- and P-Channel 20-V (D-S) MOSFET
Rev. B, 14-Dec-09
SI4511DY VISHAY-SI4511DY_V01 Datasheet
142Kb / 9P
   N- and P-Channel 20-V (D-S) MOSFET
01-Jan-2022
logo
VBsemi Electronics Co.,...
AO7600 VBSEMI-AO7600 Datasheet
1Mb / 9P
   N- and P- Channel 20 V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com