전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI4620DY-T1-GE3 데이터시트(PDF) 5 Page - Vishay Siliconix

부품명 SI4620DY-T1-GE3
상세설명  N-Channel 30-V (D-S) MOSFET with Schottky Diode
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI4620DY-T1-GE3 데이터시트(HTML) 5 Page - Vishay Siliconix

  SI4620DY-T1-GE3 Datasheet HTML 1Page - Vishay Siliconix SI4620DY-T1-GE3 Datasheet HTML 2Page - Vishay Siliconix SI4620DY-T1-GE3 Datasheet HTML 3Page - Vishay Siliconix SI4620DY-T1-GE3 Datasheet HTML 4Page - Vishay Siliconix SI4620DY-T1-GE3 Datasheet HTML 5Page - Vishay Siliconix SI4620DY-T1-GE3 Datasheet HTML 6Page - Vishay Siliconix SI4620DY-T1-GE3 Datasheet HTML 7Page - Vishay Siliconix SI4620DY-T1-GE3 Datasheet HTML 8Page - Vishay Siliconix SI4620DY-T1-GE3 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Document Number: 73862
S09-1341-Rev. D, 13-Jul-09
www.vishay.com
5
Vishay Siliconix
Si4620DY
TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
Source-Drain Diode Forward Voltage
Threshold Voltage
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
40
10
1
VSD - Source-to-Drain Voltage (V)
TJ = 25 °C
TJ = 150 °C
1.2
1.4
1.6
1.8
2.0
2.2
2.4
- 50
- 25
0
25
50
75
100
125
150
ID = 250 µA
T - Temperature (°C)
J
On-Resistance vs. Gate-to-Source Voltage
Single Pulse Power
0.00
0.02
0.04
0.06
0.08
0.10
0.12
02
4
6
8
10
ID = 6 A
VGS - Gate-to-Source Voltage (V)
25 °C
125 °C
0
30
50
10
20
Time (s)
40
1
100
600
10
10-1
10-2
10-3
Safe Operating Area, Junction-to-Ambient
100
0.1
1
10
100
0.01
10
0.1
1
Limited by RDS(on)*
TA = 25 °C
Single Pulse
BVDSS Limited
P(t) = 1
P(t) = 10
DC
P(t) = 0.01
P(t) = 0.1
P(t) = 0.001
P(t) = 0.0001
VDS - Drain-to-Source Voltage (V)
* VGS > minimum VGS at which RDS(on) is specified


유사한 부품 번호 - SI4620DY-T1-GE3

제조업체부품명데이터시트상세설명
logo
Vishay Telefunken
SI4620DY TFUNK-SI4620DY Datasheet
287Kb / 13P
   N-Channel 30-V (D-S) MOSFET with Schottky Diode
More results

유사한 설명 - SI4620DY-T1-GE3

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI7160DP VISHAY-SI7160DP Datasheet
109Kb / 7P
   N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. B, 16-Feb-09
SI4646DY VISHAY-SI4646DY Datasheet
210Kb / 9P
   N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. B, 18-May-09
SIE726DF VISHAY-SIE726DF Datasheet
210Kb / 10P
   N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. B, 13-Jul-09
logo
Unisonic Technologies
UT4810D UTC-UT4810D Datasheet
201Kb / 5P
   N-CHANNEL 30-V (D-S) MOSFET WITH SCHOTTKY DIODE
logo
Vishay Siliconix
SI4810DY VISHAY-SI4810DY Datasheet
43Kb / 5P
   N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. F, 26-May-03
SI7720DN VISHAY-SI7720DN Datasheet
552Kb / 14P
   N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. A, 04-Aug-08
SI4812BDY-E3 VISHAY-SI4812BDY-E3 Datasheet
254Kb / 9P
   N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. D, 29-Dec-08
logo
Vishay Telefunken
SIS782DN TFUNK-SIS782DN Datasheet
560Kb / 14P
   N-Channel 30 V (D-S) MOSFET with Schottky Diode
SI7748DP TFUNK-SI7748DP Datasheet
385Kb / 13P
   N-Channel 30 V (D-S) MOSFET with Schottky Diode
logo
Vishay Siliconix
SIS782DN VISHAY-SIS782DN_V01 Datasheet
594Kb / 13P
   N-Channel 30 V (D-S) MOSFET with Schottky Diode
01-Jan-2022
SIS780DN VISHAY-SIS780DN_V01 Datasheet
592Kb / 13P
   N-Channel 30 V (D-S) MOSFET with Schottky Diode
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com