전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI4720CY 데이터시트(PDF) 2 Page - Vishay Siliconix

부품명 SI4720CY
상세설명  Battery Disconnect Switch
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI4720CY 데이터시트(HTML) 2 Page - Vishay Siliconix

  SI4720CY Datasheet HTML 1Page - Vishay Siliconix SI4720CY Datasheet HTML 2Page - Vishay Siliconix SI4720CY Datasheet HTML 3Page - Vishay Siliconix SI4720CY Datasheet HTML 4Page - Vishay Siliconix SI4720CY Datasheet HTML 5Page - Vishay Siliconix SI4720CY Datasheet HTML 6Page - Vishay Siliconix SI4720CY Datasheet HTML 7Page - Vishay Siliconix SI4720CY Datasheet HTML 8Page - Vishay Siliconix SI4720CY Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
www.vishay.com
2
Document Number: 70664
S11-1185-Rev. C, 13-Jun-11
Vishay Siliconix
Si4720
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes:
a. VSD  30 VDC.
b. Device mounted with all leads soldered to 1" x 1" FR4 with laminated copper PC board.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
This device has a maximum recommended operating junction temperature of 85 °C. This temperature limit is used for electrical specifications such as logic transition
voltages only and is not a reliability limit. The device can be used with junction temperatures up to 150 °C if relaxed specifications can be tolerated, although limits for
these specifications may not be given. Performance curves can be used to give an indication of specifications at higher temperatures, but are not guaranteed.
Notes:
a. Room = 25 °C, full = as determined by the operating temperature suffix.
b. The algebraic convention whereby the most negative value is a minimum and the most positive a maximum.
c. Typical values are for DESIGN AID ONLY, not guaranteed nor subject to production testing.
d. Guaranteed by design, not subject to production testing.
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Limit
Unit
Voltage Referenced to GND VS, VD
a
- 0.3 to 32
V
VSD
- 0.3 to 30
VIN1, VIN2
- 0.3 to 15
VGS
20
Storage Temperature
- 55 to 150
°C
Power Dissipationb
t = 10 s
2.5
W
t = Steady State
1.5
RECOMMENDED OPERATING RANGE
Parameter
Symbol
Limit
Unit
VS, VD
6 to 30
V
VIN1, VIN2
0 to 13.2
IDS
0 to 6
A
Operating Temperature Range
- 25 to 85
°C
Junction Temperature
- 25 to 150
SPECIFICATIONS
Test Conditions
Unless Otherwise Specified
Limits
Unit
Parameter
Symbol
Temp.a
Min.b
Typ.c
Max.b
On-Resistance
rDS
VS = 10 V, ID = 1 A, VIN = H
Room
0.0155
0.020
Leakage Current
IDS(off)
VDS = 10 V
Room
1
µA
Supply Current
IS(off)
VS = 21 V
Room
1
IS(on)
Room
1.1
6
Input Voltage Low
VINL
VS = 10 and VS = 21
Full
1
V
Input Voltage High
VINH
Full
2.5
Input Leakage Current
IINH
VIN = 5 V
Full
5
µA
Turn-On Delay
IN
to D or S
tON(IN)
VS = 10 V, RL = 5 , Figure 1
Room
2.2
2.9
10
µs
Turn-Off Delay
tOFF(IN)
Room
1.5
2.1
Break-Before-Maked
tBBM
Room
1.05
Rise Time
tRISE
VS = 10 V, RL = 5 , Figure 1
Room
1.3
2.5
Fall Time
tFALL
Room
50
100
ns
Voltage Across pin 6 and 7
VGS
VS = 30
Room
10.2
18
V
Forward Diode
VSD
ID = - 1 A
Room
1.1


유사한 부품 번호 - SI4720CY

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI4720CY VISHAY-SI4720CY Datasheet
72Kb / 8P
   Battery Disconnect Switch
Rev. B, 21-Jul-97
More results

유사한 설명 - SI4720CY

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI9717 VISHAY-SI9717 Datasheet
41Kb / 3P
   Battery Disconnect Switch
Rev. D, 19-Apr-04
SI9718CY VISHAY-SI9718CY Datasheet
64Kb / 3P
   Battery Disconnect Switch
Rev. E, 05-Apr-99
SI9717CY VISHAY-SI9717CY Datasheet
86Kb / 3P
   Battery Disconnect Switch
Rev. C, 05-Apr-99
SI4719CY VISHAY-SI4719CY Datasheet
80Kb / 8P
   Battery Disconnect Switch
Rev. B, 31-Aug-98
SI4720 VISHAY-SI4720_V01 Datasheet
113Kb / 10P
   Battery Disconnect Switch
08-Feb-17
SI4710CY VISHAY-SI4710CY Datasheet
78Kb / 9P
   Battery Disconnect Switch
Rev. A, 20-Dec-98
SI4720CY VISHAY-SI4720CY Datasheet
72Kb / 8P
   Battery Disconnect Switch
Rev. B, 21-Jul-97
logo
Cooper Bussmann, Inc.
15968 COOPER-15968 Datasheet
68Kb / 1P
   Battery Disconnect Switch
logo
Littelfuse
75920 LITTELFUSE-75920 Datasheet
216Kb / 2P
   36V MASTER BATTERY DISCONNECT SWITCH
2022 Littelfuse, Inc. 072022-A
24024 LITTELFUSE-24024 Datasheet
380Kb / 1P
   24024 SERIES BATTERY DISCONNECT SWITCH
2018 Rev: 121818
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com