전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI4724CY-T1-E3 데이터시트(PDF) 2 Page - Vishay Siliconix

부품명 SI4724CY-T1-E3
상세설명  N-Channel Synchronous MOSFETs With Break-Before-Make
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI4724CY-T1-E3 데이터시트(HTML) 2 Page - Vishay Siliconix

  SI4724CY-T1-E3 Datasheet HTML 1Page - Vishay Siliconix SI4724CY-T1-E3 Datasheet HTML 2Page - Vishay Siliconix SI4724CY-T1-E3 Datasheet HTML 3Page - Vishay Siliconix SI4724CY-T1-E3 Datasheet HTML 4Page - Vishay Siliconix SI4724CY-T1-E3 Datasheet HTML 5Page - Vishay Siliconix SI4724CY-T1-E3 Datasheet HTML 6Page - Vishay Siliconix SI4724CY-T1-E3 Datasheet HTML 7Page - Vishay Siliconix SI4724CY-T1-E3 Datasheet HTML 8Page - Vishay Siliconix SI4724CY-T1-E3 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
www.vishay.com
2
Document Number: 71863
S11-1185-Rev. F, 13-Jun-11
Vishay Siliconix
Si4724
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes:
a. Surface mounted on 1" x 1" FR4 board, full copper two sides.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
Notes:
a. Surface mounted on 1" x 1" FR4 board.
b. Junction-to-foot thermal impedance represents the effective thermal impedance of all heat carrying leads in parallel and is intended for use in
conjunction with the thermal impedance of the PC board pads to ambient (RthJA = RthJF + RthPCB-A). It can also be used to estimate chip tem-
perature if power dissipation and the lead temperature of a heat carrying (drain) lead is known.
ABSOLUTE MAXIMUM RATINGS (TA = 25 °C, unless otherwise noted)
Parameter
Symbol
Steady State
Unit
Logic Supply
VDD
7
V
Logic Inputs
VIN
- 0.7 to VDD + 0.3
Drain Voltage
VD1
30
Bootstrap Voltage
VBOOT
VS1 + 7
Synchronous pin Voltage
VSYNC
- 0.7 to VDD + 0.3
Continuous Drain Current
TA = 25 °C
ID1
5.1
A
TA = 70 °C
4.09
TA = 25 °C
ID2
6.5
TA = 70 °C
5.2
Maximum Power Dissipationa
PD
1.2
W
Operating Junction and Storage Temperature Range
Driver
TJ, Tstg
- 65 to 125
°C
MOSFETs
- 65 to 150
RECOMMENDED OPERATING CONDITIONS
Parameter
Symbol
Steady State
Unit
Drain Voltage
VD1
0 to 30
V
Logic Supply
VDD
4.5 to 5.5
Input Logic High Voltage
VIH
0.7 x VDD to VDD
Input Logic Low Voltage
VIL
- 0.3 to 0.3 x VDD
Bootstrap Capacitor
CBOOT
0.1 to 1
µ
Ambient Temperature
TA
- 40 to 85
°C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
Highside Junction-to-Ambienta
Steady State
RthJA1
85
105
°C/W
Lowside Junction-to-Ambienta
RthJA2
68
85
Highside Junction-to-Foot (Drain)b
RthJF1
28
35
Lowside Junction-to-Foot (Drain)b
RthJF2
19
24


유사한 부품 번호 - SI4724CY-T1-E3

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI4724CY VISHAY-SI4724CY Datasheet
70Kb / 8P
   N-Channel Synchronous MOSFETs with Break-Before-Make
Rev. D, 19-May-03
SI4724CY VISHAY-SI4724CY Datasheet
413Kb / 8P
   N-Channel Synchronous MOSFETs
Rev. B, 14-Mar-05
SI4724CY VISHAY-SI4724CY_05 Datasheet
413Kb / 8P
   N-Channel Synchronous MOSFETs
Rev. B, 14-Mar-05
More results

유사한 설명 - SI4724CY-T1-E3

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI4724CY VISHAY-SI4724CY Datasheet
70Kb / 8P
   N-Channel Synchronous MOSFETs with Break-Before-Make
Rev. D, 19-May-03
SI4726CY VISHAY-SI4726CY Datasheet
72Kb / 9P
   N-Channel Synchronous MOSFETs with Break-Before-Make
Rev. C, 03-Feb-03
SI4728CY VISHAY-SI4728CY Datasheet
77Kb / 9P
   N-Channel Synchronous MOSFETs with Break-Before-Make
Rev. C, 03-Feb-03
SI4724 VISHAY-SI4724_V01 Datasheet
176Kb / 11P
   N-Channel Synchronous MOSFETs With Break-Before-Make
02-Oct-12
SIP41101 VISHAY-SIP41101 Datasheet
102Kb / 6P
   Half-Bridge N-Channel MOSFET Driver With Break-Before-Make
Rev. A, 11-Aug-03
logo
Pasternack Enterprises,...
PE71S6131 PASTERNACK-PE71S6131 Datasheet
432Kb / 4P
   Switching Sequence Break Before Make
PE71S6130 PASTERNACK-PE71S6130 Datasheet
455Kb / 4P
   Switching Sequence Break Before Make
PE71S6128 PASTERNACK-PE71S6128 Datasheet
464Kb / 4P
   Switching Sequence Break Before Make
PE71S6132 PASTERNACK-PE71S6132 Datasheet
492Kb / 4P
   Switching Sequence Break Before Make
PE71S6129 PASTERNACK-PE71S6129 Datasheet
462Kb / 4P
   Switching Sequence Break Before Make
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com