전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI4812BDY-T1-E3 데이터시트(PDF) 1 Page - Vishay Siliconix

부품명 SI4812BDY-T1-E3
상세설명  N-Channel 30-V (D-S) MOSFET with Schottky Diode
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI4812BDY-T1-E3 데이터시트(HTML) 1 Page - Vishay Siliconix

  SI4812BDY-T1-E3 Datasheet HTML 1Page - Vishay Siliconix SI4812BDY-T1-E3 Datasheet HTML 2Page - Vishay Siliconix SI4812BDY-T1-E3 Datasheet HTML 3Page - Vishay Siliconix SI4812BDY-T1-E3 Datasheet HTML 4Page - Vishay Siliconix SI4812BDY-T1-E3 Datasheet HTML 5Page - Vishay Siliconix SI4812BDY-T1-E3 Datasheet HTML 6Page - Vishay Siliconix SI4812BDY-T1-E3 Datasheet HTML 7Page - Vishay Siliconix SI4812BDY-T1-E3 Datasheet HTML 8Page - Vishay Siliconix SI4812BDY-T1-E3 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Vishay Siliconix
Si4812BDY
Document Number: 73038
S-83039-Rev. D, 29-Dec-08
www.vishay.com
1
N-Channel 30-V (D-S) MOSFET with Schottky Diode
FEATURES
Halogen-free According to IEC 61249-2-21
Available
LITTLE FOOT®
Plus Power MOSFET
100 % Rg Tested
MOSFET PRODUCT SUMMARY
VDS (V)
RDS(on) (Ω)ID (A)
30
0.016 at VGS = 10 V
9.5
0.021 at VGS = 4.5 V
7.7
SCHOTTKY PRODUCT SUMMARY
VDS (V)
VSD (V)
Diode Forward Voltage
IF (A)
30
0.50 V at 1.0 A
1.4
S
S
D
S
G
D
D
D
SO-8
5
6
7
8
Top View
2
3
4
1
Ordering Information: Si4812BDY-T1-E3 (Lead (Pb)-free)
Si4812BDY-T1-GE3 (Lead (Pb)-free and Halogen-free)
N-channel MOSFET
G
S
Schottky Diode
D
Notes:
a. Surface Mounted on FR4 board.
b. t
≤ 10 s.
ABSOLUTE MAXIMUM RATINGS TA = 25 °C, unless otherwise noted
Parameter
Symbol
Limit
Unit
10 s
Steady State
Drain-Source Voltage (MOSFET)
VDS
30
V
Reverse Voltage (Schottky)
30
Gate-Source Voltage (MOSFET)
VGS
± 20
Continuous Drain Current (TJ = 150 °C) (MOSFET)
a, b
TA = 25 °C
ID
9.5
7.3
A
TA = 70 °C
7.7
5.9
Pulsed Drain Current (MOSFET)
IDM
50
Continuous Source Current (MOSFET Diode Conduction)a, b
IS
2.1
1.2
Average Forward Current (Schottky)
IF
1.4
0.8
Pulsed Forward Current (Schottky)
IFM
30
Single Pulse Avalanche Current
L = 0.1 mH
IAS
5
Avalanche Energy
EAS
1.25
mJ
Maximum Power Dissipation (MOSFET)a, b
TA = 25 °C
PD
2.5
1.4
W
TA = 70 °C
1.6
0.9
Maximum Power Dissipation (Schottky)a, b
TA = 25 °C
2.0
1.2
TA = 70 °C
1.3
0.8
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 150
°C
THERMAL RESISTANCE RATINGS
Parameter
Device
Symbol
Typical
Maximum
Unit
Maximum Junction-to-Ambient (t
≤ 10 s)a
MOSFET
RthJA
40
50
°C/W
Schottky
50
60
Maximum Junction-to-Ambient (t = Steady State)a
MOSFET
72
90
Schottky
85
100
Maximum Junction-to-Foot (t = Steady State)a
MOSFET
RthJF
18
23
Schottky
24
30


유사한 부품 번호 - SI4812BDY-T1-E3

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI4812BDY-E3 VISHAY-SI4812BDY-E3 Datasheet
254Kb / 9P
   N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. D, 29-Dec-08
More results

유사한 설명 - SI4812BDY-T1-E3

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI7160DP VISHAY-SI7160DP Datasheet
109Kb / 7P
   N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. B, 16-Feb-09
SI4646DY VISHAY-SI4646DY Datasheet
210Kb / 9P
   N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. B, 18-May-09
SIE726DF VISHAY-SIE726DF Datasheet
210Kb / 10P
   N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. B, 13-Jul-09
logo
Unisonic Technologies
UT4810D UTC-UT4810D Datasheet
201Kb / 5P
   N-CHANNEL 30-V (D-S) MOSFET WITH SCHOTTKY DIODE
logo
Vishay Siliconix
SI4810DY VISHAY-SI4810DY Datasheet
43Kb / 5P
   N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. F, 26-May-03
SI7720DN VISHAY-SI7720DN Datasheet
552Kb / 14P
   N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. A, 04-Aug-08
SI4812BDY-E3 VISHAY-SI4812BDY-E3 Datasheet
254Kb / 9P
   N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. D, 29-Dec-08
logo
Vishay Telefunken
SIS782DN TFUNK-SIS782DN Datasheet
560Kb / 14P
   N-Channel 30 V (D-S) MOSFET with Schottky Diode
SI7748DP TFUNK-SI7748DP Datasheet
385Kb / 13P
   N-Channel 30 V (D-S) MOSFET with Schottky Diode
logo
Vishay Siliconix
SIS782DN VISHAY-SIS782DN_V01 Datasheet
594Kb / 13P
   N-Channel 30 V (D-S) MOSFET with Schottky Diode
01-Jan-2022
SIS780DN VISHAY-SIS780DN_V01 Datasheet
592Kb / 13P
   N-Channel 30 V (D-S) MOSFET with Schottky Diode
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com