전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI4936CDY 데이터시트(PDF) 5 Page - Vishay Siliconix

부품명 SI4936CDY
상세설명  Dual N-Channel 30-V (D-S) MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI4936CDY 데이터시트(HTML) 5 Page - Vishay Siliconix

  SI4936CDY Datasheet HTML 1Page - Vishay Siliconix SI4936CDY Datasheet HTML 2Page - Vishay Siliconix SI4936CDY Datasheet HTML 3Page - Vishay Siliconix SI4936CDY Datasheet HTML 4Page - Vishay Siliconix SI4936CDY Datasheet HTML 5Page - Vishay Siliconix SI4936CDY Datasheet HTML 6Page - Vishay Siliconix SI4936CDY Datasheet HTML 7Page - Vishay Siliconix SI4936CDY Datasheet HTML 8Page - Vishay Siliconix SI4936CDY Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Document Number: 69097
S09-0390-Rev. C, 09-Mar-09
www.vishay.com
5
Vishay Siliconix
Si4936CDY
New Product
TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
* The power dissipation PD is based on TJ(max) = 150 °C, using junction-to-case thermal resistance, and is more useful in settling the upper
dissipation limit for cases where additional heatsinking is used. It is used to determine the current rating, when this rating falls below the package
limit.
Current Derating*
0
2
4
6
8
0
255075
100
125
150
TC - Case Temperature (°C)
Power, Junction-to-Case
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0
25
50
75
100
125
150
TC - Case Temperature (°C)
Power, Junction-to-Ambient
0.0
0.3
0.6
0.9
1.2
1.5
0
25
50
75
100
125
150
TA -Ambient Temperature (°C)


유사한 부품 번호 - SI4936CDY

제조업체부품명데이터시트상세설명
logo
SHENZHEN DOINGTER SEMIC...
SI4936CDY DOINGTER-SI4936CDY Datasheet
1Mb / 4P
   Dual N-Channel MOSFET uses advanced trench technology
logo
Vishay Siliconix
SI4936CDY VISHAY-SI4936CDY Datasheet
197Kb / 9P
   Dual N-Channel 30 V (D-S) MOSFET
01-Jan-2022
logo
VBsemi Electronics Co.,...
SI4936CDY-T1-E3 VBSEMI-SI4936CDY-T1-E3 Datasheet
1Mb / 9P
   Dual N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI4936CDY-T1-GE3 VISHAY-SI4936CDY-T1-GE3 Datasheet
197Kb / 9P
   Dual N-Channel 30 V (D-S) MOSFET
01-Jan-2022
SI4936CDY VISHAY-SI4936CDY_V01 Datasheet
197Kb / 9P
   Dual N-Channel 30 V (D-S) MOSFET
01-Jan-2022
More results

유사한 설명 - SI4936CDY

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI7212DN VISHAY-SI7212DN Datasheet
94Kb / 6P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. B, 13-Jun-05
logo
DinTek Semiconductor Co...
DTM4936 DINTEK-DTM4936 Datasheet
294Kb / 9P
   Dual N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI4932DY VISHAY-SI4932DY Datasheet
111Kb / 7P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. A, 22-Dec-08
SIZ340DT VISHAY-SIZ340DT Datasheet
372Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFET
Rev. B, 24-Mar-14
logo
Analog Power
AM6926NH ANALOGPOWER-AM6926NH Datasheet
398Kb / 5P
   Dual N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI4276DY-T1-E3 VISHAY-SI4276DY-T1-E3 Datasheet
232Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFET
Rev. A, 11-Apr-11
SI4276DY VISHAY-SI4276DY Datasheet
304Kb / 15P
   Dual N-Channel 30 V (D-S) MOSFET
Rev. A, 31-May-10
SI5906DU VISHAY-SI5906DU Datasheet
164Kb / 10P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. A, 20-Jul-09
SI7212DN VISHAY-SI7212DN_09 Datasheet
549Kb / 12P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. F, 14-Sep-09
logo
Analog Power
AM4934N ANALOGPOWER-AM4934N Datasheet
95Kb / 3P
   Dual N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI4936ADY VISHAY-SI4936ADY Datasheet
61Kb / 4P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. B, 13-Oct-03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com