전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI4948BEY 데이터시트(PDF) 1 Page - Vishay Siliconix

부품명 SI4948BEY
상세설명  Dual P-Channel 60-V (D-S) 175 Celsius MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI4948BEY 데이터시트(HTML) 1 Page - Vishay Siliconix

  SI4948BEY_05 Datasheet HTML 1Page - Vishay Siliconix SI4948BEY_05 Datasheet HTML 2Page - Vishay Siliconix SI4948BEY_05 Datasheet HTML 3Page - Vishay Siliconix SI4948BEY_05 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
This document is intended as a SPICE modeling guideline and does not constitute a commercial product data sheet. Designers should refer to the appropriate
data sheet of the same number for guaranteed specification limits.
1
www.vishay.com
Vishay Siliconix
SPICE Device Model Si4948BEY
Document Number: 72872
S-52399
Rev. B, 21-Nov-05
Dual P-Channel 60-V (D-S) 175
° MOSFET
CHARACTERISTICS
• P-Channel Vertical DMOS
• Macro Model (Subcircuit Model)
• Level 3 MOS
• Apply for both Linear and Switching Application
• Accurate over the −55 to 125°C Temperature Range
• Model the Gate Charge, Transient, and Diode Reverse Recovery
Characteristics
DESCRIPTION
The attached spice model describes the typical electrical
characteristics of the p-channel vertical DMOS.
The subcircuit
model is extracted and optimized over the
−55 to 125°C
temperature ranges under the pulsed 0-V to 10-V gate drive. The
saturated output impedance is best fit at the gate bias near the
threshold voltage.
A novel gate-to-drain feedback capacitance network is used to model
the gate charge characteristics while avoiding convergence difficulties
of the switched Cgd model. All model parameter values are optimized
to provide a best fit to the measured electrical data and are not
intended as an exact physical interpretation of the device.
SUBCIRCUIT MODEL SCHEMATIC


유사한 부품 번호 - SI4948BEY_05

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI4948BEY-E3 VISHAY-SI4948BEY-E3 Datasheet
72Kb / 5P
   Dual P-Channel 60-V (D-S) 175 MOSFET
Rev. A, 15-Mar-04
SI4948BEY-T1-E3 VISHAY-SI4948BEY-T1-E3 Datasheet
72Kb / 5P
   Dual P-Channel 60-V (D-S) 175 MOSFET
Rev. A, 15-Mar-04
logo
VBsemi Electronics Co.,...
SI4948BEY-T1-E3 VBSEMI-SI4948BEY-T1-E3 Datasheet
1Mb / 9P
   Dual P-Channel 6 0-V (D-S) MOSFET
logo
Vishay Siliconix
SI4948BEY VISHAY-SI4948BEY_V01 Datasheet
166Kb / 8P
   Dual P-Channel 60-V (D-S) 175째 MOSFET
01-Jan-2022
More results

유사한 설명 - SI4948BEY_05

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SUP90P06-09L VISHAY-SUP90P06-09L_06 Datasheet
203Kb / 4P
   P-Channel 60-V (D-S) 175 Celsius MOSFET
Rev. B, 02-Jan-06
SUM110P06-08L VISHAY-SUM110P06-08L_06 Datasheet
200Kb / 4P
   P-Channel 60-V (D-S) 175 Celsius MOSFET
Rev. B, 01-May-06
SI4948BEY VISHAY-SI4948BEY Datasheet
72Kb / 5P
   Dual P-Channel 60-V (D-S) 175 MOSFET
Rev. A, 15-Mar-04
SUP40N25-60 VISHAY-SUP40N25-60_07 Datasheet
199Kb / 4P
   N-Channel 250-V (D-S) 175 Celsius MOSFET
Rev. B, 23-Jul-07
SUM110P06-07L VISHAY-SUM110P06-07L_15 Datasheet
174Kb / 9P
   P-Channel 60 V (D-S) 175 MOSFET
Rev. D, 08-Jun-15
SI4948EY VISHAY-SI4948EY Datasheet
56Kb / 4P
   Dual P-Channel 60-V (D-S), 175C MOSFET
Rev. E, 29-Nov-99
SUM55P06-19L VISHAY-SUM55P06-19L_17 Datasheet
137Kb / 8P
   P-Channel 60 V (D-S) 175 MOSFET
Rev. D, 24-Dec-12
SUD17N25-165 VISHAY-SUD17N25-165_11 Datasheet
71Kb / 4P
   N-Channel 250 V (D-S) 175 Celsius MOSFET
Rev. C, 14-Feb-11
SUP28N15-52 VISHAY-SUP28N15-52_07 Datasheet
201Kb / 4P
   N-Channel 150-V (D-S) 175 Celsius MOSFET
Rev. B, 30-Jul-07
SUM70N04-07L VISHAY-SUM70N04-07L_08 Datasheet
168Kb / 8P
   N-Channel 40-V (D-S) 175 Celsius MOSFET
Rev. B, 11-Feb-08
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com