전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI5504BDC 데이터시트(PDF) 5 Page - Vishay Siliconix

부품명 SI5504BDC
상세설명  N- and P-Channel 30 V (D-S) MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI5504BDC 데이터시트(HTML) 5 Page - Vishay Siliconix

  SI5504BDC_10 Datasheet HTML 1Page - Vishay Siliconix SI5504BDC_10 Datasheet HTML 2Page - Vishay Siliconix SI5504BDC_10 Datasheet HTML 3Page - Vishay Siliconix SI5504BDC_10 Datasheet HTML 4Page - Vishay Siliconix SI5504BDC_10 Datasheet HTML 5Page - Vishay Siliconix SI5504BDC_10 Datasheet HTML 6Page - Vishay Siliconix SI5504BDC_10 Datasheet HTML 7Page - Vishay Siliconix SI5504BDC_10 Datasheet HTML 8Page - Vishay Siliconix SI5504BDC_10 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Document Number: 74483
S10-0547-Rev. B, 08-Mar-10
www.vishay.com
5
Vishay Siliconix
Si5504BDC
N-CHANNEL TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
Source-Drain Diode Forward Voltage
Threshold Voltage
0.0
0.2
0.4
0.6
0.8
1.0
1.2
TJ = 150 °C
TJ = 25 °C
1
VSD
)
V
(
e
g
a
t
l
o
V
n
i
a
r
D
-
o
t
-
e
c
r
u
o
S
-
10
1.2
1.4
1.6
1.8
2.0
2.2
2.4
- 50
- 25
0
25
50
75
100
125
150
ID = 250 µA
TJ - Temperature (°C)
On-Resistance vs. Gate-to-Source Voltage
Single Pulse Power
0.04
0.08
0.12
0.16
0.20
02
4
6
8
10
ID = 3.1 A
VGS - Gate-to-Source Voltage (V)
125 °C
25 °C
0.001
0
1
50
10
30
10
0.01
Time (s)
20
40
0.1
100
1000
0.0001
Safe Operating Area, Junction-to-Ambient
1
0.01
100
1
0.1
0.01
0.1
10
TA = 25 °C
Single Pulse
10 ms
1 s, 10 s
DC
100 µs
10
1 ms
VDS - Drain-to-Source Voltage (V)
* VGS
minimum VGS at which RDS(on) is specified
Limited by R
*
DS(on)
100 ms
BVDSS
Limited


유사한 부품 번호 - SI5504BDC_10

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI5504BDC-T1-E3 VISHAY-SI5504BDC-T1-E3 Datasheet
150Kb / 12P
   N- and P-Channel 30-V (D-S) MOSFET
Rev. A, 02-Jul-07
SI5504BDC VISHAY-SI5504BDC_V01 Datasheet
296Kb / 16P
   N- and P-Channel 30 V (D-S) MOSFET
01-Jan-2022
More results

유사한 설명 - SI5504BDC_10

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI4532DY VISHAY-SI4532DY Datasheet
123Kb / 7P
   N- and P-Channel 30-V (D-S) MOSFET
Rev. D, 23-Nov-93
SI3590DV VISHAY-SI3590DV_09 Datasheet
232Kb / 13P
   N- and P-Channel 30-V (D-S) MOSFET
Rev. C, 28-Sep-09
SI6544BDQ VISHAY-SI6544BDQ Datasheet
66Kb / 8P
   N-and P-Channel 30-V (D-S) MOSFET
Rev. A, 16-Jun-03
SI5511DC VISHAY-SI5511DC Datasheet
164Kb / 12P
   N- and P-Channel 30-V (D-S) MOSFET
Rev. B, 22-Oct-07
logo
Guangdong Kexin Industr...
KI4544DY KEXIN-KI4544DY Datasheet
56Kb / 2P
   N- and P-Channel 30-V (D-S) MOSFET
logo
VBsemi Electronics Co.,...
AO4606A VBSEMI-AO4606A Datasheet
1Mb / 14P
   N- and P-Channel 30 V (D-S) MOSFET
FDS8960C-NL VBSEMI-FDS8960C-NL Datasheet
1Mb / 14P
   N- and P-Channel 30 V (D-S) MOSFET
logo
Vishay Telefunken
SI3590DV TFUNK-SI3590DV Datasheet
233Kb / 13P
   N- and P-Channel 30-V (D-S) MOSFET
SI4532CDY TFUNK-SI4532CDY Datasheet
296Kb / 15P
   N- and P-Channel 30 V (D-S) MOSFET
logo
VBsemi Electronics Co.,...
SH8M4TB VBSEMI-SH8M4TB Datasheet
1Mb / 14P
   N- and P-Channel 30 V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com