전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI5908DC 데이터시트(PDF) 3 Page - Vishay Siliconix

부품명 SI5908DC
상세설명  Dual N-Channel 20 V (D-S) MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI5908DC 데이터시트(HTML) 3 Page - Vishay Siliconix

  SI5908DC_10 Datasheet HTML 1Page - Vishay Siliconix SI5908DC_10 Datasheet HTML 2Page - Vishay Siliconix SI5908DC_10 Datasheet HTML 3Page - Vishay Siliconix SI5908DC_10 Datasheet HTML 4Page - Vishay Siliconix SI5908DC_10 Datasheet HTML 5Page - Vishay Siliconix SI5908DC_10 Datasheet HTML 6Page - Vishay Siliconix SI5908DC_10 Datasheet HTML 7Page - Vishay Siliconix SI5908DC_10 Datasheet HTML 8Page - Vishay Siliconix SI5908DC_10 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Document Number: 73074
S10-0548-Rev. B, 08-Mar-10
www.vishay.com
3
Vishay Siliconix
Si5908DC
TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
On-Resistance vs. Drain Current
Gate Charge
Source-Drain Diode Forward Voltage
0.00
0.02
0.04
0.06
0.08
0.10
04
8
12
16
20
ID - Drain Current (A)
VGS =1.8 V
VGS = 4.5 V
VGS =2.5 V
0
1
2
3
4
5
0
123
456
VDS =10 V
ID =4.4 A
Qg - Total Gate Charge (nC)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
TJ = 150 °C
TJ =25 °C
20
1
VSD - Source-to-Drain Voltage (V)
10
Capacitance
On-Resistance vs. Junction Temperature
On-Resistance vs. Gate-to-Source Voltage
0
100
200
300
400
500
600
700
800
04
8
12
16
20
VDS - Drain-to-Source Voltage (V)
Crss
Coss
Ciss
0.6
0.8
1.0
1.2
1.4
1.6
- 50
- 25
0
25
50
75
100
125
150
VGS =4.5 V
ID =4.4 A
TJ - Junction Temperature (°C)
0.00
0.02
0.04
0.06
0.08
0.10
0
1234
5
ID =4.4 A
VGS - Gate-to-Source Voltage (V)
ID =2 A


유사한 부품 번호 - SI5908DC_10

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI5908DC-T1-E3 VISHAY-SI5908DC-T1-E3 Datasheet
97Kb / 6P
   Dual N-Channel 20-V (D-S) MOSFET
Rev. A, 06-Sep-04
logo
VBsemi Electronics Co.,...
SI5908DC-T1-GE3 VBSEMI-SI5908DC-T1-GE3 Datasheet
1Mb / 8P
   Dual N-Channel 20 V (D-S) MOSFET
logo
Vishay Siliconix
SI5908DC VISHAY-SI5908DC_06 Datasheet
198Kb / 4P
   N-Channel 20-V (D-S) MOSFET
Rev. B, 23-Jan-06
SI5908DC VISHAY-SI5908DC_V01 Datasheet
243Kb / 10P
   Dual N-Channel 20 V (D-S) MOSFET
01-Jan-2022
More results

유사한 설명 - SI5908DC_10

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI1912EDH VISHAY-SI1912EDH Datasheet
42Kb / 5P
   Dual N-Channel 20-V (D-S) MOSFET
Rev. A, 05-Mar-01
SI1902DL VISHAY-SI1902DL Datasheet
43Kb / 4P
   Dual N-Channel 20-V (D-S) MOSFET
Rev. E, 12-Aug-02
SI9926CDY VISHAY-SI9926CDY Datasheet
255Kb / 10P
   Dual N-Channel 20-V (D-S) MOSFET
Rev. B, 27-Apr-09
logo
DinTek Semiconductor Co...
DTM9936 DINTEK-DTM9936 Datasheet
307Kb / 9P
   Dual N-Channel 20-V (D-S) MOSFET
DTS2212 DINTEK-DTS2212 Datasheet
306Kb / 9P
   Dual N-Channel 20 V (D-S) MOSFET
logo
Vishay Siliconix
SI1902CDL VISHAY-SI1902CDL Datasheet
236Kb / 11P
   Dual N-Channel 20 V (D-S) MOSFET
Rev. A, 02-May-11
SI7904BDN VISHAY-SI7904BDN Datasheet
559Kb / 13P
   Dual N-Channel 20-V (D-S) MOSFET
Rev. B, 29-Dec-08
SI1024X VISHAY-SI1024X_08 Datasheet
113Kb / 5P
   Dual N-Channel 20-V (D-S) MOSFET
Rev. C, 24-Mar-08
logo
Guangdong Kexin Industr...
KI5908DC KEXIN-KI5908DC Datasheet
66Kb / 2P
   Dual N-Channel 20-V (D-S) MOSFET
logo
Vishay Siliconix
SI7904DN VISHAY-SI7904DN Datasheet
88Kb / 5P
   Dual N-Channel 20-V (D-S) MOSFET
Rev. G, 07-Jul-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com