전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI5944DU-T1-GE3 데이터시트(PDF) 8 Page - Vishay Siliconix

부품명 SI5944DU-T1-GE3
상세설명  Dual N-Channel 40-V (D-S) MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI5944DU-T1-GE3 데이터시트(HTML) 8 Page - Vishay Siliconix

Back Button SI5944DU-T1-GE3 Datasheet HTML 2Page - Vishay Siliconix SI5944DU-T1-GE3 Datasheet HTML 3Page - Vishay Siliconix SI5944DU-T1-GE3 Datasheet HTML 4Page - Vishay Siliconix SI5944DU-T1-GE3 Datasheet HTML 5Page - Vishay Siliconix SI5944DU-T1-GE3 Datasheet HTML 6Page - Vishay Siliconix SI5944DU-T1-GE3 Datasheet HTML 7Page - Vishay Siliconix SI5944DU-T1-GE3 Datasheet HTML 8Page - Vishay Siliconix SI5944DU-T1-GE3 Datasheet HTML 9Page - Vishay Siliconix SI5944DU-T1-GE3 Datasheet HTML 10Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
www.vishay.com
Document Number: 73203
2
19-Jul-10
Package Information
Vishay Siliconix
PowerPAK® ChipFET® DUAL PAD
Z
D
E
C
A
b
e
H
E2
L
A1
S2 (5)
D2 (6)
D1 (7)
D1 (8)
SI (1)
GI (2)
S2 (3)
G2 (4)
DETAIL Z
Backside view of dual pad
K
K1
G2 (4)
D1 (8) D1 (7)
D2 (6) D2 (5)
SI (1) GI (2)
S2 (3)
MILLIMETERS
INCHES
DIM.
MIN.
NOM.
MAX.
MIN.
NOM.
MAX.
A
0.70
0.75
0.85
0.028
0.030
0.033
A1
0
-
0.05
0
-
0.002
b
0.25
0.30
0.35
0.010
0.012
0.014
C
0.15
0.20
0.25
0.006
0.008
0.010
D
2.92
3.00
3.08
0.115
0.118
0.121
D2
1.07
1.20
1.32
0.042
0.047
0.052
E
1.82
1.90
1.98
0.072
0.075
0.078
E2
0.92
1.05
1.17
0.036
0.041
0.046
e
0.65 BSC
0.026 BSC
H
0.15
0.20
0.25
0.006
0.008
0.010
K
0.20
-
-
0.008
-
-
K1
0.20
-
-
0.008
-
-
L
0.30
0.35
0.40
0.012
0.014
0.016
ECN: C10-0618-Rev. C, 19-Jul-09
DWG: 5940


유사한 부품 번호 - SI5944DU-T1-GE3

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI5941DU VISHAY-SI5941DU Datasheet
138Kb / 3P
   Dual P-Channel 8-V (D-S) MOSFET
Rev. A, 03-Oct-05
SI5943DU VISHAY-SI5943DU Datasheet
272Kb / 3P
   Dual P-Channel 12-V (D-S) MOSFET
Rev. A, 24-Jul-06
SI5943DU VISHAY-SI5943DU Datasheet
108Kb / 7P
   Dual P-Channel 12-V (D-S) MOSFET
01-Jan-2022
SI5943DU VISHAY-SI5943DU_V01 Datasheet
108Kb / 7P
   Dual P-Channel 12-V (D-S) MOSFET
01-Jan-2022
SI5945DU VISHAY-SI5945DU Datasheet
135Kb / 3P
   Dual P-Channel 20-V (D-S) MOSFET
Rev. A, 03-Oct-05
More results

유사한 설명 - SI5944DU-T1-GE3

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI4906DY-T1-E3 VISHAY-SI4906DY-T1-E3 Datasheet
267Kb / 10P
   Dual N-Channel 40-V (D-S) MOSFET
Rev. C, 16-Nov-09
SI7938DP VISHAY-SI7938DP Datasheet
513Kb / 13P
   Dual N-Channel 40-V (D-S) MOSFET
Rev. A, 28-Sep-09
logo
Analog Power
AM7640N ANALOGPOWER-AM7640N Datasheet
77Kb / 3P
   Dual N-Channel 40-V (D-S) MOSFET
AM4940N ANALOGPOWER-AM4940N Datasheet
120Kb / 5P
   Dual N-Channel 40-V (D-S) MOSFET
AM4942N ANALOGPOWER-AM4942N Datasheet
180Kb / 3P
   Dual N-Channel 40-V (D-S) MOSFET
logo
VBsemi Electronics Co.,...
9960M VBSEMI-9960M Datasheet
1,004Kb / 9P
   Dual N-Channel 40-V (D-S) MOSFET
AO4884 VBSEMI-AO4884 Datasheet
1Mb / 9P
   Dual N-Channel 40-V (D-S) MOSFET
VB3420 VBSEMI-VB3420 Datasheet
716Kb / 9P
   Dual N-Channel 40 V (D-S) MOSFET
VBA3410 VBSEMI-VBA3410 Datasheet
614Kb / 9P
   Dual N-Channel 40-V (D-S) MOSFET
logo
Leshan Radio Company
LDN4818T1G LRC-LDN4818T1G Datasheet
327Kb / 3P
   Dual N-Channel 40-V (D-S) MOSFET
logo
VBsemi Electronics Co.,...
NTMD5836NLR2G VBSEMI-NTMD5836NLR2G Datasheet
1,004Kb / 9P
   Dual N-Channel 40-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com