전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI6926ADQ 데이터시트(PDF) 4 Page - Vishay Siliconix

부품명 SI6926ADQ
상세설명  Dual N-Channel 2.5-V (G-S) MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI6926ADQ 데이터시트(HTML) 4 Page - Vishay Siliconix

  SI6926ADQ_08 Datasheet HTML 1Page - Vishay Siliconix SI6926ADQ_08 Datasheet HTML 2Page - Vishay Siliconix SI6926ADQ_08 Datasheet HTML 3Page - Vishay Siliconix SI6926ADQ_08 Datasheet HTML 4Page - Vishay Siliconix SI6926ADQ_08 Datasheet HTML 5Page - Vishay Siliconix SI6926ADQ_08 Datasheet HTML 6Page - Vishay Siliconix SI6926ADQ_08 Datasheet HTML 7Page - Vishay Siliconix SI6926ADQ_08 Datasheet HTML 8Page - Vishay Siliconix SI6926ADQ_08 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
www.vishay.com
4
Document Number: 72754
S-81056-Rev. B, 12-May-08
Vishay Siliconix
Si6926ADQ
TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
Threshold Voltage
- 0.4
- 0.3
- 0.2
- 0.1
0.0
0.1
0.2
- 50
- 25
0
25
50
75
100
125
150
ID = 250 µA
TJ - Temperature (°C)
Single Pulse Power Junction-to-Ambient
0
15
30
5
10
Time (s)
20
25
1
600
10
10-1
10-3
100
10-2
Safe Operating Area, Junction-to-Case
100
1
0.1
1
10
100
0.01
10
0.1
TA = 25 °C
Single Pulse
ID(on)
Limited
BVDSS Limited
IDM Limited
100 ms
DC
1 ms
10 ms
1 s
10 s
Limited
by R
*
DS(on)
VDS - Drain-to-Source Voltage (V)
*VGS > minimum VGS at which RDS(on) is specified
Normalized Thermal Transient Impedance, Junction-to-Ambient
10-3
10-2
1
10
600
10-1
10-4
100
2
1
0.1
0.01
0.2
0.1
0.05
0.02
Single Pulse
Duty Cycle = 0.5
Square Wave Pulse Duration (s)
1. Duty Cycle, D =
2. Per Unit Base = R thJA = 126 °C/W
3. T JM - TA = PDMZthJA(t)
t1
t2
t1
t2
Notes:
4. Surface Mounted
PDM


유사한 부품 번호 - SI6926ADQ_08

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI6926ADQ VISHAY-SI6926ADQ_05 Datasheet
100Kb / 6P
   Dual N-Channel 2.5-V (G-S) MOSFET
Rev. A, 16-Feb-04
More results

유사한 설명 - SI6926ADQ_08

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
72413 VISHAY-72413 Datasheet
182Kb / 3P
   Dual N-Channel 2.5-V (G-S) MOSFET
01-Jun-04
SI6925ADQ VISHAY-SI6925ADQ Datasheet
175Kb / 3P
   Dual N-Channel 2.5-V (G-S) MOSFET
23-May-04
logo
Guangdong Kexin Industr...
KI5904DC KEXIN-KI5904DC Datasheet
66Kb / 2P
   Dual N-Channel 2.5-V (G-S) MOSFET
logo
Vishay Siliconix
SI6946DQ VISHAY-SI6946DQ Datasheet
50Kb / 4P
   Dual N-Channel 2.5-V (G-S) MOSFET
Rev. E, 06-Oct-97
logo
Vishay Telefunken
SI6926ADQ TFUNK-SI6926ADQ Datasheet
227Kb / 11P
   Dual N-Channel 2.5-V (G-S) MOSFET
SI6968BE TFUNK-SI6968BE Datasheet
229Kb / 11P
   Dual N-Channel 2.5-V (G-S) MOSFET
logo
Vishay Siliconix
SI5904DC VISHAY-SI5904DC_08 Datasheet
94Kb / 5P
   Dual N-Channel 2.5-V (G-S) MOSFET
Rev. C, 18-Apr-05
SI9925DY VISHAY-SI9925DY Datasheet
41Kb / 4P
   Dual N-Channel 2.5-V (G-S) MOSFET
Rev. N, 26-May-03
SI6926ADQ VISHAY-SI6926ADQ_05 Datasheet
100Kb / 6P
   Dual N-Channel 2.5-V (G-S) MOSFET
Rev. A, 16-Feb-04
SI5904DC VISHAY-SI5904DC_10 Datasheet
224Kb / 9P
   Dual N-Channel 2.5 V (G-S) MOSFET
Rev. D, 08-Mar-10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com