전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI6928DQ 데이터시트(PDF) 4 Page - Vishay Siliconix

부품명 SI6928DQ
상세설명  Dual N-Channel 30-V (D-S) MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI6928DQ 데이터시트(HTML) 4 Page - Vishay Siliconix

  SI6928DQ Datasheet HTML 1Page - Vishay Siliconix SI6928DQ Datasheet HTML 2Page - Vishay Siliconix SI6928DQ Datasheet HTML 3Page - Vishay Siliconix SI6928DQ Datasheet HTML 4Page - Vishay Siliconix SI6928DQ Datasheet HTML 5Page - Vishay Siliconix SI6928DQ Datasheet HTML 6Page - Vishay Siliconix SI6928DQ Datasheet HTML 7Page - Vishay Siliconix SI6928DQ Datasheet HTML 8Page - Vishay Siliconix SI6928DQ Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
www.vishay.com
4
Document Number: 70663
S-81056-Rev. D, 12-May-08
Vishay Siliconix
Si6928DQ
TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
Vishay Siliconix maintains worldwide manufacturing capability. Products may be manufactured at one of several qualified locations. Reliability data for Silicon
Technology and Package Reliability represent a composite of all qualified locations. For related documents such as package/tape drawings, part marking, and
reliability data, see http://www.vishay.com/ppg?70663.
Source-Drain Diode Forward Voltage
Threshold Voltage
VSD - Source-to-Drain Voltage (V)
TJ = 150 °C
TJ = 25 °C
20
10
0
0
0.2
0.4
0.6
0.8
1.0
1.2
T
J
- Temperature (°C)
- 0.9
- 0.6
- 0.3
0.0
0.3
0.6
- 50
- 25
0
25
50
75
100
125
150
I
D = 250 µA
On-Resistance vs. Gate-to-Source Voltage
Single Pulse Power
V
GS
- Gate-to-Source Voltage (V)
0
0.03
0.06
0.09
0.12
13
57
9
I
D
= 4.0 A
Time (s)
40
32
24
16
8
0
0.01
0.1
1
10
30
Normalized Thermal Transient Impedance, Junction-to-Ambient
0.2
0.1
0.05
0.02
Single Pulse
Duty Cycle = 0.5
2
1
0.1
0.01
10-4
10-3
10-2
10-1
11 0
30
1. Duty Cycle, D =
2. Per Unit Base = R thJA = 125 °C/W
3. T JM - TA = PDMZthJA(t)
t1
t2
t1
Notes:
4. Surface Mounted
PDM
t2
Square Wave Pulse Duration (s)


유사한 부품 번호 - SI6928DQ

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
SI6928DQ FAIRCHILD-SI6928DQ Datasheet
160Kb / 5P
   Dual 30V N-Channel PowerTrench MOSFET
logo
Vishay Siliconix
SI6928DQ VISHAY-SI6928DQ Datasheet
102Kb / 5P
   Dual N-Channel 30-V (D-S) MOSFET
01-Jan-2022
SI6928DQ VISHAY-SI6928DQ_V01 Datasheet
102Kb / 5P
   Dual N-Channel 30-V (D-S) MOSFET
01-Jan-2022
More results

유사한 설명 - SI6928DQ

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI7212DN VISHAY-SI7212DN Datasheet
94Kb / 6P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. B, 13-Jun-05
logo
DinTek Semiconductor Co...
DTM4936 DINTEK-DTM4936 Datasheet
294Kb / 9P
   Dual N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI4932DY VISHAY-SI4932DY Datasheet
111Kb / 7P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. A, 22-Dec-08
SIZ340DT VISHAY-SIZ340DT Datasheet
372Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFET
Rev. B, 24-Mar-14
logo
Analog Power
AM6926NH ANALOGPOWER-AM6926NH Datasheet
398Kb / 5P
   Dual N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI4276DY-T1-E3 VISHAY-SI4276DY-T1-E3 Datasheet
232Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFET
Rev. A, 11-Apr-11
SI4276DY VISHAY-SI4276DY Datasheet
304Kb / 15P
   Dual N-Channel 30 V (D-S) MOSFET
Rev. A, 31-May-10
SI5906DU VISHAY-SI5906DU Datasheet
164Kb / 10P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. A, 20-Jul-09
SI7212DN VISHAY-SI7212DN_09 Datasheet
549Kb / 12P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. F, 14-Sep-09
logo
Analog Power
AM4934N ANALOGPOWER-AM4934N Datasheet
95Kb / 3P
   Dual N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI4936ADY VISHAY-SI4936ADY Datasheet
61Kb / 4P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. B, 13-Oct-03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com