전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI7222DN-T1-GE3 데이터시트(PDF) 6 Page - Vishay Siliconix

부품명 SI7222DN-T1-GE3
상세설명  Dual N-Channel 40 V (D-S) MOSFET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI7222DN-T1-GE3 데이터시트(HTML) 6 Page - Vishay Siliconix

Back Button SI7222DN-T1-GE3 Datasheet HTML 2Page - Vishay Siliconix SI7222DN-T1-GE3 Datasheet HTML 3Page - Vishay Siliconix SI7222DN-T1-GE3 Datasheet HTML 4Page - Vishay Siliconix SI7222DN-T1-GE3 Datasheet HTML 5Page - Vishay Siliconix SI7222DN-T1-GE3 Datasheet HTML 6Page - Vishay Siliconix SI7222DN-T1-GE3 Datasheet HTML 7Page - Vishay Siliconix SI7222DN-T1-GE3 Datasheet HTML 8Page - Vishay Siliconix SI7222DN-T1-GE3 Datasheet HTML 9Page - Vishay Siliconix SI7222DN-T1-GE3 Datasheet HTML 10Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
www.vishay.com
6
Document Number: 73439
S-83052-Rev. B, 29-Dec-08
Vishay Siliconix
Si7222DN
TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
* The power dissipation PD is based on TJ(max) = 150 °C, using junction-to-case thermal resistance, and is more useful in settling the upper
dissipation limit for cases where additional heatsinking is used. It is used to determine the current rating, when this rating falls below the package
limit.
Current Derating*
0
11
22
33
44
55
0
25
50
75
100
125
150
TC - Case Temperature (°C)
Package Limited
Power, Junction-to-Case
0
5
10
15
20
25
0
25
50
75
100
125
150
TC - Case Temperature (°C)
Power, Junction-to-Ambient
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0
25
50
75
100
125
150
TC - Case Temperature (°C)


유사한 부품 번호 - SI7222DN-T1-GE3

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI7222DN VISHAY-SI7222DN Datasheet
120Kb / 8P
   Dual N-Channel 40 V (D-S) MOSFET
01-Jan-2022
SI7222DN VISHAY-SI7222DN_V01 Datasheet
120Kb / 8P
   Dual N-Channel 40 V (D-S) MOSFET
01-Jan-2022
More results

유사한 설명 - SI7222DN-T1-GE3

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI4906DY-T1-E3 VISHAY-SI4906DY-T1-E3 Datasheet
267Kb / 10P
   Dual N-Channel 40-V (D-S) MOSFET
Rev. C, 16-Nov-09
SI7938DP VISHAY-SI7938DP Datasheet
513Kb / 13P
   Dual N-Channel 40-V (D-S) MOSFET
Rev. A, 28-Sep-09
logo
Analog Power
AM7640N ANALOGPOWER-AM7640N Datasheet
77Kb / 3P
   Dual N-Channel 40-V (D-S) MOSFET
AM4940N ANALOGPOWER-AM4940N Datasheet
120Kb / 5P
   Dual N-Channel 40-V (D-S) MOSFET
AM4942N ANALOGPOWER-AM4942N Datasheet
180Kb / 3P
   Dual N-Channel 40-V (D-S) MOSFET
logo
VBsemi Electronics Co.,...
9960M VBSEMI-9960M Datasheet
1,004Kb / 9P
   Dual N-Channel 40-V (D-S) MOSFET
AO4884 VBSEMI-AO4884 Datasheet
1Mb / 9P
   Dual N-Channel 40-V (D-S) MOSFET
VB3420 VBSEMI-VB3420 Datasheet
716Kb / 9P
   Dual N-Channel 40 V (D-S) MOSFET
VBA3410 VBSEMI-VBA3410 Datasheet
614Kb / 9P
   Dual N-Channel 40-V (D-S) MOSFET
logo
Leshan Radio Company
LDN4818T1G LRC-LDN4818T1G Datasheet
327Kb / 3P
   Dual N-Channel 40-V (D-S) MOSFET
logo
VBsemi Electronics Co.,...
NTMD5836NLR2G VBSEMI-NTMD5836NLR2G Datasheet
1,004Kb / 9P
   Dual N-Channel 40-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com