전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI7234DP-T1-GE3 데이터시트(PDF) 7 Page - Vishay Siliconix

부품명 SI7234DP-T1-GE3
상세설명  Dual N-Channel 12-V (D-S) MOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI7234DP-T1-GE3 데이터시트(HTML) 7 Page - Vishay Siliconix

Back Button SI7234DP-T1-GE3 Datasheet HTML 3Page - Vishay Siliconix SI7234DP-T1-GE3 Datasheet HTML 4Page - Vishay Siliconix SI7234DP-T1-GE3 Datasheet HTML 5Page - Vishay Siliconix SI7234DP-T1-GE3 Datasheet HTML 6Page - Vishay Siliconix SI7234DP-T1-GE3 Datasheet HTML 7Page - Vishay Siliconix SI7234DP-T1-GE3 Datasheet HTML 8Page - Vishay Siliconix SI7234DP-T1-GE3 Datasheet HTML 9Page - Vishay Siliconix SI7234DP-T1-GE3 Datasheet HTML 10Page - Vishay Siliconix SI7234DP-T1-GE3 Datasheet HTML 11Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Document Number: 71655
www.vishay.com
Revison: 15-Feb-10
1
Package Information
Vishay Siliconix
PowerPAK® SO-8, (SINGLE/DUAL)
MILLIMETERS
INCHES
DIM.
MIN.
NOM.
MAX.
MIN.
NOM.
MAX.
A
0.97
1.04
1.12
0.038
0.041
0.044
A1
0.00
-
0.05
0.000
-
0.002
b
0.33
0.41
0.51
0.013
0.016
0.020
c
0.23
0.28
0.33
0.009
0.011
0.013
D
5.05
5.15
5.26
0.199
0.203
0.207
D1
4.80
4.90
5.00
0.189
0.193
0.197
D2
3.56
3.76
3.91
0.140
0.148
0.154
D3
1.32
1.50
1.68
0.052
0.059
0.066
D4
0.57 TYP.
0.0225 TYP.
D5
3.98 TYP.
0.157 TYP.
E
6.05
6.15
6.25
0.238
0.242
0.246
E1
5.79
5.89
5.99
0.228
0.232
0.236
E2
3.48
3.66
3.84
0.137
0.144
0.151
E3
3.68
3.78
3.91
0.145
0.149
0.154
E4
0.75 TYP.
0.030 TYP.
e
1.27 BSC
0.050 BSC
K
1.27 TYP.
0.050 TYP.
K1
0.56
-
-
0.022
-
-
H
0.51
0.61
0.71
0.020
0.024
0.028
L
0.51
0.61
0.71
0.020
0.024
0.028
L1
0.06
0.13
0.20
0.002
0.005
0.008
θ
-
12°
-
12°
W
0.15
0.25
0.36
0.006
0.010
0.014
M
0.125 TYP.
0.005 TYP.
ECN: T10-0055-Rev. J, 15-Feb-10
DWG: 5881
3. Dimensions exclusive of mold flash and cutting burrs.
1.
Notes
2
Inch will govern.
Dimensions exclusive of mold gate burrs.
Backside View of Single Pad
Backside View of Dual Pad
Detail Z
D
D1
D2
θ
θ
E1
E2
1
2
3
4
H
4
3
2
1
1
2
3
4
L
Z
A1
K
E
W
L1
E3
E4
E4
K
L
H
E2
E3
2


유사한 부품 번호 - SI7234DP-T1-GE3

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI7234DP-T1-GE3 VISHAY-SI7234DP-T1-GE3 Datasheet
374Kb / 13P
   Dual N-Channel 12 V (D-S) MOSFET
01-Jan-2022
More results

유사한 설명 - SI7234DP-T1-GE3

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI7940DP VISHAY-SI7940DP Datasheet
52Kb / 5P
   Dual N-Channel 12-V (D-S) MOSFET
Rev. B, 29-Jul-02
logo
Analog Power
AM6900NHE ANALOGPOWER-AM6900NHE Datasheet
401Kb / 5P
   Dual N-Channel 12-V (D-S) MOSFET
logo
Vishay Telefunken
SI7234DP TFUNK-SI7234DP Datasheet
343Kb / 13P
   Dual N-Channel 12-V (D-S) MOSFET
SIA910EDJ TFUNK-SIA910EDJ Datasheet
276Kb / 9P
   Dual N-Channel 12 V (D-S) MOSFET
logo
Vishay Siliconix
SIA912DJ VISHAY-SIA912DJ_V01 Datasheet
113Kb / 7P
   Dual N-Channel 12-V (D-S) MOSFET
01-Jan-2022
logo
DinTek Semiconductor Co...
DTSP1204 DINTEK-DTSP1204 Datasheet
712Kb / 8P
   Dual N-Channel 12-V (D-S) MOSFET
logo
Vishay Siliconix
SIA912DJ VISHAY-SIA912DJ Datasheet
114Kb / 7P
   Dual N-Channel 12-V (D-S) MOSFET
Rev. B, 03-Mar-08
SI7940DP VISHAY-SI7940DP_V01 Datasheet
304Kb / 12P
   Dual N-Channel 12-V (D-S) MOSFET
01-Jan-2022
SIA910EDJ VISHAY-SIA910EDJ_V01 Datasheet
279Kb / 9P
   Dual N-Channel 12 V (D-S) MOSFET
01-Jan-2022
SIA910EDJ VISHAY-SIA910EDJ Datasheet
137Kb / 7P
   Dual N-Channel 12-V (D-S) MOSFET
Rev. A, 02-Nov-09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com