전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI7900AEDN-T1-GE3 데이터시트(PDF) 3 Page - Vishay Siliconix

부품명 SI7900AEDN-T1-GE3
상세설명  Dual N-Channel 20-V (D-S) MOSFET, Common Drain
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI7900AEDN-T1-GE3 데이터시트(HTML) 3 Page - Vishay Siliconix

  SI7900AEDN-T1-GE3 Datasheet HTML 1Page - Vishay Siliconix SI7900AEDN-T1-GE3 Datasheet HTML 2Page - Vishay Siliconix SI7900AEDN-T1-GE3 Datasheet HTML 3Page - Vishay Siliconix SI7900AEDN-T1-GE3 Datasheet HTML 4Page - Vishay Siliconix SI7900AEDN-T1-GE3 Datasheet HTML 5Page - Vishay Siliconix SI7900AEDN-T1-GE3 Datasheet HTML 6Page - Vishay Siliconix SI7900AEDN-T1-GE3 Datasheet HTML 7Page - Vishay Siliconix SI7900AEDN-T1-GE3 Datasheet HTML 8Page - Vishay Siliconix SI7900AEDN-T1-GE3 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Document Number: 72287
S-81544-Rev. C, 07-Jul-08
www.vishay.com
3
Vishay Siliconix
Si7900AEDN
TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
Output Characteristics
On-Resistance vs. Drain Current
On-Resistance vs. Junction Temperature
0
5
10
15
20
25
30
0
1234
5
VGS = 5 thru 2 V
1.5 V
VDS - Drain-to-Source Voltage (V)
0.01
0.02
0.03
0.04
0.05
0.06
0
5
10
15
20
25
30
VGS = 4.5 V
VGS = 2.5 V
ID - Drain Current (A)
VGS = 1.8 V
0.6
0.8
1.0
1.2
1.4
1.6
- 50
- 25
0
25
50
75
100
125
150
VGS = 4.5 V
ID = 8.5 A
TJ - Junction Temperature (°C)
Transfer Characteristics
Gate Charge
Source-Drain Diode Forward Voltage
0
5
10
15
20
25
30
0.0
0.5
1.0
1.5
2.0
2.5
TC = - 55 °C
125 °C
VGS - Gate-to-Source Voltage (V)
25 °C
0
1
2
3
4
5
0
246
8
10
12
VDS = 10 V
ID = 6.5 A
Qg - Total Gate Charge (nC)
1.2
1.5
0.1
10
20
0
0.3
0.6
0.9
TJ = 25 °C
TJ = 150 °C
VSD - Source-to-Drain Voltage (V)
1


유사한 부품 번호 - SI7900AEDN-T1-GE3

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI7900AEDN-T1-GE3 VISHAY-SI7900AEDN-T1-GE3 Datasheet
624Kb / 12P
   Dual N-Channel 20 V (D-S) MOSFET, Common Drain
01-Jan-2022
More results

유사한 설명 - SI7900AEDN-T1-GE3

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI7900EDN VISHAY-SI7900EDN Datasheet
51Kb / 5P
   Dual N-Channel 20-V (D-S) MOSFET, Common Drain
Rev. A, 02-Apr-01
SI6874EDQ VISHAY-SI6874EDQ Datasheet
68Kb / 5P
   Dual N-Channel 20-V (D-S) MOSFET, Common Drain
Rev. A, 14-Aug-00
SI7900AEDN VISHAY-SI7900AEDN_V01 Datasheet
624Kb / 12P
   Dual N-Channel 20 V (D-S) MOSFET, Common Drain
01-Jan-2022
SI7900AEDN-T1 VISHAY-SI7900AEDN-T1 Datasheet
540Kb / 12P
   Dual N-Channel 20-V (D-S) MOSFET, Common Drain
Rev. C, 07-Jul-08
SI7900AEDN VISHAY-SI7900AEDN Datasheet
73Kb / 5P
   Dual N-Channel 20-V (D-S) MOSFET, Common Drain
Rev. A, 07-Jun-03
SI6875DQ VISHAY-SI6875DQ Datasheet
57Kb / 4P
   Dual P-Channel 20-V (D-S) MOSFET, Common Drain
Rev. A, 12-Jun-00
SI7902EDN VISHAY-SI7902EDN Datasheet
54Kb / 5P
   Dual N-Channel 30-V (D-S) MOSFET, Common Drain
Rev. A, 18-Feb-02
SI8902AEDB VISHAY-SI8902AEDB Datasheet
251Kb / 11P
   N-Channel 24 V (D-S) MOSFET, Common Drain
01-Jan-2022
logo
Anachip Corp
AF4901P ANACHIP-AF4901P Datasheet
152Kb / 3P
   Dual P-Channel 30-V (D-S) Common Drain MOSFET
logo
Nexperia B.V. All right...
PMCM650CUNE NEXPERIA-PMCM650CUNE Datasheet
404Kb / 18P
   20 V, Common Drain N-channel Trench MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com