전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI8424DB-T1-E1 데이터시트(PDF) 6 Page - Vishay Siliconix

부품명 SI8424DB-T1-E1
상세설명  N-Channel 1.2-V (G-S) MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI8424DB-T1-E1 데이터시트(HTML) 6 Page - Vishay Siliconix

Back Button SI8424DB-T1-E1 Datasheet HTML 2Page - Vishay Siliconix SI8424DB-T1-E1 Datasheet HTML 3Page - Vishay Siliconix SI8424DB-T1-E1 Datasheet HTML 4Page - Vishay Siliconix SI8424DB-T1-E1 Datasheet HTML 5Page - Vishay Siliconix SI8424DB-T1-E1 Datasheet HTML 6Page - Vishay Siliconix SI8424DB-T1-E1 Datasheet HTML 7Page - Vishay Siliconix SI8424DB-T1-E1 Datasheet HTML 8Page - Vishay Siliconix SI8424DB-T1-E1 Datasheet HTML 9Page - Vishay Siliconix SI8424DB-T1-E1 Datasheet HTML 10Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
www.vishay.com
6
Document Number: 74400
S-82119-Rev. B, 08-Sep-08
Vishay Siliconix
Si8424DB
TYPICAL CHARACTERISTICS TA = 25 °C, unless otherwise noted
Normalized Thermal Transient Impedance, Junction-to-Ambient
10-3
10-2
1
10
600
10-1
10-4
100
2
1
0.1
0.01
0.2
0.1
0.05
0.02
Single Pulse
Duty Cycle = 0.5
Square Wave Pulse Duration (s)
1. Duty Cycle, D =
2. Per Unit Base = R thJ A= 72 °C/W
3. T JM - T A = PDMZthJA(t)
t1
t2
t1
t2
Notes:
4. Surface Mounted
PDM
Normalized Thermal Transient Impedance, Junction-to-Foot
10-3
10-2
10
10-1
10-4
2
1
0.1
0.01
0.2
0.1
0.05
0.02
Single Pulse
Duty Cycle = 0.5
Square Wave Pulse Duration (s)
1


유사한 부품 번호 - SI8424DB-T1-E1

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI8424CDB VISHAY-SI8424CDB Datasheet
243Kb / 11P
   N-Channel 8 V (D-S) MOSFET
Rev. A, 10-Sep-12
logo
Vishay Telefunken
SI8424CDB TFUNK-SI8424CDB Datasheet
247Kb / 11P
   N-Channel 8 V (D-S) MOSFET
logo
Vishay Siliconix
SI8424CDB VISHAY-SI8424CDB_V01 Datasheet
250Kb / 11P
   N-Channel 8 V (D-S) MOSFET
01-Jan-2022
More results

유사한 설명 - SI8424DB-T1-E1

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SIB414DK VISHAY-SIB414DK Datasheet
154Kb / 7P
   N-Channel 1.2-V (G-S) MOSFET
Rev. C, 10-Mar-08
SIB914DK VISHAY-SIB914DK Datasheet
214Kb / 9P
   Dual N-Channel 1.2-V (G-S) MOSFET
Rev. A, 25-Aug-08
SIB914DK VISHAY-SIB914DK_V01 Datasheet
123Kb / 7P
   Dual N-Channel 1.2-V (G-S) MOSFET
01-Jan-2022
SIB417EDK VISHAY-SIB417EDK Datasheet
218Kb / 9P
   P-Channel 1.2-V (G-S) MOSFET
Rev. B, 10-Aug-09
SI1499DH VISHAY-SI1499DH Datasheet
106Kb / 6P
   P-Channel 1.2-V (G-S) MOSFET
Rev. C, 09-Oct-06
SI8429DB-T1-E1 VISHAY-SI8429DB-T1-E1 Datasheet
215Kb / 11P
   P-Channel 1.2 V (G-S) MOSFET
Rev.D, 19-Aug-13
SI1499DH VISHAY-SI1499DH_08 Datasheet
106Kb / 6P
   P-Channel 1.2-V (G-S) MOSFET
S-80579-Rev. E, 17-Mar-08
SI1499DH VISHAY-SI1499DH_15 Datasheet
245Kb / 12P
   P-Channel 1.2 V (G-S) MOSFET
Rev. F, 05-Apr-10
SIB417DK VISHAY-SIB417DK Datasheet
146Kb / 7P
   P-Channel 1.2-V (G-S) MOSFET
Rev. D, 26-May-08
SIB417AEDK VISHAY-SIB417AEDK Datasheet
238Kb / 9P
   P-Channel 1.2 V (G-S) MOSFET
Rev. A, 01-Oct-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com