전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL21010CFH320Z-TK 데이터시트(PDF) 11 Page - Intersil Corporation

부품명 ISL21010CFH320Z-TK
상세설명  Micropower Voltage Reference
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL21010CFH320Z-TK 데이터시트(HTML) 11 Page - Intersil Corporation

Back Button ISL21010CFH320Z-TK Datasheet HTML 7Page - Intersil Corporation ISL21010CFH320Z-TK Datasheet HTML 8Page - Intersil Corporation ISL21010CFH320Z-TK Datasheet HTML 9Page - Intersil Corporation ISL21010CFH320Z-TK Datasheet HTML 10Page - Intersil Corporation ISL21010CFH320Z-TK Datasheet HTML 11Page - Intersil Corporation ISL21010CFH320Z-TK Datasheet HTML 12Page - Intersil Corporation ISL21010CFH320Z-TK Datasheet HTML 13Page - Intersil Corporation ISL21010CFH320Z-TK Datasheet HTML 14Page - Intersil Corporation ISL21010CFH320Z-TK Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
ISL21010
11
FN7896.1
December 8, 2011
FIGURE 14. DROPOUT (10mA SOURCED LOAD)
FIGURE 15. DROPOUT ZOOMED (10mA SOURCED LOAD)
FIGURE 16. VOUT vs TEMPERATURE
FIGURE 17. SHORT CIRCUIT TO GND
FIGURE 18. VOUT vs NOISE, 0.1Hz TO 10Hz
Typical Performance Characteristics Curves (VOUT = 2.048V)
VIN = 3.0V, IOUT = 0mA, TA = +25°C unless otherwise specified. (Continued)
1.800
1.823
1.846
1.869
1.892
1.915
1.938
1.961
1.984
2.007
2.030
2.053
2.076
2.099
1.900
1.957
2.014
2.071
2.128
2.185
2.242
2.299
VIN (V)
2.0470
2.0475
2.0480
2.0485
2.0490
2.121
2.131
2.141
2.151
2.161
Δ1mV
VDROPOUT ~ 86mV
VIN (V)
2.0425
2.0435
2.0445
2.0455
2.0465
2.0475
2.0485
2.0495
2.0505
2.0515
2.0525
-55
-35
-15
5
25
45
65
85
105
125 145
TEMPERATURE (°C)
TYPICAL TEMPERATURE COEFFICIENT CURVE FOR 10 UNITS
-180
-160
-140
-120
-100
-80
-60
-40
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
6.5
VIN (V)
+125°C
-55°C
+25°C
-60
-40
-20
0
20
40
60
80
100
120
140
02
4
6
8
10
TIME (s)


유사한 부품 번호 - ISL21010CFH320Z-TK

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL21010CFH320Z-TK INTERSIL-ISL21010CFH320Z-TK Datasheet
1Mb / 17P
   Micropower Voltage Reference
ISL21010CFH320Z-TK INTERSIL-ISL21010CFH320Z-TK Datasheet
2Mb / 35P
   Micropower Voltage Reference
January 8, 2015
logo
Renesas Technology Corp
ISL21010CFH320Z-TK RENESAS-ISL21010CFH320Z-TK Datasheet
3Mb / 37P
   Micropower Voltage Reference
More results

유사한 설명 - ISL21010CFH320Z-TK

제조업체부품명데이터시트상세설명
logo
Sipex Corporation
SPX385-2.5 SIPEX-SPX385-2.5 Datasheet
140Kb / 9P
   Micropower Voltage Reference
logo
Linear Technology
LT1004 LINER-LT1004_15 Datasheet
182Kb / 8P
   Micropower Voltage Reference
logo
Advanced Monolithic Sys...
AMS3100A-2.5 ADMOS-AMS3100A-2.5 Datasheet
45Kb / 4P
   MICROPOWER VOLTAGE REFERENCE
AMS1004-1.2 ADMOS-AMS1004-1.2_05 Datasheet
71Kb / 7P
   MICROPOWER VOLTAGE REFERENCE
logo
Renesas Technology Corp
ISL21010 RENESAS-ISL21010 Datasheet
3Mb / 37P
   Micropower Voltage Reference
logo
Advanced Monolithic Sys...
AMS1004-12 ADMOS-AMS1004-12 Datasheet
76Kb / 7P
   MICROPOWER VOLTAGE REFERENCE
AMS3100-12 ADMOS-AMS3100-12 Datasheet
68Kb / 6P
   MICROPOWER VOLTAGE REFERENCE
AMS3100-25 ADMOS-AMS3100-25 Datasheet
61Kb / 6P
   MICROPOWER VOLTAGE REFERENCE
AMS3100-2.5 ADMOS-AMS3100-2.5_08 Datasheet
64Kb / 6P
   MICROPOWER VOLTAGE REFERENCE
logo
Unisonic Technologies
M385 UTC-M385_11 Datasheet
175Kb / 6P
   MICROPOWER VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com