전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL28208FRTZ 데이터시트(PDF) 6 Page - Intersil Corporation

부품명 ISL28208FRTZ
상세설명  40V Precision Single Supply Rail-Rail Output Low Power Operational Amplifiers
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28208FRTZ 데이터시트(HTML) 6 Page - Intersil Corporation

Back Button ISL28208FRTZ Datasheet HTML 2Page - Intersil Corporation ISL28208FRTZ Datasheet HTML 3Page - Intersil Corporation ISL28208FRTZ Datasheet HTML 4Page - Intersil Corporation ISL28208FRTZ Datasheet HTML 5Page - Intersil Corporation ISL28208FRTZ Datasheet HTML 6Page - Intersil Corporation ISL28208FRTZ Datasheet HTML 7Page - Intersil Corporation ISL28208FRTZ Datasheet HTML 8Page - Intersil Corporation ISL28208FRTZ Datasheet HTML 9Page - Intersil Corporation ISL28208FRTZ Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
ISL28108, ISL28208, ISL28408
6
FN6935.3
November 1, 2011
IOS
Input Offset Current
ISL28208 SOIC, TDFN
-3
0
3
nA
-4
4
nA
ISL28108 SOIC, TDFN
ISL28408 SOIC
-4
0
4
nA
-5
5
nA
CMRR
Common-Mode Rejection Ratio
VCM = V- -0.5V to V+ -1.8V
119
dB
VCM = V- -0.2V to V+ -1.8V
123
dB
102
dB
VCM = V- to V+ -1.8V
105
123
dB
102
115
dB
VCMIR
Common Mode Input Voltage
Range
Guaranteed by CMRR test
V- - 0.5
V+ - 1.8
V
V-
V+ - 1.8
V
PSRR
Power Supply Rejection Ratio
VS = 3V to 40V, VCMIR = Valid Input Voltage
110
128
dB
109
124
dB
AVOL
Open-Loop Gain
VO = -13V to +13V, RL = 10kΩ to ground
117
126
dB
100
dB
VOL
Output Voltage Low,
VOUT to V-
RL = 10kΩ
52
85
mV
145
mV
VOH
Output Voltage High,
V+ to VOUT
RL = 10kΩ
70
110
mV
150
mV
IS
Supply Current/Amplifier
RL = Open
185
250
µA
270
350
µA
ISC+
Output Short Circuit Source
Current
RL = 10Ω to V-
19
mA
ISC-
Output Short Circuit Sink Current
RL = 10Ω to V+
30
mA
VSUPPLY
Supply Voltage Range
Guaranteed by PSRR
3
40
V
AC SPECIFICATIONS
GBWP
Gain Bandwidth Product
ACL = 101, VO = 100mVP-P, RL = 2kΩ
1.2
MHz
enp-p
Noise Voltage
0.1Hz to 10Hz; VS = +18V
580
nVP-P
en
Noise Voltage Density
f = 10Hz; VS = +18V
18
nV/
√Hz
en
Noise Voltage Density
f = 100Hz; VS = +18V
16
nV/
√Hz
en
Noise Voltage Density
f = 1kHz; VS = +18V
15.8
nV/
√Hz
en
Noise Voltage Density
f = 10kHz; VS = +18V
15.8
nV/
√Hz
in
Noise Current Density
f = 10kHz; VS = +18V
80
fA/
√Hz
THD + N
Total Harmonic Distortion + Noise 1kHz, AV = 1, VO = 3.5VRMS, RL =10kΩ
0.00042
%
TRANSIENT RESPONSE
SR
Slew Rate, VOUT 20% to 80%
AV = 1, RL = 2kΩ, VO = 10VP-P
0.45
V/µs
Electrical Specifications V
S ±15V, VCM = 0, VO = 0V, RL = Open, TA= +25°C, unless otherwise noted. Boldface limits apply over
the operating temperature range, -40°C to +125°C. Temperature data established by characterization. (Continued)
PARAMETER
DESCRIPTION
CONDITIONS
MIN
(Note 8)
TYP
MAX
(Note 8)
UNIT


유사한 부품 번호 - ISL28208FRTZ

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL28208FRTZ INTERSIL-ISL28208FRTZ Datasheet
1Mb / 26P
   40V Precision Single Supply Rail-Rail Output Low Power Operational Amplifiers
ISL28208FRTZ INTERSIL-ISL28208FRTZ Datasheet
1Mb / 25P
   40V Precision Single Supply Rail-Rail Output Low Power Operational Amplifiers
ISL28208FRTZ INTERSIL-ISL28208FRTZ Datasheet
1Mb / 34P
   40V Precision Single Supply Rail-to-Rail Output Low Power Operational Amplifiers
March 4, 2014
logo
Renesas Technology Corp
ISL28208FRTZ RENESAS-ISL28208FRTZ Datasheet
1Mb / 34P
   40V Precision Single Supply Rail-to-Rail Output Low Power Operational Amplifiers
More results

유사한 설명 - ISL28208FRTZ

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL28108 INTERSIL-ISL28108 Datasheet
1Mb / 25P
   40V Precision Single Supply Rail-Rail Output Low Power Operational Amplifiers
ISL28108_1107 INTERSIL-ISL28108_1107 Datasheet
1Mb / 26P
   40V Precision Single Supply Rail-Rail Output Low Power Operational Amplifiers
logo
Renesas Technology Corp
ISL28118 RENESAS-ISL28118 Datasheet
1Mb / 29P
   40V Precision Single-Supply, Rail-to-rail Output, Low-power Operational Amplifiers
logo
Intersil Corporation
ISL28118 INTERSIL-ISL28118 Datasheet
1Mb / 23P
   40V Precision Single Supply Rail-to-Rail Output Low Power Operational Amplifiers
logo
Renesas Technology Corp
ISL28108 RENESAS-ISL28108 Datasheet
1Mb / 34P
   40V Precision Single Supply Rail-to-Rail Output Low Power Operational Amplifiers
logo
Intersil Corporation
ISL28118_1109 INTERSIL-ISL28118_1109 Datasheet
1Mb / 28P
   40V Precision Single-Supply, Rail-to-Rail Output, Low-Power Operational Amplifiers
ISL28118 INTERSIL-ISL28118_15 Datasheet
1Mb / 29P
   40V Precision Single-Supply, Rail-to-rail Output, Low-power Operational Amplifiers
July 27, 2015
ISL28108FBZ INTERSIL-ISL28108FBZ Datasheet
1Mb / 34P
   40V Precision Single Supply Rail-to-Rail Output Low Power Operational Amplifiers
March 4, 2014
ISL28118 INTERSIL-ISL28118_11 Datasheet
1Mb / 28P
   40V Precision Single-Supply, Rail-to-Rail Output, Low-Power
logo
Texas Instruments
OPA344 TI1-OPA344 Datasheet
1Mb / 30P
[Old version datasheet]   LOW POWER, SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com