전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL54233IRUZ-T7A 데이터시트(PDF) 7 Page - Intersil Corporation

부품명 ISL54233IRUZ-T7A
상세설명  Wideband Differential 3:1 Multiplexer
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54233IRUZ-T7A 데이터시트(HTML) 7 Page - Intersil Corporation

Back Button ISL54233IRUZ-T7A Datasheet HTML 3Page - Intersil Corporation ISL54233IRUZ-T7A Datasheet HTML 4Page - Intersil Corporation ISL54233IRUZ-T7A Datasheet HTML 5Page - Intersil Corporation ISL54233IRUZ-T7A Datasheet HTML 6Page - Intersil Corporation ISL54233IRUZ-T7A Datasheet HTML 7Page - Intersil Corporation ISL54233IRUZ-T7A Datasheet HTML 8Page - Intersil Corporation ISL54233IRUZ-T7A Datasheet HTML 9Page - Intersil Corporation ISL54233IRUZ-T7A Datasheet HTML 10Page - Intersil Corporation ISL54233IRUZ-T7A Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
ISL54233
7
FN7918.0
December 21, 2011
FIGURE 7. CROSSTALK TEST CIRCUIT
FIGURE 8A. MEASUREMENT POINTS
FIGURE 8B. TEST CIRCUIT
FIGURE 8. SKEW TEST
Test Circuits and Waveforms (Continued)
0V OR FLOAT
ANALYZER
VDD
C
xD-
SIGNAL
GENERATOR
50Ω
GND
VCx
COMx
50Ω
N.C.
COMx
xD+
CTRL
DIN+
DIN-
OUT+
OUT-
50%
50%
90%
10%
10%
10%
10%
90%
90%
50%
90%
50%
tri
tfi
tro
tf0
tskew_i
tskew_o
OUT+
CL
COM-
D+
GND
VDD
C
D-
COM+
CL
OUT-
DIN+
DIN-
|tro - tri| Delay Due to Switch for Rising Input and Rising Output Signals
|tfo - tfi| Delay Due to Switch for Falling Input and Falling Output Signals
|tskew_0| Change in Skew through the Switch for Output Signals
|tskew_i| Change in Skew through the Switch for Input Signals
15.8Ω
15.8Ω
143Ω
143Ω
45Ω
45Ω
C0
C1
VDD
VDD
0V


유사한 부품 번호 - ISL54233IRUZ-T7A

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL54233IRUZ-T7A INTERSIL-ISL54233IRUZ-T7A Datasheet
1Mb / 18P
   Wideband Differential 3:1 Multiplexer
logo
Renesas Technology Corp
ISL54233IRUZ-T7A RENESAS-ISL54233IRUZ-T7A Datasheet
1Mb / 18P
   Wideband Differential 3:1 Multiplexer
More results

유사한 설명 - ISL54233IRUZ-T7A

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
ISL54233 RENESAS-ISL54233 Datasheet
1Mb / 18P
   Wideband Differential 3:1 Multiplexer
logo
Intersil Corporation
ISL54233IRTZ-T7A INTERSIL-ISL54233IRTZ-T7A Datasheet
1Mb / 18P
   Wideband Differential 3:1 Multiplexer
logo
ON Semiconductor
MC10EL57 ONSEMI-MC10EL57 Datasheet
96Kb / 3P
   4:1 Differential Multiplexer
1996 REV 1
logo
Micrel Semiconductor
SY10EL57 MICREL-SY10EL57_10 Datasheet
55Kb / 5P
   4:1 DIFFERENTIAL MULTIPLEXER
SY10EL57 MICREL-SY10EL57 Datasheet
57Kb / 4P
   4:1 DIFFERENTIAL MULTIPLEXER
logo
ON Semiconductor
MC10EP57 ONSEMI-MC10EP57 Datasheet
99Kb / 8P
   4:1 Differential Multiplexer
April, 2000 ??Rev. 2
logo
Micrel Semiconductor
SY10EL57 MICREL-SY10EL57_06 Datasheet
55Kb / 5P
   4:1 DIFFERENTIAL MULTIPLEXER
logo
Analog Devices
AD9300 AD-AD9300 Datasheet
158Kb / 8P
   4 x 1 Wideband Video Multiplexer
REV. A
logo
ON Semiconductor
MC10EP56 ONSEMI-MC10EP56 Datasheet
106Kb / 8P
   Dual Differential 2:1 Multiplexer
January, 2004 ??Rev. 12
logo
Micrel Semiconductor
SY10E457 MICREL-SY10E457_06 Datasheet
63Kb / 4P
   TRIPLE DIFFERENTIAL 2:1 MULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com