전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BBY51-02W 데이터시트(PDF) 2 Page - Siemens Semiconductor Group

부품명 BBY51-02W
상세설명  Silicon Tuning Diode (High Q hyperabrupt tuning diode Low series inductance)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SIEMENS [Siemens Semiconductor Group]
홈페이지  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BBY51-02W 데이터시트(HTML) 2 Page - Siemens Semiconductor Group

  BBY51-02W Datasheet HTML 1Page - Siemens Semiconductor Group BBY51-02W Datasheet HTML 2Page - Siemens Semiconductor Group BBY51-02W Datasheet HTML 3Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
BBY 51-02W
Semiconductor Group
Jul-23-1998
2
Electrical Characteristics at
TA = 25°C, unless otherwise specified.
Parameter
Symbol
Values
Unit
min.
typ.
max.
DC characteristics
IR
-
-
10
nA
Reverse current
VR = 6 V
IR
-
-
100
Reverse current
VR = 6 V, TA = 65 °C
AC characteristics
Diode capacitance
VR = 1 V, f = 1 MHz
VR = 2 V, f = 1 MHz
VR = 3 V, f = 1 MHz
VR = 4 V, f = 1 MHz
4.5
3.4
2.7
2.5
CT
pF
6.1
5.2
4.6
3.7
5.3
4.2
3.5
3.1
2.2
Capacitance ratio
VR = 1 V, VR = 4 V, f = 1 MHz
-
1.75
1.55
CT1/CT4
2.2
Capacitance difference
VR = 1 V, VR = 3 V, f = 1 MHz
C1V-C3V
1.78
1.4
pF
0.7
C3V-C4V
0.5
0.3
Capacitance difference
VR = 3 V, VR = 4 V, f = 1 MHz
-
Series resistance
VR = 1 V, f = 1 GHz
rs
0.37
-
Case capacitance
f = 1 MHz
pF
-
CC
-
0.09
Series inductance chip to ground
Ls
-
0.6
-
nH
Semiconductor Group
2
1998-11-01


유사한 부품 번호 - BBY51-02W

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
BBY51-02W INFINEON-BBY51-02W Datasheet
444Kb / 3P
   Silicon Tuning Diode
Dec-15-2003
BBY51-02W INFINEON-BBY51-02W Datasheet
100Kb / 9P
   Silicon Tuning Diode
2007-04-20
More results

유사한 설명 - BBY51-02W

제조업체부품명데이터시트상세설명
logo
Siemens Semiconductor G...
BBY57-03W SIEMENS-BBY57-03W Datasheet
14Kb / 3P
   Silicon Tuning Diode (Excellent linearity High Q hyperabrupt tuning diode Low series inductance)
BBY58-02W SIEMENS-BBY58-02W Datasheet
14Kb / 3P
   Silicon Tuning Diode (Excellent linearity High Q hyperabrupt tuning diode Low series inductance)
BBY56-03W SIEMENS-BBY56-03W Datasheet
13Kb / 2P
   Silicon Tuning Diode (Excellent linearity High Q hyperabrupt tuning diode Low series inductance)
BBY58-03W SIEMENS-BBY58-03W Datasheet
14Kb / 3P
   Silicon Tuning Diode (Excellent linearity High Q hyperabrupt tuning diode Low series inductance)
BBY55-02W SIEMENS-BBY55-02W Datasheet
12Kb / 3P
   Silicon Tuning Diode (Excellent linearity High Q hyperabrupt tuning diode Low series inductance)
BBY55-03W SIEMENS-BBY55-03W Datasheet
12Kb / 3P
   Silicon Tuning Diode (Excellent linearity High Q hyperabrupt tuning diode Low series inductance)
BBY56-02W SIEMENS-BBY56-02W Datasheet
13Kb / 2P
   Silicon Tuning Diode (Excellent linearity High Q hyperabrupt tuning diode Low series inductance)
BBY52-02W SIEMENS-BBY52-02W Datasheet
13Kb / 3P
   Silicon Tuning Diode (High Q hyperband tuning diode Low series inductance)
BBY51-03W SIEMENS-BBY51-03W Datasheet
26Kb / 3P
   Silicon Tuning Diode (High Q hyperabrupt tuning diode Designed for low tuning voltage operation)
BBY53 SIEMENS-BBY53 Datasheet
17Kb / 3P
   Silicon Tuning Diode (High Q hyperabrupt tuning diode Designed for low tuning voltage operation)
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com