전자부품 데이터시트 검색엔진 |
|
CSD16411Q3 데이터시트(PDF) 4 Page - Texas Instruments |
|
|
CSD16411Q3 데이터시트(HTML) 4 Page - Texas Instruments |
4 / 11 page VDS − Drain to Source Voltage − V 0 5 10 15 20 25 30 0.0 0.5 1.0 1.5 2.0 2.5 3.0 G001 VGS = 3V VGS = 4.5V VGS = 10V VGS = 3.5V VGS = 4V VGS − Gate to Source Voltage − V 0 5 10 15 20 25 30 1.5 2.0 2.5 3.0 3.5 4.0 4.5 G002 VDS = 5V TC = −55°C TC = 25°C TC = 125°C Qg − Gate Charge − nC 0 2 4 6 8 10 12 0 1 2 3 4 5 6 7 G003 ID = 10A VDS = 12.5V VDS − Drain to Source Voltage − V 0.0 0.2 0.4 0.6 0.8 1.0 1.2 0 5 10 15 20 25 G004 f = 1MHz VGS = 0V CRSS = CGD COSS = CDS + CGD CISS = CGD + CGS TC − Case Temperature − °C 0.00 0.25 0.50 0.75 1.00 1.25 1.50 1.75 2.00 2.25 2.50 −75 −25 25 75 125 175 G005 ID = 250µA VGS − Gate to Source Voltage − V G006 0 5 10 15 20 25 30 0 2 4 6 8 10 12 TC = 125°C ID = 10A TC = 25°C CSD16411Q3 SLPS206A – AUGUST 2009 – REVISED SEPTEMBER 2010 www.ti.com TYPICAL MOSFET CHARACTERISTICS (continued) (TA = 25°C unless otherwise stated) Figure 2. Saturation Characteristics Figure 3. Transfer Characteristics Figure 4. Gate Charge Figure 5. Capacitance Figure 6. Threshold Voltage vs. Temperature Figure 7. On Resistance vs. Gate Voltage 4 Submit Documentation Feedback Copyright © 2009–2010, Texas Instruments Incorporated Product Folder Link(s): CSD16411Q3 |
유사한 부품 번호 - CSD16411Q3 |
|
유사한 설명 - CSD16411Q3 |