전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPA2015D1 데이터시트(PDF) 7 Page - Texas Instruments

부품명 TPA2015D1
상세설명  2 W Constant Output Power Class-D Audio Amplifier With Adaptive Boost Converter andBattery Tracking SpeakerGuard??AGC
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TPA2015D1 데이터시트(HTML) 7 Page - Texas Instruments

Back Button TPA2015D1_11 Datasheet HTML 3Page - Texas Instruments TPA2015D1_11 Datasheet HTML 4Page - Texas Instruments TPA2015D1_11 Datasheet HTML 5Page - Texas Instruments TPA2015D1_11 Datasheet HTML 6Page - Texas Instruments TPA2015D1_11 Datasheet HTML 7Page - Texas Instruments TPA2015D1_11 Datasheet HTML 8Page - Texas Instruments TPA2015D1_11 Datasheet HTML 9Page - Texas Instruments TPA2015D1_11 Datasheet HTML 10Page - Texas Instruments TPA2015D1_11 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
VBAT − V
2.3
2.6
2.9
3.2
3.5
3.8
4.1
4.4
4.7
5.0
0
2m
4m
6m
8m
10m
Gain = 20 dB
AGC = Float
RL = 8 Ω + 33 µH
Frequency − Hz
0
2k
4k
6k
8k
10k
12k
14k
16k
18k
20k
22k
24k
−150
−140
−130
−120
−110
−100
−90
−80
Gain = 20 dB
AGC = Float
RL = 8 Ω + 33 µH
No Input Signal
PO − Output Power − W
0.0
0.5
1.0
1.5
2.0
2.5
0.0
0.2
0.4
0.6
0.8
1.0
VBAT = 3.0 V
VBAT = 3.6 V
VBAT = 4.2 V
Gain = 20 dB
RL = 8 Ω + 33 µH
f = 1 kHz
RAGC = Float
VIN − Input Voltage − Vp
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
0
1
2
3
4
5
6
VBAT = 2.5 V
VBAT = 2.7 V
VBAT = 3.0 V
VBAT = 3.3 V
VBAT = 3.6 V
VBAT = 4.2 V
VBAT = 5.0 V
Gain = 20 dB
RL = 8 Ω + 33 µH
RAGC = 27 kΩ
P
OutputPower
W
O
0.01
0.1
1
2
0
20
40
60
80
100
VBAT =2.7V
VBAT =3.0V
VBAT =3.6V
VBAT =4.2V
VBAT =5.0V
Gain=20dB
R =8
+33 H
L
W
m
f=1kHz
AutoPassThrough
Boosted
PO − Output Power − W
1m
10m
100m
1
4
0.01
0.1
1
10
100
VBAT = 2.8 V
VBAT = 3.0 V
VBAT = 3.6 V
VBAT = 4.2 V
VBAT = 5.0 V
RL = 8 Ω + 33 µH
RAGC = Float, Boost Enabled
Gain = 6 dB, f = 1 kHz
TPA2015D1
www.ti.com
SLOS638A
– NOVEMBER 2011 – REVISED NOVEMBER 2011
TYPICAL CHARACTERISTICS
VBAT = 3.6 V, Gain = 6 dB, CI = 1 µF, CBOOST = 22 µF, LBOOST = 2.2 µH, AGC = Float, ENB = END = VBAT, and Load = 8 Ω + 33 µH unless
otherwise specified.
SPACER
Figure 1. QUIESCENT SUPPLY CURRENT vs SUPPLY
Figure 2. A-WEIGHTED OUTPUT NOISE vs FREQUENCY
VOLTAGE
Figure 3. SUPPLY CURRENT vs OUTPUT POWER
Figure 4. PEAK OUTPUT VOLTAGE vs PEAK INPUT
VOLTAGE
Figure 5. TOTAL EFFICIENCY vs OUTPUT POWER
Figure 6. TOTAL HARMONIC DISTORTION + NOISE vs
OUTPUT POWER
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): TPA2015D1


유사한 부품 번호 - TPA2015D1_11

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPA2015D1 TI-TPA2015D1_10 Datasheet
1,022Kb / 27P
[Old version datasheet]   2 W Constant Output Power Class-D Audio Amplifier With Adaptive Boost Converter and Battery Tracking SpeakerGuard??AGC
TPA2015D1 TI-TPA2015D1_15 Datasheet
760Kb / 26P
[Old version datasheet]   2 W Constant Output Power Class-D Audio Amplifier With Adaptive Boost Converter and Battery Tracking SpeakerGuard??AGC
More results

유사한 설명 - TPA2015D1_11

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPA2015D1 TI-TPA2015D1 Datasheet
871Kb / 25P
[Old version datasheet]   2 W Constant Output Power Class-D Audio Amplifier With Adaptive Boost Converter and Battery Tracking SpeakerGuard??AGC
TPA2015D1 TI-TPA2015D1_10 Datasheet
1,022Kb / 27P
[Old version datasheet]   2 W Constant Output Power Class-D Audio Amplifier With Adaptive Boost Converter and Battery Tracking SpeakerGuard??AGC
TPA2015D1 TI-TPA2015D1_15 Datasheet
760Kb / 26P
[Old version datasheet]   2 W Constant Output Power Class-D Audio Amplifier With Adaptive Boost Converter and Battery Tracking SpeakerGuard??AGC
TPA2015D1 TI-TPA2015D1_V01 Datasheet
1Mb / 40P
[Old version datasheet]   TPA2015D1 2-W Constant Output Power Class-D Audio Amplifier With Adaptive Boost Converter and Battery Tracking Speakerguard™ AGC
REVISED JUNE 2022
TPA2025D1 TI-TPA2025D1_15 Datasheet
1Mb / 29P
[Old version datasheet]   TPA2025D1 2-W Constant Output Power Class-D Audio Amplifier With Class-G Boost Converter and Battery Tracking AGC
TPA2025D1 TI1-TPA2025D1 Datasheet
1Mb / 23P
[Old version datasheet]   2 W Constant Output Power Class-D Audio Amplifier with Class-G Boost Converter
TPA2080D1 TI1-TPA2080D1_14 Datasheet
1Mb / 22P
[Old version datasheet]   2.2 W Constant Output Power Class-D Audio Amplifier with Class-G Boost Converter
TPA2080D1 TI1-TPA2080D1 Datasheet
1Mb / 20P
[Old version datasheet]   2.2 W Constant Output Power Class-D Audio Amplifier with Class-G Boost Converter
TPA2080D1 TI-TPA2080D1_15 Datasheet
1Mb / 21P
[Old version datasheet]   2.2 W Constant Output Power Class-D Audio Amplifier with Class-G Boost Converter
TPA2013D1 TI-TPA2013D1_15 Datasheet
1Mb / 31P
[Old version datasheet]   2.7-W CONSTANT OUTPUT POWER CLASS-D AUDIO AMPLIFIER WITH INTEGRATED BOOST CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com