전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDCG1050M 데이터시트(PDF) 3 Page - Vishay Siliconix

부품명 TDCG1050M
상세설명  Clock Display
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TDCG1050M 데이터시트(HTML) 3 Page - Vishay Siliconix

  TDCG1050M_09 Datasheet HTML 1Page - Vishay Siliconix TDCG1050M_09 Datasheet HTML 2Page - Vishay Siliconix TDCG1050M_09 Datasheet HTML 3Page - Vishay Siliconix TDCG1050M_09 Datasheet HTML 4Page - Vishay Siliconix TDCG1050M_09 Datasheet HTML 5Page - Vishay Siliconix TDCG1050M_09 Datasheet HTML 6Page - Vishay Siliconix TDCG1050M_09 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Document Number: 83180
For technical questions, contact: LED@Vishay.com
www.vishay.com
Rev. 1.5, 07-Dec-09
3
TDCG10..m, TDCR10..m, TDCY10..m
Clock Display
Vishay Semiconductors
Notes
(1) Tamb = 25 °C, unless otherwise specified
(2) IVmin. and IV groups are mean values of all segments (a to g, D1 to D4), matching factor within segments is ≥ 0.5, excluding decimal points
and colon.
PINNING
OPTICAL AND ELECTRICAL CHARACTERISTICS (1) TDCY1050m, TDCY1060m, SUPER YELLOW
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
Luminous intensity per segment (2)
IF = 2 mA
TDCY1050m
IV
-1500
-
μcd
TDCY1060m
IF = 10 mA
TDCY1050m
IV
4000
8000
-
μcd
TDCY1060m
Luminous intensity of colon
IF = 2 mA
TDCY1050m
IV
-400
-
μcd
TDCY1060m
IF = 10 mA
TDCY1050m
IV
500
1000
-
μcd
TDCY1060m
Dominant wavelength
IF = 20 mA
TDCY1050m,
TDCY1060m
λ
d
-589
-
nm
Peak wavelength
IF = 20 mA
λ
p
-591
-
nm
Spectral bandwidth
IF = 20 mA
Δλ
-15
-
nm
Forward voltage per segment or DP
IF = 20 mA
VF
-2
2.4
V
Reverse current per segment or DP
VR = 5 V
IR
-
-
10
μA
16715


유사한 부품 번호 - TDCG1050M_09

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
TDCG1050M VISHAY-TDCG1050M_V01 Datasheet
246Kb / 7P
   Clock Display
01-Jan-2022
TDCG1050M VISHAY-TDCG1050M_V02 Datasheet
245Kb / 7P
   Clock Display
01-Jan-2023
More results

유사한 설명 - TDCG1050M_09

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
TDCG VISHAY-TDCG Datasheet
253Kb / 7P
   Clock Display
Rev. 1.4, 31-Aug-04
TDCG1050M VISHAY-TDCG1050M_V02 Datasheet
245Kb / 7P
   Clock Display
01-Jan-2023
TDCG1050M VISHAY-TDCG1050M_V01 Datasheet
246Kb / 7P
   Clock Display
01-Jan-2022
TDCG10M VISHAY-TDCG10M Datasheet
245Kb / 7P
   Clock Display
Rev. 1.6, 17-Apr-13
logo
Extech Instruments Corp...
365515 EXTECH-365515 Datasheet
194Kb / 1P
   Stopwatch/Clock with Backlit Display
365515 EXTECH-365515_15 Datasheet
194Kb / 1P
   Stopwatch/Clock with Backlit Display
logo
Marktech Corporate
MTN2428-14C MARKTECH-MTN2428-14C Datasheet
44Kb / 1P
   Marktech 0.28 Clock (Std.) Display
logo
List of Unclassifed Man...
TKD8001 ETC1-TKD8001 Datasheet
890Kb / 13P
   Clock Synthesizer and Display DAC
logo
Silan Microelectronics ...
SC3610 SILAN-SC3610 Datasheet
258Kb / 16P
   FREQUENCY AND CLOCK DISPLAY DRIVER
logo
Micro Electronics
MO461C MICRO-ELECTRONICS-MO461C Datasheet
74Kb / 2P
   0.6 FOUR DIGIT LED CLOCK DISPLAY
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com