전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BC337-40 데이터시트(PDF) 5 Page - Siemens Semiconductor Group

부품명 BC337-40
상세설명  NPN Silicon AF Transistors (High current gain High collector current Low collector-emitter saturation voltage)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SIEMENS [Siemens Semiconductor Group]
홈페이지  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BC337-40 데이터시트(HTML) 5 Page - Siemens Semiconductor Group

  BC337-40 Datasheet HTML 1Page - Siemens Semiconductor Group BC337-40 Datasheet HTML 2Page - Siemens Semiconductor Group BC337-40 Datasheet HTML 3Page - Siemens Semiconductor Group BC337-40 Datasheet HTML 4Page - Siemens Semiconductor Group BC337-40 Datasheet HTML 5Page - Siemens Semiconductor Group BC337-40 Datasheet HTML 6Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Semiconductor Group
5
BC 337
BC 338
Total power dissipation Ptot = f (TA; TC)
Collector current IC = f (VBE)
VCE = 1 V
Permissible pulse load RthJA = f (
tp)
Collector cutoff current ICB0 = f (TA)
VCB = 45 V


유사한 부품 번호 - BC337-40

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
BC337-40 MOTOROLA-BC337-40 Datasheet
163Kb / 4P
   Amplifier Transistor
logo
Taiwan Semiconductor Co...
BC337-40 TSC-BC337-40 Datasheet
275Kb / 5P
   NPN Transistor
logo
NXP Semiconductors
BC337-40 PHILIPS-BC337-40 Datasheet
47Kb / 8P
   NPN general purpose transistor
1999 Apr 15
logo
Micro Commercial Compon...
BC337-40 MCC-BC337-40 Datasheet
375Kb / 4P
   NPN Plastic-Encapsulate Transistors
logo
Diotec Semiconductor
BC337-40 DIOTEC-BC337-40 Datasheet
140Kb / 2P
   Si-Epitaxial PlanarTransistors
More results

유사한 설명 - BC337-40

제조업체부품명데이터시트상세설명
logo
Siemens Semiconductor G...
BC327 SIEMENS-BC327 Datasheet
143Kb / 6P
   PNP Silicon AF Transistors (High current gain High collector current Low collector-emitter saturation voltage)
BCX58BCX59 SIEMENS-BCX58BCX59 Datasheet
144Kb / 6P
   NPN Silicon AF Transistors (High current gain Low collector-emitter saturation voltage)
BC369 SIEMENS-BC369 Datasheet
126Kb / 4P
   PNP Silicon AF Transistor (High current gain High collector current Low collector-emitter saturation voltage)
BCX78 SIEMENS-BCX78 Datasheet
143Kb / 7P
   PNP Silicon AF Transistors (High current gain Low collector-emitter saturation voltage)
BSP50BSP52 SIEMENS-BSP50BSP52 Datasheet
152Kb / 5P
   NPN Silicon Darlington Transistors (High collector current Low collector-emitter saturation voltage)
BC875 SIEMENS-BC875 Datasheet
173Kb / 4P
   NPN Silicon Darlington Transistors (High current gain Low collector-emitter saturation voltage
BC635 SIEMENS-BC635 Datasheet
126Kb / 5P
   NPN Silicon AF Transistors (High current gain High collector current)
BSS79 SIEMENS-BSS79 Datasheet
157Kb / 5P
   NPN Silicon Switching Transistors (High DC current gain Low collector-emitter saturation voltage)
BSP60BSP62 SIEMENS-BSP60BSP62 Datasheet
153Kb / 5P
   PNP Silicon Darlington Transistors (High collector current Low collector-emitter saturation voltage)
logo
Infineon Technologies A...
SMBTA14 INFINEON-SMBTA14_07 Datasheet
71Kb / 6P
   NPN Silicon Darlington Transistor High collector current Low collector-emitter saturation voltage
2007-04-19
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com