전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BC848C 데이터시트(PDF) 4 Page - Siemens Semiconductor Group

부품명 BC848C
상세설명  NPN Silicon AF Transistors (For AF input stages and driver applications High current gain)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SIEMENS [Siemens Semiconductor Group]
홈페이지  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BC848C 데이터시트(HTML) 4 Page - Siemens Semiconductor Group

  BC848C Datasheet HTML 1Page - Siemens Semiconductor Group BC848C Datasheet HTML 2Page - Siemens Semiconductor Group BC848C Datasheet HTML 3Page - Siemens Semiconductor Group BC848C Datasheet HTML 4Page - Siemens Semiconductor Group BC848C Datasheet HTML 5Page - Siemens Semiconductor Group BC848C Datasheet HTML 6Page - Siemens Semiconductor Group BC848C Datasheet HTML 7Page - Siemens Semiconductor Group BC848C Datasheet HTML 8Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
BC 846 ... BC 850
Semiconductor Group
4
Electrical Characteristics
Unit
Values
Parameter
Symbol
min.
typ.
max.
MHz
Transition frequency
IC = 20 mA, VCE = 5 V, f = 100 MHz
fT
250
AC characteristics
pF
Output capacitance
VCB = 10 V, f = 1 MHz
Cobo
–3–
Input capacitance
VCB = 0.5 V, f = 1 MHz
Cibo
–8–
k
Short-circuit input impedance
IC = 2 mA, VCE = 5 V, f = 1 kHz
BC 846 A … BC 848 A
BC 846 B … BC 850 B
BC 847 C … BC 850 C
h11e
2.7
4.5
8.7
dB
Noise figure
IC = 0.2 mA, VCE = 5 V, RS = 2 k
f = 30 Hz … 15 kHz
BC 849
BC 850
f = 1 kHz,
f = 200 Hz
BC 849
BC 850
F
1.4
1.4
1.2
1.0
4
3
4
4
10–4
Open-circuit reverse voltage transfer ratio
IC = 2 mA, VCE = 5 V, f = 1 kHz
BC 846 A … BC 848 A
BC 846 B … BC 850 B
BC 847 C … BC 850 C
h12e
1.5
2.0
3.0
Short-circuit forward current transfer ratio
IC = 2 mA, VCE = 5 V, f = 1 kHz
BC 846 A … BC 848 A
BC 846 B … BC 850 B
BC 847 C … BC 850 C
h21e
200
330
600
µS
Open-circuit output admittance
IC = 2 mA, VCE = 5 V, f = 1 kHz
BC 846 A … BC 848 A
BC 846 B … BC 850 B
BC 847 C … BC 850 C
h22e
18
30
60
µV
Equivalent noise voltage
IC = 0.2 mA, VCE = 5 V, RS = 2 k
f = 10 Hz … 50 Hz
BC 850
Vn
0.135
at TA = 25 ˚C, unless otherwise specified.


유사한 부품 번호 - BC848C

제조업체부품명데이터시트상세설명
logo
Transys Electronics
BC848C TRSYS-BC848C Datasheet
371Kb / 3P
   NPN SURFACE MOUNT SMALL SIGNAL TRANSISTOR
logo
DONGGUAN YOU FENG WEI E...
BC848C YFWDIODE-BC848C Datasheet
704Kb / 4P
   NPN Transistors
logo
Galaxy Semi-Conductor H...
BC848C BILIN-BC848C Datasheet
202Kb / 4P
   NPN general purpose Transistor
logo
Taiwan Semiconductor Co...
BC848C TSC-BC848C Datasheet
218Kb / 5P
   NPN Small Signal Transistor
logo
Zowie Technology Corpor...
BC848C ZOWIE-BC848C Datasheet
79Kb / 4P
   GENERAL PURPOSE TRANSISTOR NPN SILICON
More results

유사한 설명 - BC848C

제조업체부품명데이터시트상세설명
logo
Siemens Semiconductor G...
BCW60 SIEMENS-BCW60 Datasheet
282Kb / 9P
   NPN Silicon AF Transistors (For AF input stages and driver applications High current gain)
BCW61 SIEMENS-BCW61 Datasheet
271Kb / 9P
   PNP Silicon AF Transistors (For AF input stages and driver applications High current gain)
BC846S SIEMENS-BC846S Datasheet
40Kb / 6P
   NPN Silicon AF Transistor Array (For AF input stages and driver applications High current gain)
BC847S SIEMENS-BC847S Datasheet
156Kb / 6P
   NPN Silicon AF Transistor Array (For AF input stages and driver applications High current gain)
BC846PN SIEMENS-BC846PN Datasheet
68Kb / 6P
   NPN/PNP Silicon AF Transistor Array (For AF input stages and driver applications High current gain)
BCX54BCX56 SIEMENS-BCX54BCX56 Datasheet
146Kb / 5P
   NPN Silicon AF Transistors (For AF driver and output stages High collector current)
BCP54BCP56 SIEMENS-BCP54BCP56 Datasheet
131Kb / 5P
   NPN Silicon AF Transistors (For AF driver and output stages High collector current)
BCP54MBCP56M SIEMENS-BCP54MBCP56M Datasheet
31Kb / 4P
   NPN Silicon AF Transistors (For AF driver and output stages High collector current)
BC856-BC860 SIEMENS-BC856-BC860 Datasheet
271Kb / 8P
   PNP Silicon AF Transistors (For AF input stages and driver applications High current gain Low collector-emitter saturation voltage)
BC856W-BC860W SIEMENS-BC856W-BC860W Datasheet
273Kb / 8P
   PNP Silicon AF Transistors (For AF input stages and driver applications High current gain Low collector-emitter saturation voltage)
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com