전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LS0851503F040C2A 데이터시트(PDF) 3 Page - E-SWITCH

부품명 LS0851503F040C2A
상세설명  SNAP ACTION SWITCHES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  E-SWITCH [E-SWITCH]
홈페이지  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

LS0851503F040C2A 데이터시트(HTML) 3 Page - E-SWITCH

  LS0851503F040C2A Datasheet HTML 1Page - E-SWITCH LS0851503F040C2A Datasheet HTML 2Page - E-SWITCH LS0851503F040C2A Datasheet HTML 3Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
www.e-switch.com
info@e-switch.com
203
TERMINATION OPTIONS
SOLDER LUG
S1
0.187" QUICK CONNECT
C1
RIGHT ANGLE PCB PIN
V1
0.250" QUICK CONNECT
C2


유사한 부품 번호 - LS0851503F040C2A

제조업체부품명데이터시트상세설명
logo
E-SWITCH
LS0851500F100C2A E-SWITCH-LS0851500F100C2A Datasheet
69Kb / 1P
   E-SWITCH LS0851500F100C2A
LS0851500F160C2A E-SWITCH-LS0851500F160C2A Datasheet
69Kb / 1P
   E-SWITCH LS0851500F160C2A
LS0851502F075C1A E-SWITCH-LS0851502F075C1A Datasheet
72Kb / 1P
   E-SWITCH LS0851502F075C1A
LS0851504F085C1A E-SWITCH-LS0851504F085C1A Datasheet
71Kb / 1P
   E-SWITCH LS0851504F085C1A
LS0851504F140C1A E-SWITCH-LS0851504F140C1A Datasheet
71Kb / 1P
   E-SWITCH LS0851504F140C1A
More results

유사한 설명 - LS0851503F040C2A

제조업체부품명데이터시트상세설명
logo
TE Connectivity Ltd
SAJ2 TEC-SAJ2 Datasheet
604Kb / 4P
   Snap Action Switches
SAJ3 TEC-SAJ3 Datasheet
675Kb / 5P
   Snap Action Switches
SAJ1 TEC-SAJ1 Datasheet
323Kb / 3P
   Snap Action Switches
logo
E-SWITCH
MS085R100F130S1A E-SWITCH-MS085R100F130S1A Datasheet
800Kb / 3P
   SNAP ACTION SWITCHES-MINIATURE
logo
List of Unclassifed Man...
11-304 ETC2-11-304 Datasheet
1Mb / 30P
   LICON. SNAP ACTION SWITCHES
logo
SHINMEI ELECTRIC CO., L...
MQS-53 SHINMEI-MQS-53 Datasheet
171Kb / 6P
   Compact-sized Snap Action Switches
logo
E-SWITCH
TS0101F020V1 E-SWITCH-TS0101F020V1 Datasheet
304Kb / 2P
   SNAP ACTION SWITCHES - SUB-MINIATURE
logo
SHINMEI ELECTRIC CO., L...
MQS-54 SHINMEI-MQS-54 Datasheet
311Kb / 11P
   Compact-sized Snap Action Switches
logo
E-SWITCH
TS1 E-SWITCH-TS1 Datasheet
90Kb / 1P
   SNAP ACTION SWITCHES - SUB-MINIATURE
SS0750301F030P1A E-SWITCH-SS0750301F030P1A Datasheet
1,009Kb / 2P
   SNAP ACTION SWITCHES - SUB-MINIATURE
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com