전자부품 데이터시트 검색엔진 |
|
ISLA214S50IR1Z 데이터시트(PDF) 6 Page - Intersil Corporation |
|
ISLA214S50IR1Z 데이터시트(HTML) 6 Page - Intersil Corporation |
6 / 41 page ISLA214S50 6 FN7973.1 December 21, 2011 Power Supply Rejection Ratio (Note 7) PSRR 30MHz 200mVp-p 41 41 dB 1MHz 200mVp-p 47 47 dB Total Power Dissipation Normal Mode PD 1060 1139 857 mW Nap Mode PD 421 466 352 mW Sleep Mode PD CSB at logic high 6 12 6mW Nap Mode Wakeup Time Sample Clock Running 55 µs Sleep Mode Wakeup Time Sample Clock Running 11 ms AC SPECIFICATIONS (Note 8) Differential Nonlinearity DNL -1.0 ±0.35 1.4 ±0.30 LSB Integral Nonlinearity INL ±2.4 ±1.5 LSB Minimum Conversion Rate (Note 9) fS MIN 200 175 MSPS Maximum Conversion Rate fS MAX Efficient Packing 500 350 500 MSPS Simple Packing 310 MSPS Signal-to-Noise Ratio (Note 10) SNR fIN = 30MHz 73.1 74.1 dBFS fIN = 105MHz 70 72.9 73.8 dBFS fIN = 190MHz 72.5 73.2 dBFS fIN = 363MHz 71.0 71.6 dBFS fIN = 495MHz 70.1 70.1 dBFS fIN = 605MHz 68.9 68.9 dBFS Signal-to-Noise and Distortion (Note 10) SINAD fIN = 30MHz 73.0 73.9 dBFS fIN = 105MHz 69.4 72.7 73.6 dBFS fIN = 190MHz 72.1 72.9 dBFS fIN = 363MHz 70.4 71.3 dBFS fIN = 495MHz 67.9 68.4 dBFS fIN = 605MHz 67.0 67.0 dBFS Effective Number of Bits (Note 10) ENOB fIN = 30MHz 11.64 11.41 Bits fIN = 105MHz 11.23 11.52 11.28 Bits fIN = 190MHz 11.34 11.00 Bits fIN = 363MHz 10.99 10.73 Bits fIN = 495MHz 10.79 10.82 Bits fIN = 605MHz 10.38 10.50 Bits Electrical Specifications All specifications apply under the following conditions unless otherwise noted: AVDD = 1.8V, OVDD = 1.8V, TA = -40°C to +85°C (typical specifications at +25°C), AIN = -2dBFS, fSAMPLE = Maximum Conversion Rate (per speed grade). Boldface limits apply over the operating temperature range, -40°C to +85°C. (Continued) PARAMETER SYMBOL CONDITIONS ISLA214S50 ISLA214S35 UNITS MIN (Note 6) TYP MAX (Note 6) MIN (Note 6) TYP MAX (Note 6) |
유사한 부품 번호 - ISLA214S50IR1Z |
|
유사한 설명 - ISLA214S50IR1Z |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |