전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC74VCX162244 데이터시트(PDF) 6 Page - Motorola, Inc

부품명 MC74VCX162244
상세설명  LOW-VOLTAGE 1.8/2.5/3.3V 16-BIT BUFFER WITH 26ohm SERIES RESISTORS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MOTOROLA [Motorola, Inc]
홈페이지  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC74VCX162244 데이터시트(HTML) 6 Page - Motorola, Inc

  MC74VCX162244 Datasheet HTML 1Page - Motorola, Inc MC74VCX162244 Datasheet HTML 2Page - Motorola, Inc MC74VCX162244 Datasheet HTML 3Page - Motorola, Inc MC74VCX162244 Datasheet HTML 4Page - Motorola, Inc MC74VCX162244 Datasheet HTML 5Page - Motorola, Inc MC74VCX162244 Datasheet HTML 6Page - Motorola, Inc MC74VCX162244 Datasheet HTML 7Page - Motorola, Inc MC74VCX162244 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
MC74VCX162244
MOTOROLA
LCX DATA
BR1339 — REV 2
6
DYNAMIC SWITCHING CHARACTERISTICS
TA = +25°C
Symbol
Characteristic
Condition
Typ
Unit
VOLP
Dynamic LOW Peak Voltage
VCC = 1.8V, CL = 30pF, VIH = VCC, VIL = 0V
0.15
V
(Note 6.)
VCC = 2.5V, CL = 30pF, VIH = VCC, VIL = 0V
0.25
VCC = 3.3V, CL = 30pF, VIH = VCC, VIL = 0V
0.35
VOLV
Dynamic LOW Valley Voltage
VCC = 1.8V, CL = 30pF, VIH = VCC, VIL = 0V
–0.15
V
(Note 6.)
VCC = 2.5V, CL = 30pF, VIH = VCC, VIL = 0V
–0.25
VCC = 3.3V, CL = 30pF, VIH = VCC, VIL = 0V
–0.35
VOHV
Dynamic HIGH Valley Voltage
VCC = 1.8V, CL = 30pF, VIH = VCC, VIL = 0V
1.55
V
(Note 7.)
VCC = 2.5V, CL = 30pF, VIH = VCC, VIL = 0V
2.05
VCC = 3.3V, CL = 30pF, VIH = VCC, VIL = 0V
2.65
6. Number of outputs defined as “n”. Measured with “n–1” outputs switching from HIGH–to–LOW or LOW–to–HIGH. The remaining output is
measured in the LOW state.
7. Number of outputs defined as “n”. Measured with “n–1” outputs switching from HIGH–to–LOW or LOW–to–HIGH. The remaining output is
measured in the HIGH state.
CAPACITIVE CHARACTERISTICS
Symbol
Parameter
Condition
Typical
Unit
CIN
Input Capacitance
Note 8.
6
pF
COUT
Output Capacitance
Note 8.
7
pF
CPD
Power Dissipation Capacitance
Note 8., 10MHz
20
pF
8. VCC = 1.8, 2.5 or 3.3V; VI = 0V or VCC.
WAVEFORM 1 – PROPAGATION DELAYS
tR = tF = 2.0ns, 10% to 90%; f = 1MHz; tW = 500ns
VIH
0V
VOH
VOL
Dn
On
tPHL
tPLH
WAVEFORM 2 – OUTPUT ENABLE AND DISABLE TIMES
tR = tF = 2.0ns, 10% to 90%; f = 1MHz; tW = 500ns
VIH
0V
≈ 0V
OEn
On
tPZH
≈ VCC
tPHZ
tPZL
tPLZ
On
Vm
Vm
Vm
Vm
Vm
Vm
Figure 3. AC Waveforms
Vm
VOH
Vy
Vx
VOL
Vm


유사한 부품 번호 - MC74VCX162244

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
MC74VCX16244 MOTOROLA-MC74VCX16244 Datasheet
134Kb / 8P
   LOW-VOLTAGE 1.8/2.5/3.3V 16-BIT BUFFER
MC74VCX16244DT MOTOROLA-MC74VCX16244DT Datasheet
134Kb / 8P
   LOW-VOLTAGE 1.8/2.5/3.3V 16-BIT BUFFER
MC74VCX16245 MOTOROLA-MC74VCX16245 Datasheet
137Kb / 8P
   LOW-VOLTAGE 1.8/2.5/3.3V 16-BIT TRANSCEIVER
MC74VCX16245DT MOTOROLA-MC74VCX16245DT Datasheet
137Kb / 8P
   LOW-VOLTAGE 1.8/2.5/3.3V 16-BIT TRANSCEIVER
More results

유사한 설명 - MC74VCX162244

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
MC74VCX16244 MOTOROLA-MC74VCX16244 Datasheet
134Kb / 8P
   LOW-VOLTAGE 1.8/2.5/3.3V 16-BIT BUFFER
logo
Fairchild Semiconductor
74LCX162244 FAIRCHILD-74LCX162244 Datasheet
217Kb / 10P
   Low Voltage 16-Bit Buffer/Line Driver with 26ohm Series Resistors in Outputs
logo
ON Semiconductor
74VCXH16245 ONSEMI-74VCXH16245 Datasheet
91Kb / 8P
   Low-Voltage 1.8/2.5/3.3V 16-Bit Transceiver
May, 2004 ??Rev. 3
logo
Motorola, Inc
MC74VCX16245 MOTOROLA-MC74VCX16245 Datasheet
137Kb / 8P
   LOW-VOLTAGE 1.8/2.5/3.3V 16-BIT TRANSCEIVER
logo
ON Semiconductor
74VCXH16244 ONSEMI-74VCXH16244 Datasheet
237Kb / 11P
   Low?뭋oltage 1.8/2.5/3.3V 16?묪it Buffer
June, 2006 ??Rev. 5
74VCX16373 ONSEMI-74VCX16373 Datasheet
102Kb / 10P
   Low-Voltage 1.8/2.5/3.3V 16-Bit Transparent Latch
November, 2004 ??Rev. 5
logo
Motorola, Inc
MC74VCX16373 MOTOROLA-MC74VCX16373 Datasheet
141Kb / 8P
   LOW-VOLTAGE 1.8/2.5/3.3V 16-BIT TRANSPARENT LATCH
logo
ON Semiconductor
74VCXH16240 ONSEMI-74VCXH16240 Datasheet
236Kb / 11P
   Low?뭋oltage 1.8/2.5/3.3V 16?묪it Buffer
June, 2006 ??Rev. 5
74VCX16240 ONSEMI-74VCX16240 Datasheet
217Kb / 9P
   Low?뭋oltage 1.8/2.5/3.3V 16?묪it Buffer
June, 2006 ??Rev. 5
logo
Pericom Semiconductor C...
PI74ALVTC16244 PERICOM-PI74ALVTC16244 Datasheet
236Kb / 8P
   1.8/2.5/3.3V 16-Bit Buffer/Driver with 3-State Outputs
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com