전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BCW61B 데이터시트(PDF) 1 Page - Siemens Semiconductor Group

부품명 BCW61B
상세설명  PNP Silicon AF Transistors (For AF input stages and driver applications High current gain)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SIEMENS [Siemens Semiconductor Group]
홈페이지  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BCW61B 데이터시트(HTML) 1 Page - Siemens Semiconductor Group

  BCW61B Datasheet HTML 1Page - Siemens Semiconductor Group BCW61B Datasheet HTML 2Page - Siemens Semiconductor Group BCW61B Datasheet HTML 3Page - Siemens Semiconductor Group BCW61B Datasheet HTML 4Page - Siemens Semiconductor Group BCW61B Datasheet HTML 5Page - Siemens Semiconductor Group BCW61B Datasheet HTML 6Page - Siemens Semiconductor Group BCW61B Datasheet HTML 7Page - Siemens Semiconductor Group BCW61B Datasheet HTML 8Page - Siemens Semiconductor Group BCW61B Datasheet HTML 9Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Semiconductor Group
1
PNP Silicon AF Transistors
BCW 61
BCX 71
5.91
Type
Ordering Code
(tape and reel)
Marking
Package1)
Pin Configuration
BCW 61 A
BCW 61 B
BCW 61 C
BCW 61 D
BCW 61 FF
BCW 61 FN
BCX 71G
BCX 71H
BCX 71J
BCX 71 K
Q62702-C452
Q62702-C1585
Q62702-C1478
Q62702-C1556
Q62702-C1890
Q62702-C1891
Q62702-C1482
Q62702-C1586
Q62702-C1554
Q62702-C1654
BAs
BBs
BCs
BDs
BFs
BNs
BGs
BHs
BJs
BKs
SOT-23
B
E
C
1
2
3
1)
For detailed information see chapter Package Outlines.
q
For AF input stages and driver applications
q
High current gain
q
Low collector-emitter saturation voltage
q
Low noise between 30 Hz and 15 kHz
q
Complementary types: BCW 60, BCX 70 (NPN)


유사한 부품 번호 - BCW61B

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
BCW61B PHILIPS-BCW61B Datasheet
42Kb / 8P
   PNP general purpose transistors
1999 Apr 12
logo
Infineon Technologies A...
BCW61B INFINEON-BCW61B Datasheet
169Kb / 11P
   PNP Silicon AF Transistors
2007-10-18
logo
Samsung semiconductor
BCW61B SAMSUNG-BCW61B Datasheet
31Kb / 1P
   PNP EPITAXIAL SILICON TRANSISTOR
logo
SeCoS Halbleitertechnol...
BCW61B SECOS-BCW61B Datasheet
1Mb / 2P
   -0.1A , -32V PNP Plastic Encapsulated Transistor
logo
Fairchild Semiconductor
BCW61B FAIRCHILD-BCW61B Datasheet
32Kb / 3P
   PNP EPITAXIAL SILICON TRANSISTOR
More results

유사한 설명 - BCW61B

제조업체부품명데이터시트상세설명
logo
Siemens Semiconductor G...
BC846-BC850 SIEMENS-BC846-BC850 Datasheet
273Kb / 8P
   NPN Silicon AF Transistors (For AF input stages and driver applications High current gain)
BCW60 SIEMENS-BCW60 Datasheet
282Kb / 9P
   NPN Silicon AF Transistors (For AF input stages and driver applications High current gain)
BC846PN SIEMENS-BC846PN Datasheet
68Kb / 6P
   NPN/PNP Silicon AF Transistor Array (For AF input stages and driver applications High current gain)
BC846S SIEMENS-BC846S Datasheet
40Kb / 6P
   NPN Silicon AF Transistor Array (For AF input stages and driver applications High current gain)
BC847S SIEMENS-BC847S Datasheet
156Kb / 6P
   NPN Silicon AF Transistor Array (For AF input stages and driver applications High current gain)
BC856-BC860 SIEMENS-BC856-BC860 Datasheet
271Kb / 8P
   PNP Silicon AF Transistors (For AF input stages and driver applications High current gain Low collector-emitter saturation voltage)
BC856W-BC860W SIEMENS-BC856W-BC860W Datasheet
273Kb / 8P
   PNP Silicon AF Transistors (For AF input stages and driver applications High current gain Low collector-emitter saturation voltage)
BCP51-BCP53 SIEMENS-BCP51-BCP53 Datasheet
140Kb / 5P
   PNP Silicon AF Transistors (For AF driver and output stages High collector current)
BCW67BCW68 SIEMENS-BCW67BCW68 Datasheet
134Kb / 6P
   PNP Silicon AF Transistors (For general AF applications High current gain)
logo
Infineon Technologies A...
BC847AE6327 INFINEON-BC847AE6327 Datasheet
881Kb / 13P
   For AF input stages and driver applications
2011-09-09
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com