전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BCW67C 데이터시트(PDF) 6 Page - Siemens Semiconductor Group

부품명 BCW67C
상세설명  PNP Silicon AF Transistors (For general AF applications High current gain)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SIEMENS [Siemens Semiconductor Group]
홈페이지  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BCW67C 데이터시트(HTML) 6 Page - Siemens Semiconductor Group

  BCW67C Datasheet HTML 1Page - Siemens Semiconductor Group BCW67C Datasheet HTML 2Page - Siemens Semiconductor Group BCW67C Datasheet HTML 3Page - Siemens Semiconductor Group BCW67C Datasheet HTML 4Page - Siemens Semiconductor Group BCW67C Datasheet HTML 5Page - Siemens Semiconductor Group BCW67C Datasheet HTML 6Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Semiconductor Group
6
Base-emitter saturation voltage
IC = f (VBEsat)
hFE = 10
DC current gain hFE = f (IC)
VCE = 1 V
Collector-emitter saturation voltage
IC = f (VCEsat)
hFE = 10
BCW 67
BCW 68


유사한 부품 번호 - BCW67C

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
BCW67C INFINEON-BCW67C Datasheet
50Kb / 5P
   PNP Silicon AF Transistors
Jul-10-2001
logo
Diotec Semiconductor
BCW67C DIOTEC-BCW67C Datasheet
182Kb / 2P
   Surface mount Si-Epitaxial PlanarTransistors
logo
Infineon Technologies A...
BCW67C INFINEON-BCW67C Datasheet
79Kb / 8P
   PNP Silicon AF Transistors
2007-04-20
logo
Central Semiconductor C...
BCW67C CENTRAL-BCW67C Datasheet
328Kb / 2P
   SURFACE MOUNT PNP SILICON TRANSISTOR
logo
Infineon Technologies A...
BCW67C INFINEON-BCW67C Datasheet
533Kb / 8P
   PNP Silicon AF Transistors
2011-09-15
More results

유사한 설명 - BCW67C

제조업체부품명데이터시트상세설명
logo
Siemens Semiconductor G...
BC807 SIEMENS-BC807 Datasheet
131Kb / 5P
   PNP Silicon AF Transistors (For general AF applications High collector current High current gain)
BCW65 SIEMENS-BCW65 Datasheet
134Kb / 6P
   NPN Silicon AF Transistors (For general AF applications High current gain)
BCX69 SIEMENS-BCX69 Datasheet
145Kb / 4P
   PNP Silicon AF Transistors (For general AF applications High collector current)
BC807-16W SIEMENS-BC807-16W Datasheet
91Kb / 5P
   PNP Silicon AF Transistor (For general AF applications High collector current High current gain)
BCW61 SIEMENS-BCW61 Datasheet
271Kb / 9P
   PNP Silicon AF Transistors (For AF input stages and driver applications High current gain)
BCP28 SIEMENS-BCP28 Datasheet
153Kb / 5P
   PNP Silicon Darlington Transistors (For general AF applications High collector current High current gain)
BCX68 SIEMENS-BCX68 Datasheet
144Kb / 4P
   NPN Silicon AF Transistors (For general AF applications High collector current)
BC817-16W SIEMENS-BC817-16W Datasheet
90Kb / 5P
   NPN Silicon AF Transistor (For general AF applications High collector current High current gain)
BCP69 SIEMENS-BCP69 Datasheet
136Kb / 4P
   PNP Silicon AF Transistor (For general AF application High collector current High current gain)
BCV28 SIEMENS-BCV28 Datasheet
142Kb / 4P
   PNP Silicon Darlington Transistors (For general AF applications High collector current)
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com