전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BCW66G 데이터시트(PDF) 4 Page - Siemens Semiconductor Group

부품명 BCW66G
상세설명  NPN Silicon AF Transistors (For general AF applications High current gain)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SIEMENS [Siemens Semiconductor Group]
홈페이지  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BCW66G 데이터시트(HTML) 4 Page - Siemens Semiconductor Group

  BCW66G Datasheet HTML 1Page - Siemens Semiconductor Group BCW66G Datasheet HTML 2Page - Siemens Semiconductor Group BCW66G Datasheet HTML 3Page - Siemens Semiconductor Group BCW66G Datasheet HTML 4Page - Siemens Semiconductor Group BCW66G Datasheet HTML 5Page - Siemens Semiconductor Group BCW66G Datasheet HTML 6Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
BCW 65
BCW 66
Semiconductor Group
4
Electrical Characteristics
at TA = 25 ˚C, unless otherwise specified.
V
Collector-emitter saturation voltage1)
IC = 100 mA, IB = 10 mA
IC = 500 mA, IB = 50 mA
VCEsat
0.3
0.7
Base-emitter saturation voltage1)
IC = 100 mA, IB = 10 mA
IC = 500 mA, IB = 50 mA
VBEsat
1.25
2
DC characteristics
MHz
Transition frequency
IC = 50 mA, VCE = 5 V, f = 20 MHz
fT
170
AC characteristics
pF
Output capacitance
VCB = 10 V, f = 1 MHz
Cobo
–6–
Input capacitance
VEB = 0.5 V, f = 1 MHz
Cibo
–60
Unit
Values
Parameter
Symbol
min.
typ.
max.
1)
Pulse test: t
300 µs, D = 2 %.


유사한 부품 번호 - BCW66G

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
BCW66G STMICROELECTRONICS-BCW66G Datasheet
39Kb / 4P
   SMALL SIGNAL NPN TRANSISTORS
logo
SeCoS Halbleitertechnol...
BCW66G SECOS-BCW66G Datasheet
61Kb / 2P
   NPN Plastic Encapsulated Transistor
logo
Zetex Semiconductors
BCW66G ZETEX-BCW66G Datasheet
39Kb / 2P
   NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
Continental Device Indi...
BCW66G CDIL-BCW66G Datasheet
86Kb / 3P
   GENERAL PURPOSE TRANSISTOR
logo
Fairchild Semiconductor
BCW66G FAIRCHILD-BCW66G Datasheet
46Kb / 4P
   NPN General Purpose Amplifier
More results

유사한 설명 - BCW66G

제조업체부품명데이터시트상세설명
logo
Siemens Semiconductor G...
BCW67BCW68 SIEMENS-BCW67BCW68 Datasheet
134Kb / 6P
   PNP Silicon AF Transistors (For general AF applications High current gain)
BCX68 SIEMENS-BCX68 Datasheet
144Kb / 4P
   NPN Silicon AF Transistors (For general AF applications High collector current)
BC807 SIEMENS-BC807 Datasheet
131Kb / 5P
   PNP Silicon AF Transistors (For general AF applications High collector current High current gain)
BC817-16W SIEMENS-BC817-16W Datasheet
90Kb / 5P
   NPN Silicon AF Transistor (For general AF applications High collector current High current gain)
BCW60 SIEMENS-BCW60 Datasheet
282Kb / 9P
   NPN Silicon AF Transistors (For AF input stages and driver applications High current gain)
BC846-BC850 SIEMENS-BC846-BC850 Datasheet
273Kb / 8P
   NPN Silicon AF Transistors (For AF input stages and driver applications High current gain)
BCX69 SIEMENS-BCX69 Datasheet
145Kb / 4P
   PNP Silicon AF Transistors (For general AF applications High collector current)
BCP29 SIEMENS-BCP29 Datasheet
153Kb / 5P
   NPN Silicon Darlington Transistors (For general AF applications High collector current High current gain)
BC807-16W SIEMENS-BC807-16W Datasheet
91Kb / 5P
   PNP Silicon AF Transistor (For general AF applications High collector current High current gain)
BCP68 SIEMENS-BCP68 Datasheet
136Kb / 4P
   NPN Silicon AF Transistor (For general AF application High collector current High current gain)
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com