전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BCX54-10 데이터시트(PDF) 5 Page - Siemens Semiconductor Group

부품명 BCX54-10
상세설명  NPN Silicon AF Transistors (For AF driver and output stages High collector current)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SIEMENS [Siemens Semiconductor Group]
홈페이지  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BCX54-10 데이터시트(HTML) 5 Page - Siemens Semiconductor Group

  BCX54-10 Datasheet HTML 1Page - Siemens Semiconductor Group BCX54-10 Datasheet HTML 2Page - Siemens Semiconductor Group BCX54-10 Datasheet HTML 3Page - Siemens Semiconductor Group BCX54-10 Datasheet HTML 4Page - Siemens Semiconductor Group BCX54-10 Datasheet HTML 5Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
BCX 54 … BCX 56
Semiconductor Group
5
Collector current IC = f (VBE)
VCE = 2 V
Base-emitter saturation voltage
IC = f (VBEsat)
hFE = 10
Collector-emitter saturation voltage
IC = f (VCEsat)
hFE = 10
DC current gain hFE = f (IC)
VCE = 2 V


유사한 부품 번호 - BCX54-10

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
BCX54-10 PHILIPS-BCX54-10 Datasheet
42Kb / 8P
   NPN medium power transistors
Rev. 07 - 4 June 2007
logo
Micro Commercial Compon...
BCX54-10 MCC-BCX54-10 Datasheet
484Kb / 2P
   NPN Plastic-Encapsulate Transistors
logo
Infineon Technologies A...
BCX54-10 INFINEON-BCX54-10 Datasheet
48Kb / 5P
   NPN Silicon AF Transistors
Jul-10-2001
logo
Dongguan City Niuhang E...
BCX54-10 NIUHANG-BCX54-10 Datasheet
5Mb / 5P
   NPN TRANSISTOR
logo
NXP Semiconductors
BCX54-10 NXP-BCX54-10 Datasheet
152Kb / 15P
   45 V, 1 A NPN medium power transistors
Rev. 07 - 4 June 2007
More results

유사한 설명 - BCX54-10

제조업체부품명데이터시트상세설명
logo
Siemens Semiconductor G...
BCP54BCP56 SIEMENS-BCP54BCP56 Datasheet
131Kb / 5P
   NPN Silicon AF Transistors (For AF driver and output stages High collector current)
BCP54MBCP56M SIEMENS-BCP54MBCP56M Datasheet
31Kb / 4P
   NPN Silicon AF Transistors (For AF driver and output stages High collector current)
BCP51-BCP53 SIEMENS-BCP51-BCP53 Datasheet
140Kb / 5P
   PNP Silicon AF Transistors (For AF driver and output stages High collector current)
BCP51MBCP53M SIEMENS-BCP51MBCP53M Datasheet
31Kb / 4P
   PNP Silicon AF Transistor (For AF driver and output stages High collector current)
BDP947 SIEMENS-BDP947 Datasheet
40Kb / 4P
   NPN Silicon AF Power Transistors (For AF drivers and output stages High collector current High current gain)
BDP951 SIEMENS-BDP951 Datasheet
41Kb / 4P
   NPN Silicon AF Power Transistors (For AF drivers and output stages High collector current High current gain)
BCP70M SIEMENS-BCP70M Datasheet
29Kb / 4P
   PNP Silicon AF Power Transistor (For AF driver and output stages High collector current)
BCP72 SIEMENS-BCP72 Datasheet
29Kb / 3P
   PNP Silicon AF Power Transistor (For AF driver and output stages High collector current High current gain)
BCW60 SIEMENS-BCW60 Datasheet
282Kb / 9P
   NPN Silicon AF Transistors (For AF input stages and driver applications High current gain)
BC846-BC850 SIEMENS-BC846-BC850 Datasheet
273Kb / 8P
   NPN Silicon AF Transistors (For AF input stages and driver applications High current gain)
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com