전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BCX78-VIII 데이터시트(PDF) 4 Page - Siemens Semiconductor Group

부품명 BCX78-VIII
상세설명  PNP Silicon AF Transistors (High current gain Low collector-emitter saturation voltage)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SIEMENS [Siemens Semiconductor Group]
홈페이지  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BCX78-VIII 데이터시트(HTML) 4 Page - Siemens Semiconductor Group

  BCX78-VIII Datasheet HTML 1Page - Siemens Semiconductor Group BCX78-VIII Datasheet HTML 2Page - Siemens Semiconductor Group BCX78-VIII Datasheet HTML 3Page - Siemens Semiconductor Group BCX78-VIII Datasheet HTML 4Page - Siemens Semiconductor Group BCX78-VIII Datasheet HTML 5Page - Siemens Semiconductor Group BCX78-VIII Datasheet HTML 6Page - Siemens Semiconductor Group BCX78-VIII Datasheet HTML 7Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Semiconductor Group
4
Electrical Characteristics
at TA = 25 ˚C, unless otherwise specified.
V
Collector-emitter saturation voltage1)
IC = 100 mA, IB = 2.5 mA
VCEsat
0.6
Base-emitter saturation voltage1)
IC = 100 mA, IB = 2.5 mA
VBEsat
1.0
DC characteristics
Unit
Values
Parameter
Symbol
min.
typ.
max.
Base-emitter voltage
IC = 10
µA, VCE = 5 V
IC = 2 mA, VCE = 5 V
IC = 100 mA, VCE = 1 V 1)
VBE(on)
0.55
0.52
0.65
0.93
0.75
1)
Pulse test: t
300 µs, D 2%.
BCX 78
BCX 79


유사한 부품 번호 - BCX78-VIII

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
BCX78-10 MOTOROLA-BCX78-10 Datasheet
113Kb / 3P
   AMPLIFIER TRANSISTORS PNP SILICON
BCX78-7 MOTOROLA-BCX78-7 Datasheet
113Kb / 3P
   AMPLIFIER TRANSISTORS PNP SILICON
BCX78-8 MOTOROLA-BCX78-8 Datasheet
113Kb / 3P
   AMPLIFIER TRANSISTORS PNP SILICON
BCX78-9 MOTOROLA-BCX78-9 Datasheet
113Kb / 3P
   AMPLIFIER TRANSISTORS PNP SILICON
More results

유사한 설명 - BCX78-VIII

제조업체부품명데이터시트상세설명
logo
Siemens Semiconductor G...
BC327 SIEMENS-BC327 Datasheet
143Kb / 6P
   PNP Silicon AF Transistors (High current gain High collector current Low collector-emitter saturation voltage)
BC369 SIEMENS-BC369 Datasheet
126Kb / 4P
   PNP Silicon AF Transistor (High current gain High collector current Low collector-emitter saturation voltage)
BC337 SIEMENS-BC337 Datasheet
150Kb / 6P
   NPN Silicon AF Transistors (High current gain High collector current Low collector-emitter saturation voltage)
BCX58BCX59 SIEMENS-BCX58BCX59 Datasheet
144Kb / 6P
   NPN Silicon AF Transistors (High current gain Low collector-emitter saturation voltage)
BSS80 SIEMENS-BSS80 Datasheet
179Kb / 6P
   PNP Silicon Switching Transistors (High DC current gain Low collector-emitter saturation voltage)
BC856W-BC860W SIEMENS-BC856W-BC860W Datasheet
273Kb / 8P
   PNP Silicon AF Transistors (For AF input stages and driver applications High current gain Low collector-emitter saturation voltage)
BC856-BC860 SIEMENS-BC856-BC860 Datasheet
271Kb / 8P
   PNP Silicon AF Transistors (For AF input stages and driver applications High current gain Low collector-emitter saturation voltage)
BSP60BSP62 SIEMENS-BSP60BSP62 Datasheet
153Kb / 5P
   PNP Silicon Darlington Transistors (High collector current Low collector-emitter saturation voltage)
logo
Infineon Technologies A...
SMBTA56 INFINEON-SMBTA56_07 Datasheet
77Kb / 7P
   PNP Silicon AF Transistor Low collector-emitter saturation voltage
2007-04-19
logo
Siemens Semiconductor G...
BC875 SIEMENS-BC875 Datasheet
173Kb / 4P
   NPN Silicon Darlington Transistors (High current gain Low collector-emitter saturation voltage
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com