전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BF423 데이터시트(PDF) 4 Page - Siemens Semiconductor Group

부품명 BF423
상세설명  PNP Silicon Transistors (High breakdown voltage Low collector-emitter saturation voltage)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SIEMENS [Siemens Semiconductor Group]
홈페이지  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BF423 데이터시트(HTML) 4 Page - Siemens Semiconductor Group

  BF423 Datasheet HTML 1Page - Siemens Semiconductor Group BF423 Datasheet HTML 2Page - Siemens Semiconductor Group BF423 Datasheet HTML 3Page - Siemens Semiconductor Group BF423 Datasheet HTML 4Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Semiconductor Group
4
BF 421
BF 423
DC current gain hFE = f (IC)
VCE = 20 V, TA = 25 ˚C
Output capacitance Cobo = f (VCB)
IC = 0, f = 1 MHz
Transition frequency fT = f (IC)
VCE = 10 V, f = 20 MHz


유사한 부품 번호 - BF423

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
BF423 MOTOROLA-BF423 Datasheet
119Kb / 4P
   High Voltage Transistors(PNP)
logo
ON Semiconductor
BF423 ONSEMI-BF423 Datasheet
110Kb / 4P
   High Voltage Transistors
July, 2010 ??Rev. 5
BF423 ONSEMI-BF423 Datasheet
82Kb / 4P
   High Voltage Transistors(PNP Silicon)
1998 REV 1
logo
SHENZHEN YONGERJIA INDU...
BF423 WINNERJOIN-BF423 Datasheet
125Kb / 1P
   TRANSISTOR (PNP)
logo
NXP Semiconductors
BF423 PHILIPS-BF423 Datasheet
62Kb / 6P
   PNP high-voltage transistors
2004 Nov 10
More results

유사한 설명 - BF423

제조업체부품명데이터시트상세설명
logo
Siemens Semiconductor G...
BFP23 SIEMENS-BFP23 Datasheet
194Kb / 4P
   PNP Silicon Transistors (High breakdown voltage Low collector-emitter saturation voltage)
BFP22 SIEMENS-BFP22 Datasheet
171Kb / 4P
   NPN Silicon Transistors (High breakdown voltage l Low collector-emitter saturation voltage)
BSP60BSP62 SIEMENS-BSP60BSP62 Datasheet
153Kb / 5P
   PNP Silicon Darlington Transistors (High collector current Low collector-emitter saturation voltage)
logo
Infineon Technologies A...
SMBTA42 INFINEON-SMBTA42_07 Datasheet
71Kb / 6P
   NPN Silicon High-Voltage Transistors Low collector-emitter saturation voltage
2007-04-19
PZTA42 INFINEON-PZTA42_07 Datasheet
67Kb / 6P
   NPN Silicon High-Voltage Transistors Low collector-emitter saturation voltage
2007-04-26
logo
Siemens Semiconductor G...
BCX78 SIEMENS-BCX78 Datasheet
143Kb / 7P
   PNP Silicon AF Transistors (High current gain Low collector-emitter saturation voltage)
BCX41 SIEMENS-BCX41 Datasheet
140Kb / 4P
   NPN Silicon AF and Switching Transistor (High breakdown voltage Low collector-emitter saturation voltage)
BC327 SIEMENS-BC327 Datasheet
143Kb / 6P
   PNP Silicon AF Transistors (High current gain High collector current Low collector-emitter saturation voltage)
logo
Infineon Technologies A...
SMBTA56 INFINEON-SMBTA56_07 Datasheet
77Kb / 7P
   PNP Silicon AF Transistor Low collector-emitter saturation voltage
2007-04-19
SMBT2907A INFINEON-SMBT2907A_07 Datasheet
87Kb / 9P
   PNP Silicon Switching Transistor Low collector-emitter saturation voltage
2007-04-26
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com