전자부품 데이터시트 검색엔진 |
|
1N4758A 데이터시트(PDF) 2 Page - Yangzhou yangjie electronic co., ltd |
|
1N4758A 데이터시트(HTML) 2 Page - Yangzhou yangjie electronic co., ltd |
2 / 3 page 扬州扬杰电子科技股份有限公司 Yangzhou Yangjie Electronic Technology Co., Ltd. www.21yangjie.com Document Number 0244 Rev. 1.0, 22-Sep-11 1N47 SERIES ■电性参数 (TA=25℃ 除非另有规定) Electrical Characteristics (TA=25 unless otherwise noted) ℃ 额定齐纳电压 Nominal Zener voltage 1) 测试电流 Test current 最大动态电阻 Maximum dynamic impedance 最大反向漏电流 Maximum reverse leakage current 浪涌电流 Surge current 3) 最大调整电流 Maximum regulator current 2) VZ at IZT IZT ZZT at IZT ZZK at IZK IZK IR Test voltage VR at TA=25℃ IR IZM 产品型号 Part Number V mA Ω Ω mA μ A V mA mA 1N4728A 3.3 76 10 400 1 100 1 1380 276 1N4729A 3.6 69 10 400 1 100 1 1260 252 1N4730A 3.9 64 9 400 1 50 1 1190 234 1N4731A 4.3 58 9 400 1 10 1 1070 217 1N4732A 4.7 53 8 500 1 10 1 970 193 1N4733A 5.1 49 7 550 1 10 1 890 178 1N4734A 5.6 45 5 600 1 10 2 810 162 1N4735A 6.2 41 2 700 1 10 3 730 146 1N4736A 6.8 37 3.5 700 1 10 4 660 133 1N4737A 7.5 34 4 700 0.5 10 5 605 121 1N4738A 8.2 31 4.5 700 0.5 10 6 550 110 1N4739A 9.1 28 5 700 0.5 10 7 500 100 1N4740A 10 25 7 700 0.25 10 7.6 454 91 1N4741A 11 23 8 700 0.25 5 8.4 414 83 1N4742A 12 21 9 700 0.25 5 9.1 380 76 1N4743A 13 19 10 700 0.25 5 9.9 344 69 1N4744A 15 17 14 700 0.25 5 11.4 304 61 1N4745A 16 15.5 16 700 0.25 5 12.2 285 57 1N4746A 18 14 20 750 0.25 5 13.7 250 50 1N4747A 20 12.5 22 750 0.25 5 15.2 225 45 1N4748A 22 11.5 23 750 0.25 5 16.7 205 41 1N4749A 24 10.5 25 750 0.25 5 18.2 190 38 1N4750A 27 9.5 35 750 0.25 5 20.6 170 34 1N4751A 30 8.5 40 1000 0.25 5 22.8 150 30 1N4752A 33 7.5 45 1000 0.25 5 25.1 135 27 1N4753A 36 7 50 1000 0.25 5 27.4 125 25 1N4754A 39 6.5 60 1000 0.25 5 29.7 115 23 1N4755A 43 6 70 1500 0.25 5 32.7 110 22 1N4756A 47 5.5 80 1500 0.25 5 35.8 95 19 1N4757A 51 5 95 1500 0.25 5 38.8 90 18 1N4758A 56 4.5 110 2000 0.25 5 42.6 80 16 1N4759A 62 4 125 2000 0.25 5 47.1 70 14 1N4760A 68 3.7 150 2000 0.25 5 51.7 65 13 1N4761A 75 3.3 175 2000 0.25 5 56 60 12 1N4762A 82 3.0 200 3000 0.25 5 62.2 55 11 1N4763A 91 2.8 250 3000 0.25 5 69.2 50 10 1N4764A 100 2.5 350 3000 0.25 5 76.0 45 9 备注:Notes: 1) 基于直流测试热平衡的同时保持引线的温度在30℃+ 1℃,距离二极体本体距离为9.5毫米(3/ 8") Based on dc-measurement at thermal equilibrium while maintaining the lead temperature (TL) at 30℃+1℃, 9.5 mm (3/8") from the diode body 2) 距离管体4毫米引线处的温度设定为环境温度 Valid provided that electrodes at a distance of 4 mm from case are kept at ambient temperature 3) tp = 10 ms |
유사한 부품 번호 - 1N4758A |
|
유사한 설명 - 1N4758A |