전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BF660 데이터시트(PDF) 2 Page - Siemens Semiconductor Group

부품명 BF660
상세설명  PNP Silicon RF Transistor (For VHF oscillator applications)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SIEMENS [Siemens Semiconductor Group]
홈페이지  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BF660 데이터시트(HTML) 2 Page - Siemens Semiconductor Group

  BF660 Datasheet HTML 1Page - Siemens Semiconductor Group BF660 Datasheet HTML 2Page - Siemens Semiconductor Group BF660 Datasheet HTML 3Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Semiconductor Group
2
BF 660
Electrical Characteristics
at TA = 25 ˚C, unless otherwise specified.
Unit
Values
Parameter
Symbol
min.
typ.
max.
DC Characteristics
AC Characteristics
V
Collector-emitter breakdown voltage
IC = 1 mA, IB = 0
V(BR) CE0
30
nA
Collector cutoff current
VCB = 20 V, IE = 0
ICB0
––50
DC current gain
IC = 3 mA, VCE = 10 V
hFE
30
Collector-base breakdown voltage
IC = 10
µA, IE = 0
V(BR) CB0
40
Emitter-base breakdown voltage
IE = 10
µA, IC = 0
V(BR) EB0
4––
MHz
Transition frequency
IC = 5 mA, VCE = 10 V, f = 100 MHz
fT
700
pF
Collector-base capacitance
VCB = 10 V, VBE = 0 V, f = 1 MHz
Ccb
0.6
Collector-emitter capacitance
VCE = 10 V, VBE = 0 V, f = 1 MHz
Cce
0.28


유사한 부품 번호 - BF660

제조업체부품명데이터시트상세설명
logo
Siemens Semiconductor G...
BF660W SIEMENS-BF660W Datasheet
59Kb / 4P
   PNP Silicon RF Transistor (For VHF oscillator applications)
More results

유사한 설명 - BF660

제조업체부품명데이터시트상세설명
logo
Siemens Semiconductor G...
BF660W SIEMENS-BF660W Datasheet
59Kb / 4P
   PNP Silicon RF Transistor (For VHF oscillator applications)
BF506 SIEMENS-BF506 Datasheet
13Kb / 2P
   PNP Silicon RF Transistor (For VHF mixer and oscillator stages)
logo
Toshiba Semiconductor
2SC2349 TOSHIBA-2SC2349 Datasheet
186Kb / 3P
   TRANSISTOR (TV VHF OSCILLATOR APPLICATIONS)
2SC3122 TOSHIBA-2SC3122 Datasheet
171Kb / 3P
   TRANSISTOR (TV VHF RF AMPLIFIER APPLICATIONS)
2SC2347 TOSHIBA-2SC2347 Datasheet
187Kb / 3P
   TRANSISTOR (TV UHF OSCILLATOR, TV VHF MIXER APPLICATIONS)
logo
Siemens Semiconductor G...
BF517 SIEMENS-BF517 Datasheet
44Kb / 4P
   NPN Silicon RF Transistor (For amplifier and oscillator applications in TV-tuners)
logo
List of Unclassifed Man...
2SC717 ETC-2SC717 Datasheet
40Kb / 1P
   VHF RF AMPLIFIER, MIXER, OSCILLATOR
logo
Sanyo Semicon Device
2SC4269 SANYO-2SC4269 Datasheet
105Kb / 4P
   VHF Converter, Local Oscillator Applications
2SA1778 SANYO-2SA1778 Datasheet
113Kb / 5P
   VHF Converter, Local Oscillator Applications
logo
Central Semiconductor C...
MPSH81 CENTRAL-MPSH81 Datasheet
116Kb / 2P
   PNP SILICON RF TRANSISTOR
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com