전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GS5B 데이터시트(PDF) 2 Page - Yangzhou yangjie electronic co., ltd

부품명 GS5B
상세설명  General Purpose Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  YANGJIE [Yangzhou yangjie electronic co., ltd]
홈페이지  http://www.21yangjie.com/
Logo YANGJIE - Yangzhou yangjie electronic co., ltd

GS5B 데이터시트(HTML) 2 Page - Yangzhou yangjie electronic co., ltd

  GS5B Datasheet HTML 1Page - Yangzhou yangjie electronic co., ltd GS5B Datasheet HTML 2Page - Yangzhou yangjie electronic co., ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
扬州扬杰电子科技股份有限公司
Yangzhou Yangjie Electronic Technology Co., Ltd.
Document Number 0114
Rev. 1.0, 22-Sep-11
www.21yangjie.com
GS5A THRU GS5M
■特性曲线(典型) Characteristics(Typical)
50
1:正向电流降额曲线
FIG.1: FORWARD CURRENT DERATING CURVE
Resistive or Inductive Load
P.C.B. Mounted on 0.3"×0.3"
(8.0mm×8.0mm)Copper Pad Areas
TL()
0
70
90
110
130
150
1.0
2.0
3.0
4.0
5.0
6.0
7.0
周波数
Number of Cycles
2:最大正向浪涌冲击耐受力
FIG.2: MAXIMUM NON-REPETITIVE FORWARD URGE CURRENT
8.3毫秒正弦半波
8.3ms Single Half Sine Wave
110
100
10
1000
100
3: 典型正向特性曲线
FIG.3: TYPICAL FORWARD CHARACTERISTICS
0.01
VF(V)
0.6
0.8
1.0
1.4
1.2
1.5
TJ=25℃
Pulse width=300us
1% Duty Cycle
0.1
1.0
10
100
0.1
图4:典型反向特性曲线
FIG.4:TYPICAL REVERSE CHARACTERISTICS
Voltage(%)
Tj=25℃
Tj=125℃
0
20
40
60
80
100
1.0
10
100


유사한 부품 번호 - GS5B

제조업체부품명데이터시트상세설명
logo
Changzhou Shunye Electr...
GS5B SY-GS5B Datasheet
993Kb / 2P
   SURFACE MOUNT GENERAL RECTIFIER
logo
Shunye Enterprise
GS5B SHUNYE-GS5B Datasheet
992Kb / 2P
   SURFACE MOUNT GENERAL RECTIFIER
logo
Yangzhou yangjie electr...
GS5B YANGJIE-GS5B Datasheet
201Kb / 2P
   General Purpose Rectifier
logo
RFE international
GS5B RFE-GS5B Datasheet
1Mb / 3P
   Surface Mount General Purpose Rectifier GS5A Through GS5M
07-17-2020
logo
SUNMATE electronic Co.,...
GS5BBF SUNMATE-GS5BBF Datasheet
374Kb / 2P
   SURFACE MOUNT SILICON RECTIFIER DIODES
More results

유사한 설명 - GS5B

제조업체부품명데이터시트상세설명
logo
Powerex Power Semicondu...
A451 POWEREX-A451 Datasheet
430Kb / 4P
   GENERAL PURPOSE RECTIFIER
IN4587 POWEREX-IN4587 Datasheet
640Kb / 4P
   General Purpose Rectifier
logo
Yangzhou yangjie electr...
GS3AB YANGJIE-GS3AB Datasheet
140Kb / 2P
   General Purpose Rectifier
logo
Comchip Technology
1N5400-G COMCHIP-1N5400-G Datasheet
50Kb / 2P
   General Purpose Rectifier
logo
Yangzhou yangjie electr...
RL251 YANGJIE-RL251 Datasheet
135Kb / 2P
   General Purpose Rectifier
logo
SiPower Inc.
SPAL00340LF SIPOWER-SPAL00340LF Datasheet
288Kb / 1P
   General Purpose Rectifier
logo
Suntan Capacitors
10A05 SUNTAN-10A05 Datasheet
270Kb / 2P
   GENERAL PURPOSE RECTIFIER
logo
Inchange Semiconductor ...
1N4590 ISC-1N4590 Datasheet
210Kb / 2P
   General Purpose Rectifier
logo
New Jersey Semi-Conduct...
IN4587 NJSEMI-IN4587 Datasheet
145Kb / 2P
   General Purpose Rectifier
logo
Yangzhou yangjie electr...
GS3A YANGJIE-GS3A Datasheet
148Kb / 2P
   General Purpose Rectifier
GS5A YANGJIE-GS5A_17 Datasheet
201Kb / 2P
   General Purpose Rectifier
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com