전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BF720 데이터시트(PDF) 4 Page - Siemens Semiconductor Group

부품명 BF720
상세설명  NPN Silicon High-Voltage Transistors (Suitable for video output stages in TV sets and switching power supplies High breakdown voltage)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SIEMENS [Siemens Semiconductor Group]
홈페이지  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BF720 데이터시트(HTML) 4 Page - Siemens Semiconductor Group

  BF720 Datasheet HTML 1Page - Siemens Semiconductor Group BF720 Datasheet HTML 2Page - Siemens Semiconductor Group BF720 Datasheet HTML 3Page - Siemens Semiconductor Group BF720 Datasheet HTML 4Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Semiconductor Group
4
BF 720
BF 722
DC current gain hFE = f (IC)
VCE =20V
Collector-base capacitance Cobo = f (VCB)
IC = 0, f = 1 MHz
Transition frequency fT = f (IC)
VCE =10V, f = 100 MHz


유사한 부품 번호 - BF720

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
BF720 PHILIPS-BF720 Datasheet
42Kb / 8P
   NPN high-voltage transistors
1999 Apr 21
logo
Zetex Semiconductors
BF720 ZETEX-BF720 Datasheet
36Kb / 1P
   NPN SILICON PLANAR HIGH VOLTAGE TRANSISTOR
logo
Diotec Semiconductor
BF720 DIOTEC-BF720 Datasheet
169Kb / 2P
   Surface mount Si-Epitaxial PlanarTransistors
logo
NXP Semiconductors
BF720 NXP-BF720 Datasheet
104Kb / 6P
   NPN high-voltage transistors
1999 Apr 21
logo
Nexperia B.V. All right...
BF720 NEXPERIA-BF720 Datasheet
173Kb / 7P
   NPN high-voltage transistors
1999 Apr 21
More results

유사한 설명 - BF720

제조업체부품명데이터시트상세설명
logo
Siemens Semiconductor G...
BFN24 SIEMENS-BFN24 Datasheet
137Kb / 4P
   NPN Silicon High-Voltage Transistors (Suitable for video output stages in TV sets and switching power supplies High breakdown voltage)
BFN16 SIEMENS-BFN16 Datasheet
138Kb / 4P
   NPN Silicon High-Voltage Transistors (Suitable for video output stages in TV sets and switching power supplies High breakdown voltage)
BFN36 SIEMENS-BFN36 Datasheet
127Kb / 4P
   NPN Silicon High-Voltage Transistors (Suitable for video output stages in TV sets and switching power supplies High breakdown voltage)
BFN25 SIEMENS-BFN25 Datasheet
140Kb / 4P
   PNP Silicon High-Voltage Transistors (Suitable for video output stages in TV sets and switching power supplies High breakdown voltage)
BFN37 SIEMENS-BFN37 Datasheet
127Kb / 4P
   PNP Silicon High-Voltage Transistors (Suitable for video output stages in TV sets and switching power supplies High breakdown voltage)
BFN20 SIEMENS-BFN20 Datasheet
128Kb / 4P
   NPN Silicon High-Voltage Transistor (Suitable for video output stages in TV sets and switching power supplies High breakdown voltage)
BF721 SIEMENS-BF721 Datasheet
130Kb / 4P
   PNP Silicon High-Voltage Transistors (Suitable for video output stages in TV sets and switching power supplies High breakdown voltage)
BFN17 SIEMENS-BFN17 Datasheet
138Kb / 4P
   PNP Silicon High-Voltage Transistors (Suitable for video output stages in TV sets and switching power supplies High breakdown voltage)
BFN22 SIEMENS-BFN22 Datasheet
127Kb / 4P
   NPN Silicon High-Voltage Transistor (Suitable for video output stages in TV sets and switching power supplies High breakdown voltage)
BFN23 SIEMENS-BFN23 Datasheet
127Kb / 4P
   PNP Silicon High-Voltage Transistor (Suitable for video output stages in TV sets and switching power supplies High breakdown voltage)
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com