전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BF723 데이터시트(PDF) 2 Page - Siemens Semiconductor Group

부품명 BF723
상세설명  PNP Silicon High-Voltage Transistors (Suitable for video output stages in TV sets and switching power supplies High breakdown voltage)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SIEMENS [Siemens Semiconductor Group]
홈페이지  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BF723 데이터시트(HTML) 2 Page - Siemens Semiconductor Group

  BF723 Datasheet HTML 1Page - Siemens Semiconductor Group BF723 Datasheet HTML 2Page - Siemens Semiconductor Group BF723 Datasheet HTML 3Page - Siemens Semiconductor Group BF723 Datasheet HTML 4Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Semiconductor Group
2
BF 721
BF 723
Electrical Characteristics
at TA = 25 ˚C, unless otherwise specified.
DC current gain1)
IC = 25 mA, VCE = 20 V
Collector-emitter cutoff current
VCE = 200 V, RBE = 2.7 k
VCE = 200 V, RBE = 2.7 k
Ω, TA = 150 ˚C
Collector-emitter breakdown voltage
IC = 10
µA, RBE = 2.7 k
BF 721
V
Collector-emitter breakdown voltage
IC = 1 mA, IB = 0
BF 723
V(BR)CE0
250
nA
Collector-base cutoff current
VCB = 200 V, IE = 0
ICB0
––10
Unit
Values
Parameter
Symbol
min.
typ.
max.
DC characteristics
Collector-base breakdown voltage
IC = 10
µA, IB = 0
BF 721
BF 723
V(BR)CB0
300
250
Emitter-base breakdown voltage
IE = 10
µA, IC = 0
V(BR)EB0
5––
V
Collector-emitter saturation voltage
IC = 30 mA, IB = 5 mA
VCEsat
0.6
hFE
50
µA
Emitter-base cutoff current
VEB = 5 V, IC = 0
IEB0
––10
MHz
Transition frequency
IC = 10 mA, VCE = 10 V, f = 100 MHz
fT
100
AC characteristics
pF
Collector-base capacitance
VCB = 30 V, IC = 0, f = 1 MHz
Cobo
0.8
V(BR)CER
300
nA
µA
ICER
50
10
1)
Pulse test conditions: t
300 µs, D = 2 %.


유사한 부품 번호 - BF723

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
BF723 NXP-BF723 Datasheet
102Kb / 6P
   PNP high-voltage transistor
1999 Apr 21
logo
Nexperia B.V. All right...
BF723 NEXPERIA-BF723 Datasheet
275Kb / 7P
   PNP high-voltage transistor
1999 Apr 21
logo
NXP Semiconductors
BF723 PHILIPS-BF723_15 Datasheet
102Kb / 6P
   PNP high-voltage transistor
1999 Apr 21
More results

유사한 설명 - BF723

제조업체부품명데이터시트상세설명
logo
Siemens Semiconductor G...
BFN25 SIEMENS-BFN25 Datasheet
140Kb / 4P
   PNP Silicon High-Voltage Transistors (Suitable for video output stages in TV sets and switching power supplies High breakdown voltage)
BFN37 SIEMENS-BFN37 Datasheet
127Kb / 4P
   PNP Silicon High-Voltage Transistors (Suitable for video output stages in TV sets and switching power supplies High breakdown voltage)
BFN17 SIEMENS-BFN17 Datasheet
138Kb / 4P
   PNP Silicon High-Voltage Transistors (Suitable for video output stages in TV sets and switching power supplies High breakdown voltage)
BFN23 SIEMENS-BFN23 Datasheet
127Kb / 4P
   PNP Silicon High-Voltage Transistor (Suitable for video output stages in TV sets and switching power supplies High breakdown voltage)
BFN21 SIEMENS-BFN21 Datasheet
128Kb / 4P
   PNP Silicon High-Voltage Transistor (Suitable for video output stages in TV sets and switching power supplies High breakdown voltage)
BFN24 SIEMENS-BFN24 Datasheet
137Kb / 4P
   NPN Silicon High-Voltage Transistors (Suitable for video output stages in TV sets and switching power supplies High breakdown voltage)
BFN16 SIEMENS-BFN16 Datasheet
138Kb / 4P
   NPN Silicon High-Voltage Transistors (Suitable for video output stages in TV sets and switching power supplies High breakdown voltage)
BF720 SIEMENS-BF720 Datasheet
135Kb / 4P
   NPN Silicon High-Voltage Transistors (Suitable for video output stages in TV sets and switching power supplies High breakdown voltage)
BFN36 SIEMENS-BFN36 Datasheet
127Kb / 4P
   NPN Silicon High-Voltage Transistors (Suitable for video output stages in TV sets and switching power supplies High breakdown voltage)
logo
Infineon Technologies A...
SMBTA92 INFINEON-SMBTA92_07 Datasheet
71Kb / 6P
   PNP Silicon High-Voltage Transistors Suitable for video output stages in TV sets and switching power supplies
2007-04-19
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com