전자부품 데이터시트 검색엔진 |
|
SMAJ110A 데이터시트(PDF) 1 Page - Yangzhou yangjie electronic co., ltd |
|
SMAJ110A 데이터시트(HTML) 1 Page - Yangzhou yangjie electronic co., ltd |
1 / 5 page 扬州扬杰电子科技体股份有限公司 Yangzhou Yangjie Electronic Technology Co., Ltd. Document Number 0239 Rev. 1.0, 22-Sep-11 www.21yangjie.com SMAJ SERIES 瞬变电压抑制二极管 Transient Voltage Suppressor Diodes ■特征 Features ■外形尺寸和印记 Outline Dimensions and Mark ●PPP 400W ●VBR 5.0V-188V ■用途 Applications ●箝位电压用 Clamping Voltage ■极限值(绝对最大额定值) Limiting Values (Absolute Maximum Rating) 参数名称 Item 符号 Symbol 单位 Unit 条件 Conditions 最大值 Max 最大损耗功率 (1)(2)(Fig.1) Peak power dissipation PPPM W 在 10/1000us 波形下测试 with a 10/1000us waveform 400 最大脉冲电流 (1) Peak pulse current IPPM A 在 10/1000us 波形下测试 with a 10/1000us waveform 见下面表格 See Next Table 最大正向浪涌电流 (2) Peak forward surge current IFSM A 8.3ms正弦半波,仅单向型 8.3 ms single half sine-wave unidirectional only 40 工作结温和存储温度范围 Operating junction and storage temperature range TJ,TSTG ℃ -55 to +150 ■电特性 (Ta=25℃ 除非另有规定) Electrical Characteristics(Ta=25 Unl ℃ ess otherwise specified) 参数名称 Item 符号 Symbol 单位 Unit 条件 Conditions 最大值 Max 最大瞬间正向电压 Maximum instantaneous forward Voltage VF V 在 25A下测试,仅单向型 at 25A for unidirectional only 3.5 RθJL ℃ /W 结到引线 junction to lead 30 典型热阻 Thermal resistance RθJA ℃ /W 结到环境,均引线 10mm处 junction to ambient, LLead = 10 mm 120 备注:Notes: (1) 不重复脉冲电流,如图3,在TA= 25℃下功率降额曲线如图2。78V以上额定功率为300W Non-repetitive current pulse, per Fig. 3 and derated above T A= 25 p ℃ er Fig.2. Rating is 300 W above 78V (2) 每个端子安装在 0.2 x 0.2" (5.0 x 5.0 mm)铜焊盘上 Mounted on 0.2 x 0.2" (5.0 x 5.0 mm) copper pads to each terminal Dimensions in inches and (millimeters) DO-214AC(SMA) .187(4.75) .167(4.25) .111(2.83) .094(2.40) .062(1.58) .049(1.25) .091(2.30) .075(1.90) .056(1.41) .030(0.76) .008(0.20) .003(0.08) .012(0.31) .006(0.15) 0.077(1.96) 0.220 (5.58) Mounting Pad Layout 0.065 (1.66) 0.080 (2.04) .208(5.28) .194(4.93) |
유사한 부품 번호 - SMAJ110A |
|
유사한 설명 - SMAJ110A |