전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SA1586 데이터시트(PDF) 1 Page - Shenzhen Jin Yu Semiconductor Co., Ltd.

부품명 2SA1586
상세설명  TRANSISTOR(PNP)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HTSEMI [Shenzhen Jin Yu Semiconductor Co., Ltd.]
홈페이지  http://www.htsemi.com
Logo HTSEMI - Shenzhen Jin Yu Semiconductor Co., Ltd.

2SA1586 데이터시트(HTML) 1 Page - Shenzhen Jin Yu Semiconductor Co., Ltd.

  2SA1586 Datasheet HTML 1Page - Shenzhen Jin Yu Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TRANSISTOR(PNP)
FEATURES
 High DC Current Gain
 High Voltage and High Current.
 Complementary to 2SC4116
 Small Package
APPLICATIONS
 General Purpose Amplification.
MAXIMUM RATINGS (Ta=25℃ unless otherwise noted)
Symbol
Parameter
Value
Unit
VCBO
Collector-Base Voltage
-50
V
VCEO
Collector-Emitter Voltage
-50
V
VEBO
Emitter-Base Voltage
-5
V
IC
Collector Current
-150
mA
PC
Collector Power Dissipation
100
mW
RΘJA
Thermal Resistance From Junction To Ambient
1250
℃/W
Tj
Junction Temperature
150
Tstg
Storage Temperature
-55~+150
ELECTRICAL CHARACTERISTICS (Ta=25℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
Min
Typ
Max
Unit
Collector-base breakdown voltage
V(BR)CBO
IC=-100µA, IE=0
-50
V
Collector-emitter breakdown voltage
V(BR)CEO
IC=-1mA, IB=0
-50
V
Emitter-base breakdown voltage
V(BR)EBO
IE=-100µA, IC=0
-5
V
Collector cut-off current
ICBO
VCB=-50V, IE=0
-100
nA
Emitter cut-off current
IEBO
VEB=-5V, IC=0
-100
nA
DC current gain
hFE
VCE=-6V, IC=-2mA
70
400
Collector-emitter saturation voltage
VCE(sat)
IC=-100mA, IB=-10mA
-0.3
V
Transition frequency
fT
VCE=-10V,Ic=-1mA
80
MHz
Collector output capacitance
Cob
VCB=-10V, IE=0, f=1MHz
7
pF
CLASSIFICATION OF hFE
RANK
O
Y
GR(G)
RANGE
70–140
120–240
200–400
MARKING
SO
SY
SG
SOT–323
1. BASE
2. EMITTER
3. COLLECTOR
1 
Date:2011/05
www.htsemi.com
semiconductor
JinYu
2SA1 58 6


유사한 부품 번호 - 2SA1586

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
2SA1586 TOSHIBA-2SA1586 Datasheet
153Kb / 2P
   TRANSISTOR (AUDIO FREQUENCY GENERAL PURPOSE AMPLIFIER APPLICATIONS)
2SA1586 TOSHIBA-2SA1586 Datasheet
382Kb / 3P
   Audio Frequency General Purpose Amplifier Applications
logo
Guangdong Kexin Industr...
2SA1586 KEXIN-2SA1586 Datasheet
46Kb / 1P
   Silicon PNP Epitaxial
logo
SeCoS Halbleitertechnol...
2SA1586 SECOS-2SA1586 Datasheet
83Kb / 1P
   PNP Silicon Plastic Encapsulated Transistor
logo
Toshiba Semiconductor
2SA1586 TOSHIBA-2SA1586 Datasheet
207Kb / 3P
   Audio Frequency General Purpose Amplifier Applications
More results

유사한 설명 - 2SA1586

제조업체부품명데이터시트상세설명
logo
Jiangsu Changjiang Elec...
BC807U JIANGSU-BC807U Datasheet
1Mb / 3P
   DUAL TRANSISTOR (PNPPNP)
BC856S JIANGSU-BC856S Datasheet
288Kb / 4P
   DUAL TRANSISTOR (PNPPNP)
MMDT2907A JIANGSU-MMDT2907A Datasheet
1Mb / 4P
   DUAL TRANSISTOR (PNPPNP)
MMDT5401 JIANGSU-MMDT5401 Datasheet
4Mb / 4P
   DUAL TRANSISTOR (PNPPNP)
BC857S JIANGSU-BC857S Datasheet
1Mb / 4P
   DUAL TRANSISTOR (PNPPNP)
UMT2N JIANGSU-UMT2N Datasheet
1Mb / 4P
   DUAL TRANSISTOR (PNPPNP)
logo
Shenzhen Jin Yu Semicon...
EMB3 HTSEMI-EMB3 Datasheet
551Kb / 1P
   DIGITAL TRANSISTOR (PNP PNP)
logo
Jiangsu Changjiang Elec...
BC857BV JIANGSU-BC857BV Datasheet
828Kb / 4P
   DUAL TRANSISTOR (PNPPNP)
EMZ8 JIANGSU-EMZ8 Datasheet
4Mb / 3P
   DUAL TRANSISTOR (PNPPNP)
2SA1873 JIANGSU-2SA1873 Datasheet
934Kb / 3P
   DUAL TRANSISTOR (PNPPNP)
MMDT3906 JIANGSU-MMDT3906 Datasheet
3Mb / 4P
   DUAL TRANSISTOR (PNPPNP)
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com