전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BC817-16WRFG 데이터시트(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

부품명 BC817-16WRFG
상세설명  200mW, NPN Small Signal Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TSC [Taiwan Semiconductor Company, Ltd]
홈페이지  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BC817-16WRFG 데이터시트(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  BC817-16WRFG Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BC817-16WRFG Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd BC817-16WRFG Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd BC817-16WRFG Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BC817-16W/25W/40W
200mW, NPN Small Signal Transistor
Small Signal Diode
Electrical Characteristics
Units
Collector-Base Breakdown Voltage
at-Ic=10uA
V
Collector-Emitter Breakdown Voltage
at-Ic=10mA
V
at-Ic=10uA
V
nA
uA
at=VEB= 5V
nA
-16W
-25W
-40W
-
-
-
at-
Ic=500mA
IB= 50mA
V
VCE= 5V
IC= 10mA
f= 100MHz
MHz
Tape & Reel specification
Carrier width
Carrier length
Carrier depth
Sprocket hole
Reel outside diameter
Reel inner diameter
Feed hole width
Sprocke hole position
Punch hole position
Sprocke hole pitch
Embossment center
Overall tape thickness
Tape width
Reel width
0.229 ±0.013
Collector Cut-off Current
IEBO
-
Emitter Cut-off Current
Transition frequency
fT
100
5
13.0 ± 0.20
1.75 ±0.10
3.50 ±0.05
-
-
-
5
100
-
V(BR)CEO
V(BR)EBO
12.30 ±0.20
8.10 ±0.20
W
4.00 ±0.10
E
F
-
2.00 ±0.05
W1
P0
P1
100
-
T
D1
D2
55 Min
Item
Type Number
50
Symbol
V(BR)CBO
A
B
3.15 ±0.10
Min
Max
45
100
160
250
250
400
600
40
1.50 ± 0.10
0.7
178 ± 1
d
D
C
2.77 ±0.10
1.22 ±0.10
Symbol
Dimension(mm)
Emitter-Base Breakdown Voltage
Collector-Emitter saturation voltage
VCE(sat)
ICBO
at-VCE=1V,-Ic=100mA
at-VCE=1V,-Ic=500mA
DC Current Gain
hFE
at=VCB= 20V
at=VCB= 20V,TJ=150℃
W1
D1
D2
D
T
C
d
P1
P0
A
B
F
W
E
Direction of Feed
Top Cover Tape
Carieer Tape
Any Additional Label (If Required)
TSC label
Version : A11


유사한 부품 번호 - BC817-16WRFG

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
BC817-16W PHILIPS-BC817-16W Datasheet
49Kb / 8P
   NPN general purpose transistor
1999 Apr 15
logo
Siemens Semiconductor G...
BC817-16W SIEMENS-BC817-16W Datasheet
90Kb / 5P
   NPN Silicon AF Transistor (For general AF applications High collector current High current gain)
logo
Infineon Technologies A...
BC817-16W INFINEON-BC817-16W Datasheet
47Kb / 5P
   NPN Silicon AF Transistors
Nov-29-2001
logo
Diodes Incorporated
BC817-16W DIODES-BC817-16W Datasheet
364Kb / 3P
   NPN SURFACE MOUNT SMALL SIGNAL TRANSISTOR
DS30575 Rev. 4 - 2
logo
SeCoS Halbleitertechnol...
BC817-16W SECOS-BC817-16W Datasheet
263Kb / 2P
   NPN Plastic Encapsulate Transistor
More results

유사한 설명 - BC817-16WRFG

제조업체부품명데이터시트상세설명
logo
Micro Commercial Compon...
BCW66F MCC-BCW66F Datasheet
271Kb / 3P
   NPN Small Signal Transistor 200mW
logo
Taiwan Semiconductor Co...
BC817W TSC-BC817W Datasheet
350Kb / 6P
   200mW, NPN Small Signal Transistor
logo
Micro Commercial Compon...
BC846S MCC-BC846S Datasheet
343Kb / 4P
   Dual NPN Small Signal Transistor 200mW
BC846S MCC-BC846S_13 Datasheet
372Kb / 4P
   Dual NPN Small Signal Transistor 200mW
BC847PN MCC-BC847PN Datasheet
320Kb / 5P
   PNP and NPN Small Signal Transistor 200mW
BC847PN MCC-BC847PN_13 Datasheet
350Kb / 5P
   PNP and NPN Small Signal Transistor 200mW
BC846BPN MCC-BC846BPN Datasheet
600Kb / 5P
   PNP and NPN Small Signal Transistor 200mW
logo
Taiwan Semiconductor Co...
BC807W TSC-BC807W Datasheet
553Kb / 4P
   200mW, PNP Small Signal Transistor
BC856A TSC-BC856A_14 Datasheet
323Kb / 6P
   200mW, PNP Small Signal Transistor
BC807-16W TSC-BC807-16W Datasheet
150Kb / 6P
   200mW, PNP Small Signal Transistor
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com