전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SD1766 데이터시트(PDF) 1 Page - Shenzhen Jin Yu Semiconductor Co., Ltd.

부품명 2SD1766
상세설명  TRANSISTOR (NPN)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HTSEMI [Shenzhen Jin Yu Semiconductor Co., Ltd.]
홈페이지  http://www.htsemi.com
Logo HTSEMI - Shenzhen Jin Yu Semiconductor Co., Ltd.

2SD1766 데이터시트(HTML) 1 Page - Shenzhen Jin Yu Semiconductor Co., Ltd.

  2SD1766 Datasheet HTML 1Page - Shenzhen Jin Yu Semiconductor Co., Ltd. 2SD1766 Datasheet HTML 2Page - Shenzhen Jin Yu Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TRANSISTOR (NPN)
FEATURES
Low VCE(sat).VCE(sat)=0.16V(Typ.)(IC/IB=2A/0.2A)
Complements to 2SB1188
MAXIMUM RATINGS (TA=25
℃ unless otherwise noted)
Symbol
Parameter
Value
Units
VCBO
Collector-Base Voltage
40
V
VCEO
Collector-Emitter Voltage
32
V
VEBO
Emitter-Base Voltage
5
V
IC
Collector Current -Continuous
2
A
PC
Collector dissipation
500
mW
TJ
Junction Temperature
150
Tstg
Storage Temperature
-55-150
ELECTRICAL CHARACTERISTICS (Tamb=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
MIN
TYP
MAX
UNIT
Collector-base breakdown voltage
V(BR)CBO
IC=50μA, IE=0
40
V
Collector-emitter breakdown voltage
V(BR)CEO
IC=1mA, IB=0
32
V
Emitter-base breakdown voltage
V(BR)EBO
IE=50μA, IC=0
5
V
Collector cut-off current
ICBO
VCB=20V, IE=0
1
μA
Emitter cut-off current
IEBO
VEB=4V, IC=0
1
μA
DC current gain
hFE(1)
VCE=3V, IC=500mA
82
390
Collector-emitter saturation voltage
VCE(sat)
IC=2A, IB=0.2A
0.8
V
Transition frequency
fT
VCE=5V, IC=50mA, f=100MHz
100
MHz
Collector output capacitance
Cob
VCB=10V, IE=0, f=1MHz
30
pF
CLASSIFICATION OF
hFE(1)
Rank
P
Q
R
Range
82-180
120-270
180-390
Marking
DBP
DBQ
DBR
SOT-89
1. BASE
2. COLLECTOR
3. EMITTER
1
2
3
2SD1766
1 
www.htsemi.com
semiconductor
JinYu


유사한 부품 번호 - 2SD1766

제조업체부품명데이터시트상세설명
logo
Rohm
2SD1766 ROHM-2SD1766 Datasheet
107Kb / 4P
   Medium Power Transistor (32V, 2A)
logo
SHIKUES Electronics
2SD1766 SKTECHNOLGY-2SD1766 Datasheet
224Kb / 1P
   Medium Power Transistor
logo
Rohm
2SD1766 ROHM-2SD1766 Datasheet
124Kb / 4P
   Medium Power Transistor (32V, 2A)
logo
Nanjing International G...
2SD1766 DGNJDZ-2SD1766 Datasheet
480Kb / 4P
   NPN Silicon Epitaxial Planar Transistor
logo
Guangdong Kexin Industr...
2SD1766 KEXIN-2SD1766 Datasheet
36Kb / 1P
   Medium Power Transistor
More results

유사한 설명 - 2SD1766

제조업체부품명데이터시트상세설명
logo
Unisonic Technologies
DTC114T UTC-DTC114T Datasheet
194Kb / 3P
   NPN DIGITAL TRANSISTOR NPN DIGITAL TRANSISTOR
logo
Shenzhen Jin Yu Semicon...
2SC4944 HTSEMI-2SC4944 Datasheet
850Kb / 1P
   DUAL TRANSISTOR (NPN NPN)
logo
Jiangsu Changjiang Elec...
IMX2 JIANGSU-IMX2 Datasheet
5Mb / 4P
   DUAL TRANSISTOR (NPNNPN)
UMX2N JIANGSU-UMX2N Datasheet
1Mb / 3P
   DUAL TRANSISTOR (NPNNPN)
logo
Rectron Semiconductor
MMDT3904 RECTRON-MMDT3904 Datasheet
263Kb / 5P
   DUAL TRANSISTOR (NPNNPN)
logo
Jiangsu Changjiang Elec...
MMDT3904 JIANGSU-MMDT3904 Datasheet
1Mb / 4P
   DUAL TRANSISTOR (NPNNPN)
EMX1 JIANGSU-EMX1 Datasheet
3Mb / 4P
   DUAL TRANSISTOR(NPNNPN)
BC847BV JIANGSU-BC847BV Datasheet
3Mb / 3P
   DUAL TRANSISTOR(NPN NPN)
EMX18 JIANGSU-EMX18 Datasheet
776Kb / 3P
   DUAL TRANSISTOR(NPNNPN)
UMX3N JIANGSU-UMX3N Datasheet
3Mb / 4P
   DUAL TRANSISTOR (NPNNPN)
UMX18N JIANGSU-UMX18N Datasheet
1Mb / 3P
   DUAL TRANSISTOR (NPNNPN)
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com