전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BFP193 데이터시트(PDF) 2 Page - Siemens Semiconductor Group

부품명 BFP193
상세설명  NPN Silicon RF Transistor (For low noise, high-gain amplifiers up to 2GHz For linear broadband amplifiers)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SIEMENS [Siemens Semiconductor Group]
홈페이지  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BFP193 데이터시트(HTML) 2 Page - Siemens Semiconductor Group

  BFP193 Datasheet HTML 1Page - Siemens Semiconductor Group BFP193 Datasheet HTML 2Page - Siemens Semiconductor Group BFP193 Datasheet HTML 3Page - Siemens Semiconductor Group BFP193 Datasheet HTML 4Page - Siemens Semiconductor Group BFP193 Datasheet HTML 5Page - Siemens Semiconductor Group BFP193 Datasheet HTML 6Page - Siemens Semiconductor Group BFP193 Datasheet HTML 7Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Semiconductor Group
2
Dec-13-1996
BFP 193
Electrical Characteristics at
TA = 25°C, unless otherwise specified.
Parameter
Symbol
Values
Unit
min.
typ.
max.
DC Characteristics
Collector-emitter breakdown voltage
IC = 1 mA, IB = 0
V(BR)CEO
12
-
-
V
Collector-emitter cutoff current
VCE = 20 V, VBE = 0
ICES
-
-
100
µA
Collector-base cutoff current
VCB = 10 V, IE = 0
ICBO
-
-
100
nA
Emitter-base cutoff current
VEB = 1 V, IC = 0
IEBO
-
-
1
µA
DC current gain
IC = 30 mA, VCE = 8 V
hFE
50
100
200
-


유사한 부품 번호 - BFP193

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
BFP193 INFINEON-BFP193 Datasheet
78Kb / 7P
   NPN Silicon RF Transistor
Aug-09-2001
BFP193 INFINEON-BFP193 Datasheet
78Kb / 7P
   NPN Silicon RF Transistor
2007-04-20
BFP193 INFINEON-BFP193 Datasheet
549Kb / 6P
   Low Noise Silicon Bipolar RF Transistor
2014-04-07
logo
Vishay Siliconix
BFP193T VISHAY-BFP193T Datasheet
97Kb / 6P
   Silicon NPN Planar RF Transistor
Rev. 1, 20-Jan-99
BFP193T VISHAY-BFP193T Datasheet
260Kb / 6P
   Silicon NPN Planar RF Transistor
Rev. 1.3, 05-Sep-08
More results

유사한 설명 - BFP193

제조업체부품명데이터시트상세설명
logo
Siemens Semiconductor G...
BFQ193 SIEMENS-BFQ193 Datasheet
28Kb / 4P
   NPN Silicon RF Transistor (For low noise, high-gain amplifiers up to 2GHz For linear broadband amplifiers)
BFP193W SIEMENS-BFP193W Datasheet
59Kb / 7P
   NPN Silicon RF Transistor (For low noise, high-gain amplifiers up to 2GHz For linear broadband amplifiers)
BFR193 SIEMENS-BFR193 Datasheet
56Kb / 7P
   NPN Silicon RF Transistor (For low noise, high-gain amplifiers up to 2GHz For linear broadband amplifiers)
BFG193 SIEMENS-BFG193 Datasheet
48Kb / 6P
   NPN Silicon RF Transistor (For low noise, high-gain amplifiers up to 2GHz For linear broadband amplifiers)
BFR193W SIEMENS-BFR193W Datasheet
56Kb / 7P
   NPN Silicon RF Transistor (For low noise, high-gain amplifiers up to 2GHz For linear broadband amplifiers)
BFR106 SIEMENS-BFR106 Datasheet
57Kb / 7P
   NPN Silicon RF Transistor (For low noise, high-gain amplifiers For linear broadband amplifiers)
BFQ81 SIEMENS-BFQ81 Datasheet
56Kb / 7P
   NPN Silicon RF Transistor (For low-noise amplifiers up to 2GHz and broadband analog and digital applications)
BFR34R SIEMENS-BFR34R Datasheet
90Kb / 4P
   NPN SILICON TRANSISTOR FOR LOW-NOISE RF BROADBAND AMPLIFIERS
BFQ73S SIEMENS-BFQ73S Datasheet
677Kb / 13P
   NPN SILICON RF TRANSISTOR (FOR LOW-NOISE, LOW-DISTORTION BROADBAND AMPLIFIERS IN ANTENNA AND TELECOMMUNICATIONS SYSTEMS UP TO 2GHz)
BFP420 SIEMENS-BFP420 Datasheet
50Kb / 8P
   NPN Silicon RF Transistor (For high gain low noise amplifiers For oscillators up to 10 GHz)
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com