전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

1N4756A 데이터시트(PDF) 1 Page - Rugao Dachang Electronics Co., Ltd

부품명 1N4756A
상세설명  High stability and high reliability
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DACHANG [Rugao Dachang Electronics Co., Ltd]
홈페이지  http://www.dachang.com.cn
Logo DACHANG - Rugao Dachang Electronics Co., Ltd

1N4756A 데이터시트(HTML) 1 Page - Rugao Dachang Electronics Co., Ltd

  1N4756A Datasheet HTML 1Page - Rugao Dachang Electronics Co., Ltd 1N4756A Datasheet HTML 2Page - Rugao Dachang Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
100
1.0
10
1.0
10
6.0
3.14
3.47
3.42
3.78
3.71
4.10
4.09
4.52
4.47
4.94
4.85
5.36
5.32
5.88
5.89
6.51
6.46
7.88
7.13
8.61
7.79
9.56
8.65
9.50
10.45
11.40
10
5.0
3.0
8.4
1N4728A
1N4729A
1N4730A
1N4731A
1N4732A
1N4733A
1N4734A
1N4735A
1N4736A
1N4737A
1N4738A
1N4739A
1N4740A
1N4741A
1N4742A
100
50
10
10
10
10
10
10
10
5.0
1.0
1.0
1.0
1.0
2.0
4.0
5.0
7.0
7.6
9.0
11.55
12.60
10.50
7.14
41
37
49
45
58
53
69
64
28
25
34
31
23
21
76
特征 Features
·最大功率耗散1000mW。
Maximum power dissipation of 1000 mW
·齐纳击穿阻抗低。
Low zener impedance
机械数据 Mechanical Data
·封装: DO-41 玻璃封装
Case: DO-41 Glass Case
·极性: 色环端为负极
Polarity: Color band denotes cathode end
·安装位置: 任意
Mounting Position: Any
·高稳定性和可靠性。
High stability and high reliability
·反向漏电流小。
Low reverse leakage
mW
175
Tj
极限值和温度特性
TA = 25℃ 除非另有规定。
Maximum Ratings & Thermal Characteristics Ratings at 25℃ ambient temperature unless otherwise specified.
存储温度
单位
Unit
参数
Parameter
符号
Symbols
数值
Value
功率消耗
工作结温
-50 --- +150
Pd
Ts
1000
电特性 TA = 25℃ 除非另有规定。
Electrical Characteristics Ratings at 25℃ ambient temperature
型号
Type
稳压范围
Zener Voltage
测试条件
Test condition
反向特性
Reverese Current
动态电阻
Dynamic Resistance
VZ(V)
IZ(mA)
最小值MIN. 最大值MAX.
IR(μA)
测试条件
Test condition
VR(V)
rd(Ω)
最大值 MAX.
最大值 MAX.
IZ(mA)
测试条件
Test condition
额定值Nom.
12.35
13.65
14.25
15.75
15.20
16.80
11.4
1N4743A
1N4744A
1N4745A
9.9
12.2
17
15.5
19
5.0
5.0
5.0
SIYU R
Power Dissipation
Operating junction temperature
Storage temperature range
3.3
3.6
3.9
4.3
4.7
5.1
5.6
6.2
6.8
7.5
8.2
9.1
10
11
12
13
15
16
10
10
8.0
4.5
2.0
8.0
9.0
9.0
7.0
5.0
3.5
4.0
5.0
7.0
9.0
14
10
16
41
37
49
45
58
53
69
64
28
25
34
31
23
21
76
17
15.5
19
VF ≤ 1.2V @IF = 200mA
1N47 Series
大昌电子
DACHANG ELECTRONICS
·引线和管体皆符合RoHS标准 。
Lead and body according with RoHS standard
DO41 Glass
Unit:mm


유사한 부품 번호 - 1N4756A

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
1N4756A VISHAY-1N4756A Datasheet
40Kb / 4P
   Silicon Power Z-Diodes
Rev. 2, 01-Apr-99
1N4756A VISHAY-1N4756A Datasheet
81Kb / 4P
   Zener Diodes
Rev. 2.3. 13-Nov-12
logo
SEMTECH ELECTRONICS LTD...
1N4756A SEMTECH_ELEC-1N4756A Datasheet
302Kb / 4P
   SILICON PLANAR POWER ZENER DIODES
logo
Vishay Siliconix
1N4756A VISHAY-1N4756A Datasheet
77Kb / 4P
   Zener Diodes
Rev. 2.2, 08-Dec-11
logo
Fairchild Semiconductor
1N4756A FAIRCHILD-1N4756A Datasheet
56Kb / 5P
   COLOR BAND DENOTES CATHODE
More results

유사한 설명 - 1N4756A

제조업체부품명데이터시트상세설명
logo
MERITEK ELECTRONICS COR...
MSK MERITEK-MSK Datasheet
860Kb / 5P
   High reliability and stability.
logo
WALSIN TECHNOLOGY CORPO...
MA04X WALSIN-MA04X Datasheet
237Kb / 8P
   High reliability and stability
S242N100J502CT WALSIN-S242N100J502CT Datasheet
1Mb / 11P
   High reliability and stability
S342N100J252CT WALSIN-S342N100J252CT Datasheet
1Mb / 11P
   High reliability and stability
logo
Rugao Dachang Electroni...
1N52 DACHANG-1N52 Datasheet
121Kb / 2P
   High stability and high reliability
logo
WALSIN TECHNOLOGY CORPO...
SA04X WALSIN-SA04X Datasheet
234Kb / 8P
   High reliability and stability
MF12E WALSIN-MF12E Datasheet
763Kb / 10P
   High reliability and stability
SA04Y WALSIN-SA04Y Datasheet
467Kb / 8P
   High reliability and stability
logo
Ohmite Mfg. Co.
RES-METAL-DEVIL OHMITE-RES-METAL-DEVIL Datasheet
173Kb / 2P
   High Stability, Reliability
logo
Vishay Siliconix
SM5S10AT VISHAY-SM5S10AT Datasheet
113Kb / 5P
   High Temperature Stability and High Reliability Conditions
Revision: 03-Jul-15
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com