전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BCX55 데이터시트(PDF) 2 Page - Shenzhen Jin Yu Semiconductor Co., Ltd.

부품명 BCX55
상세설명  TRANSISTOR (NPN)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HTSEMI [Shenzhen Jin Yu Semiconductor Co., Ltd.]
홈페이지  http://www.htsemi.com
Logo HTSEMI - Shenzhen Jin Yu Semiconductor Co., Ltd.

BCX55 데이터시트(HTML) 2 Page - Shenzhen Jin Yu Semiconductor Co., Ltd.

  BCX55 Datasheet HTML 1Page - Shenzhen Jin Yu Semiconductor Co., Ltd. BCX55 Datasheet HTML 2Page - Shenzhen Jin Yu Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Parameter
Symbol
Test
conditions
Min
Typ
Max
Unit
BCX54
45
BCX55
60
Collector-base breakdown voltage
V(BR)CBO
IC=100µA,IE=0
BCX56
100
V
BCX54
45
BCX55
60
Collector-emitter breakdown voltage
V(BR)CEO
IC=1mA,IB=0
BCX56
80
V
Emitter-base breakdown voltage
V(BR)EBO
IE=100µA,IC=0
5
V
Collector cut-off current
ICBO
VCB=30V,IE=0
0.1
µA
Emitter cut-off current
IEBO
VEB=5V,IC=0
0.1
µA
hFE(1)
VCE=2V, IC=5mA
40
hFE(2)
VCE=2V, IC=150mA
63
250
DC current gain
hFE(3)
VCE=2V, IC=0.5A
25
Collector-emitter saturation voltage
VCE(sat)
IC=0.5A,IB=50mA
0.5
V
Base -emitter voltage
VBE
VCE=2V, IC=0.5A
1
V
Transition frequency
fT
VCE=5V,IC=10mA, f=100MHz
130
MHz
CLASSIFICATION OF hFE(2)
RANK
BCX54
BCX55
BCX56
BCX54-10
BCX55-10
BCX56-10
BCX54-16
BCX55-16
BCX56-16
RANGE
63–250
63–160
100–250
2 
Date:2011/05
www.htsemi.com
semiconductor
JinYu
ELECTRICAL CHARACTERISTICS (Ta=25
℃ unless otherwise specified)
BCX54 ,BCX55,BCX56


유사한 부품 번호 - BCX55

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
BCX55 PHILIPS-BCX55 Datasheet
42Kb / 8P
   NPN medium power transistors
Rev. 07 - 4 June 2007
logo
Nanjing International G...
BCX55 DGNJDZ-BCX55 Datasheet
1Mb / 3P
   SOT-89-3L Plastic-Encapsulate Transistors
logo
Central Semiconductor C...
BCX55 CENTRAL-BCX55 Datasheet
290Kb / 2P
   SURFACE MOUNT NPN SILICON TRANSISTOR
logo
Galaxy Semi-Conductor H...
BCX55 BILIN-BCX55 Datasheet
191Kb / 5P
   NPN Silicon AF Transistors
logo
Siemens Semiconductor G...
BCX55 SIEMENS-BCX55 Datasheet
146Kb / 5P
   NPN Silicon AF Transistors (For AF driver and output stages High collector current)
More results

유사한 설명 - BCX55

제조업체부품명데이터시트상세설명
logo
Unisonic Technologies
DTC114T UTC-DTC114T Datasheet
194Kb / 3P
   NPN DIGITAL TRANSISTOR NPN DIGITAL TRANSISTOR
logo
Shenzhen Jin Yu Semicon...
2SC4944 HTSEMI-2SC4944 Datasheet
850Kb / 1P
   DUAL TRANSISTOR (NPN NPN)
logo
Jiangsu Changjiang Elec...
IMX2 JIANGSU-IMX2 Datasheet
5Mb / 4P
   DUAL TRANSISTOR (NPNNPN)
UMX2N JIANGSU-UMX2N Datasheet
1Mb / 3P
   DUAL TRANSISTOR (NPNNPN)
logo
Rectron Semiconductor
MMDT3904 RECTRON-MMDT3904 Datasheet
263Kb / 5P
   DUAL TRANSISTOR (NPNNPN)
logo
Jiangsu Changjiang Elec...
MMDT3904 JIANGSU-MMDT3904 Datasheet
1Mb / 4P
   DUAL TRANSISTOR (NPNNPN)
EMX1 JIANGSU-EMX1 Datasheet
3Mb / 4P
   DUAL TRANSISTOR(NPNNPN)
BC847BV JIANGSU-BC847BV Datasheet
3Mb / 3P
   DUAL TRANSISTOR(NPN NPN)
EMX18 JIANGSU-EMX18 Datasheet
776Kb / 3P
   DUAL TRANSISTOR(NPNNPN)
UMX3N JIANGSU-UMX3N Datasheet
3Mb / 4P
   DUAL TRANSISTOR (NPNNPN)
UMX18N JIANGSU-UMX18N Datasheet
1Mb / 3P
   DUAL TRANSISTOR (NPNNPN)
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com